Part Number Hot Search : 
FM130 G915T22B 23A10 LTC4352 22B0400 MB90F LX5249 ATV622
Product Description
Full Text Search
 

To Download 1N5388B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TH97/2478
TH09/2479
IATF 0060636 SGS TH07/1033
1N5338B - 1N5388B
VZ : 5.1 - 200 Volts PD : 5 Watts
FEATURES :
* Complete Voltage Range 5.1 to 200 Volts * High peak reverse power dissipation * High reliability * Low leakage current * Pb / RoHS Free
SILICON ZENER DIODES
DO-15
0.142 (3.6) 0.102 (2.6)
1.00 (25.4) MIN.
0.300 (7.6) 0.230 (5.8)
MECHANICAL DATA :
* Case : DO-15 Molded plastic * Epoxy : UL94V-0 rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.4 gram
0.034 (0.86) 0.028 (0.71)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified
Rating
DC Power Dissipation at TL = 75 C (Note1) Maximum Forward Voltage at IF = 1 A Maximum Thermal Resistance Junction to Ambient Air (Note2) Junction Temperature Range Storage Temperature Range
Note : (1) TL = Lead temperature at 3/8 " (9.5mm) from body Fig. 1 POWER TEMPERATURE DERATING CURVE 5 4 3 2 1 0 0 25 50 75 100 125 150 TL, LEAD TEMPERATURE (C) 175
Symbol
PD VF RJA TJ Ts
Value
5.0 1.2 45 - 65 to + 200 - 65 to + 200
Unit
W V K/W C C
Fig. 2 TYPICAL THERMAL RESISTANCE 50 JUNCTION-TO-LEAD THERMAL RESISTANCE (C/W) 40 30 20 10 0
PD, MAXIMUM DISSIPATION (WATTS)
L = 3/8" (9.5mm)
200
0
0.2
0.4
0.6
0.8
1.0
LEAD LENGTH TO HEATSINK(INCH)
Page 1 of 3
Rev. 10 : March 9, 2010
TH97/2478
TH09/2479
IATF 0060636 SGS TH07/1033
ELECTRICAL CHARACTERISTICS (Rating at 25 C ambient temperature unless otherwise specified)
Nominal Zener Maximum Zener Impedance IZT (mA) 240 220 200 200 175 175 150 150 150 125 125 100 100 100 75 75 70 65 65 65 50 50 50 50 50 40 40 30 30 30 25 25 20 20 20 20 20 15 15 15 12 12 10 10 8.0 8.0 8.0 8.0 5.0 5.0 5.0 ZZT @ IZT () 1.5 1.0 1.0 1.0 1.0 1.5 1.5 2.0 2.0 2.0 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3.0 3.0 3.5 3.5 4.0 5.0 6.0 8.0 10 11 14 20 25 27 35 40 42 44 45 65 75 75 90 125 170 190 230 330 350 380 430 450 480 ZZK @ IZK () 400 400 300 200 200 200 200 200 150 125 125 125 100 75 75 75 75 75 75 75 75 100 110 120 130 140 150 160 170 190 210 230 280 350 400 500 620 720 760 760 800 1000 1150 1250 1500 1500 1650 1750 1750 1850 1850 IZK (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum Reverse Leakage Current IR @ VR (A) 1.0 1.0 1.0 1.0 10 10 10 10 7.5 5.0 5.0 2.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 (V) 1.0 2.0 3.0 3.0 5.2 5.7 6.2 6.6 6.9 7.6 8.4 9.1 9.9 10.6 11.5 12.2 12.9 13.7 14.4 15.2 16.7 18.2 19.0 20.6 21.2 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 45.5 47.1 51.7 56.0 62.2 66.0 69.2 76.0 83.6 91.2 98.8 106 114 122 129 137 144 152 Maximum DC Zener Current IZM (mA) 930 856 790 765 700 630 580 545 520 475 430 395 365 340 315 295 280 265 250 237 216 198 190 176 170 158 144 132 122 110 100 93.0 86.0 79.0 76.0 70.0 63.0 58.0 54.5 52.5 47.5 43.0 39.5 36.6 34.0 31.6 29.4 28.0 26.4 25.0 23.6
Type No.
Voltage VZ @ IZT (V)
1N5338B 1N5339B 1N5340B 1N5341B 1N5342B 1N5343B 1N5344B 1N5345B 1N5346B 1N5347B 1N5348B 1N5349B 1N5350B 1N5351B 1N5352B 1N5353B 1N5354B 1N5355B 1N5356B 1N5357B 1N5358B 1N5359B 1N5360B 1N5361B 1N5362B 1N5363B 1N5364B 1N5365B 1N5366B 1N5367B 1N5368B 1N5369B 1N5370B 1N5371B 1N5372B 1N5373B 1N5374B 1N5375B 1N5376B 1N5377B 1N5378B 1N5379B 1N5380B 1N5381B 1N5382B 1N5383B 1N5384B 1N5385B 1N5386B 1N5387B 1N5388B
5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 82 87 91 100 110 120 130 140 150 160 170 180 190 200
Note : (1) Suffix " B " indicates 5% tolerance, suffix " A " indicates 10% tolerance.
Page 2 of 3
Rev. 10 : March 9, 2010
TH97/2478
TH09/2479
IATF 0060636 SGS TH07/1033
RATING AND CHARACTERISTIC CURVES ( 1N5338B - 1N5388B )
Fig 3. Typical Thermal Response L, Lead Length = 3/8 Inch JL(t,D),Transient Thermal Resistance Junction-To-Lead (C/W)
20 10 5 2 1 0.5
D=0 0.2 0.001 D=0.5
D=0.2 D=0.1 DUTY CYCLE, D = t 1/t2 SINGLE PULSE TJL =JL(t)PPK NOTE:BELOW 0.1 SECOND, THERMAL RESPONSE CURVE IS APPLICABLE TO ANY LEAD LENGTH (L) REPETITIVE PULSE TJL =JL(t,D)PPK
PPK
t1 t2
D=0.05 D=0.01
0.005 0.01
0.05
0.1
0.5
1
5
10
50
100
t,TIME (SECONDS)
Fig.4 Maximum Non-Repetitive Surg Current versus Nominal Zener Voltage
Ir, PEAK SURGE CURRENT (AMPS) 20 10 4 2 1 0.4 0.2 0.1 3 4
*SQURE WAVE PW=1 ms* PW=8.3 ms*
Fig. 5 Peak Surg Current versus Pulse Width
Ir, PEAK SURGE CURRENT (AMPS) 30 20 10 5 2 1 0.5 0.2 0.1 1 10 100 1000
Vz = 200 V
40
Vz = 3.3 V
PW=100 ms* PW=1000 ms*
6 8 10
20
30 40
80
100
200
NORMINAL Vz (V)
PW, PULSE WIDTH (ms)
Page 3 of 3
Rev. 10 : March 9, 2010


▲Up To Search▲   

 
Price & Availability of 1N5388B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X