|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1N4728 thru 1N4764 Zener Diodes PRODUCT SUMMARY VZ Range: 3.3 to 100 Volts Power Dissipation: 1.0 W FEATURES Silicon Planar Power Zener Diodes. For use in stabilizing and clipping circuits with high power rating. Standard Zener voltage tolerance is 10%. Add suffix "A" for 5% tolerance. Other Zener voltages and tolerances are available upon request. These diodes are also available in the MELF case with type designation 1N4728 thru 1N4764 For bidirectional product, contact local Technical Sales office. Note: Suffix: "-P" to order Molded Plastic Package Suffix: "-G" to order Molded Glass Package MECHANICAL DATA Case: DO-41 Glass or DO-41 Plastic Case Weight: approx. 0.35g Pb-free; RoHS-compliant MAXIMUM RATINGS AND THERMAL CHARACTERISTICS (Ratings at 25 C ambient temperature unless otherwise specified.) Parameter Zener current Power dissipation at Tamb=50oC Thermal resistance junction to ambient air Junction temperature Storage temperature range Ptot RJA Tj TS Symbol Value See Next Page 1.0 170 (1) o Unit W o (1) C/W o 175 -65 to +175 C C o Notes: 1. Valid provided that electrodes at a distance of 10mm from case are kept at ambient temperature. 02/15/2008 Rev.1.00 www.SiliconStandard.com 1 1N4728 thru 1N4764 ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted) Maximum VF=1.2V at IF=200mA Maximum reverse leakage current IR (uA) 100 100 50 10 10 10 10 10 10 10 10 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 at V R (Volts) 1 1 1 1 1 1 2 3 4 5 6 7 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0 Surge current at TA=25oC IR (mA) 1380 1260 1190 1070 970 890 810 730 660 605 550 500 454 414 380 344 304 285 250 225 205 190 170 150 135 125 115 110 95 90 80 70 65 60 55 50 45 Maximum regulator current (2) at TA=50oC IZM (mA) 276 252 234 217 193 178 162 146 133 121 110 100 91 83 76 69 61 57 50 45 41 38 34 30 27 25 23 22 19 18 16 14 13 12 11 10 9 Type number 1N4728 1N4729 1N4730 1N4731 1N4732 1N4733 1N4734 1N4735 1N4736 1N4737 1N4738 1N4739 1N4740 1N4741 1N4742 1N4743 1N4744 1N4745 1N4746 1N4747 1N4748 1N4749 1N4750 1N4751 1N4752 1N4753 1N4754 1N4755 1N4756 1N4757 1N4758 1N4759 1N4760 1N4761 1N4762 1N4763 1N4764 Nominal z en er voltage (3) at IZT VZ (Volts) 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 Test current Maximum z ener impedance ZZT at IZT () 10 10 9 9 8 7 5 2 3.5 4.0 4.5 5.0 7 8 9 10 14 16 20 22 23 25 35 40 45 50 60 70 80 95 110 125 150 175 200 250 350 ZZK () 400 400 400 400 500 550 600 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000 (1) IZT (mA) 76 69 64 58 53 49 45 41 37 34 31 28 25 23 21 19 17 15.5 14 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.7 3.3 3.0 2.8 2.5 at IZK (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 Notes: 1. The Zener impedance is derived from the 1KHZ AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units 2. Valid provided that electrodes at a distance of 10 mm from case are kept at ambient temperature 3. Measured under thermal equilibrium and DC test conditions 02/15/2008 Rev.1.00 www.SiliconStandard.com 2 1N4728 thru 1N4764 RATINGS AND CHARACTERISTIC CURVES (TA=25 C unless otherwise noted) o Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of Silicon Standard Corporation or any third parties. 02/15/2008 Rev.1.00 www.SiliconStandard.com 3 |
Price & Availability of 1N4732 |