Part Number Hot Search : 
7EREH601 LM7812 VIPER12A B0520LW TL431A VP11C 91000 LB361
Product Description
Full Text Search
 

To Download 1812CS-102XJL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 105-1
Chip Inductors - 1812CS Series (4532)
* Higher SRF values than 1812 size parts with ferrite cores * 5% tolerances for all values * 19 inductance values from 1.0 to 33 H Inductance2 (H) 1.0 @ 7.9 MHz 1.2 @ 7.9 MHz 1.5 @ 7.9 MHz 1.8 @ 7.9 MHz 2.2 @ 7.9 MHz 2.7 @ 7.9 MHz 3.3 @ 7.9 MHz 3.9 @ 7.9 MHz 4.7 @ 7.9 MHz 5.6 @ 7.9 MHz 6.8 @ 7.9 MHz 8.2 @ 7.9 MHz 10 @ 7.9 MHz 12 @ 2.5 MHz 15 @ 2.5 MHz 18 @ 2.5 MHz 22 @ 2.5 MHz 27 @ 2.5 MHz 33 @ 2.5 MHz Percent tolerance3 5 5 5,2 5 5,2 5,2 5,2 5,2 5 5 5 5,2 5 5 5,2 5 5,2 5 5,2
Request free evaluation samples by contacting Coilcraft or visiting www.coilcraft.com.
Part number1 1812CS-102XJL_ 1812CS-122XJL_ 1812CS-152X_L_ 1812CS-182XJL_ 1812CS-222X_L_ 1812CS-272X_L_ 1812CS-332X_L_ 1812CS-392X_L_ 1812CS-472XJL_ 1812CS-562XJL_ 1812CS-682XJL_ 1812CS-822X_L_ 1812CS-103XJL_ 1812CS-123XJL_ 1812CS-153X_L_ 1812CS-183XJL_ 1812CS-223X_L_ 1812CS-273XJL_ 1812CS-333X_L_
Q min4 60 @ 50 MHz 62 @ 50 MHz 65 @ 50 MHz 68 @ 50 MHz 63 @ 50 MHz 63 @ 50 MHz 65 @ 50 MHz 69 @ 50 MHz 63 @ 50 MHz 59 @ 50 MHz 60 @ 50 MHz 47 @ 50 MHz 36 @ 50 MHz 35 @ 10 MHz 34 @ 10 MHz 30 @ 10 MHz 32 @ 10 MHz 29 @ 10 MHz 20 @ 10 MHz
SRF min5 (MHz) 310 230 210 190 170 160 145 130 115 100 90 80 70 60 50 45 40 30 20
DCR max6 (Ohms) 1.2 1.2 1.6 2.0 2.2 3.2 3.8 5.0 5.4 5.7 6.6 7.0 7.7 8.7 9.6 10.5 11.5 12.5 13.5
Irms7 (mA) 480 480 430 380 340 300 270 240 230 220 210 200 190 180 170 160 155 150 145
1. When ordering, specify tolerance, termination and packaging codes: 1812CS-333XGLC Tolerance: G = 2% J = 5% (Table shows stock tolerances in bold.) Termination: L = RoHS compliant silver-palladium-platinum-glass frit. Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: C = 7 machine-ready reel. EIA-481 embossed plastic tape (600 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter C instead. D = 13 machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked (2200 parts per full reel). 2. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/HP 4286A impedance analyzer with Coilcraft-provided correlation pieces. 3. Tolerances in bold are stocked for immediate shipment. 4. Q measured using an Agilent/HP 4291A with an Agilent/HP 16193 test fixture. 5. SRF measured using an Agilent/HP 8753D network analyzer and a Coilcraft SMD-D test fixture. 6. DCR measured on a Cambridge Technology micro-ohmmeter and a Coilcraft CCF859 test fixture. 7. Current that causes a 15C temperature rise from 25C ambient. 8. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
Designer's Kit C337 contains 10 of each 5% part Core material Ceramic Terminations RoHS compliant silver-palladium-platinum-glass frit. Other terminations available at additional cost. Weight 109 - 128 mg Ambient temperature -40C to +125C with Irms current, +125C to +140C with derated current Storage temperature Component: -40C to +140C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/C Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) One per billion hours / one billion hours, calculated per Telcordia SR-332 Packaging 600 per 7 reel; 2200 per 13 reel. Plastic tape: 12 mm wide, 0.3 mm thick, 8 mm pocket spacing, 3.7 mm pocket depth PCB washing Only pure water or alcohol recommended
Specifications subject to change without notice. Please check our website for latest information.
Document 105-1
Revised 04/16/09
(c) Coilcraft, Inc. 2009
Document 105-2
Chip Inductors - 1812CS Series (4532)
Typical Q vs Frequency
80
Typical L vs Frequency
40
1.8 H 3.9 H
33.0 H
70 60 50
30
Inductance (H)
Q Factor
8.2 H
22.0 H
40 30
20
15.0 H
15.0 H 22.0 H
20
10
33.0 H
8.2 H 3.9 H 1.8 H
10 0 1 10 100
0 1 10 100 1000
Frequency (MHz)
Frequency (MHz)
Irms Derating
120 110 100
A
B overall F G F E terminal
C I J I D Terminal wraparound: approx 0.015/0,38 both ends
H
Percent of rated Irms
90 80 70 60 50 40 30
Recommended Land Pattern
A max
25C
B max 3,81
C max 3,43
D ref 1,78
E 2,54
F 0,64
G 3,25
H 3,05
I
J 3,00 mm
0.195 0.150 0.135 0.070 0.100 0.025 0.128 0.120 0.045 0.118 inches 4,95 1,14
20 10 0 -40 -20 0 20
40
60
80
100
120 140
Ambient temperature (C)
Specifications subject to change without notice. Please check our website for latest information.
Document 105-2
Revised 04/16/09
(c) Coilcraft, Inc. 2009


▲Up To Search▲   

 
Price & Availability of 1812CS-102XJL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X