Part Number Hot Search : 
1310A 23990 2800A ZXSC410 216X7 MC3303PT BR120 ST3232BN
Product Description
Full Text Search
 

To Download 14KESD48A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.4KESD5.0 thru 1.4KESD170CA, e3 AXIAL-LEAD TVS
SCOTTSDALE DIVISION
DESCRIPTION These small axial-leaded TVS devices feature the ability to clamp dangerous high voltage short-term transients such as produced by directed or radiated electrostatic discharge phenomena before entering sensitive component regions of a circuit design. They are small economical transient voltage suppressors targeted primarily for short-term transients below a few microseconds while still achieving significant peak-pulse-power capability as illustrated in Figure #1.
APPEARANCE
WWW .Microsemi .C OM
DO-35 (DO-204AH)
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
FEATURES
* Excellent protection in clamping direct ESD level transients in excess of 15,000 V per MIL-STD-750, Method 1020 (approx. 150 ns exponential wave) * Absorbs ESD level transients* of 1400 Watts per MILSTD-750, Method 1020 (approx. 150 ns exponential wave, or one microsecond transients up to 400 watts. See Figure #1 and #2 for overall transient Peak Pulse Power. * Clamps Transients in less than 100 picoseconds * Working Stand-off Voltage range of 5 V to 170 V * Hermetic DO-35 Package. Also available in surface mount DO-213AA MELF package (see separate data sheet) * RoHS Compliant devices available by adding "e3" suffix
APPLICATIONS / BENEFITS
* Protects Sensitive circuits from short duration fast rise time transients such as Electrostatic Discharge (ESD) or Electrical Fast Transients (EFT) * Low inherent capacitance for high-frequency applications (See Figure #4) * Flexible axial-lead mounting terminals * Bidirectional features available by adding a "C" or "CA" suffix
MAXIMUM RATINGS
* 400 Watts for One Microsecond Square Wave or 1400 watts per ESD Wave form of MIL-STD-750, method 1020. * See Surge Rating curve in Figures #1 and 2. o o * Operating and storage temperature -65 C to 175 C o * THERMAL RESISTANCE: Less than 250 C/W junction to lead at 0.375 inches from body. * DC power dissipation 500 mW at TL = 75oC at 3/8 inch (10 mm) lead length from body. * Derate at 2.3 W/oC above 25oC for PPP (1s) and at o o 5 mW/ C above 100 C for dc power. o * Forward Surge Current 50 amps for 1s at TL = 25 C (rise time > 100 ns).
MECHANICAL AND PACKAGING
* CASE: Hermetically sealed axial-lead glass DO-35 (DO-204AH) package * FINISH: Tin-lead or RoHS Compliant matte-Tin plating solderable per MIL-STD-750, method 2026 * POLARITY: Banded end is cathode * WEIGHT: 0.2 grams (typical) * MARKING: Part number * TAPE & REEL option: Standard per EIA-296 (add "TR" suffix to part number) * See package dimension on last page
1.4KESD5.0 thru 1.4KESD170A, e3
Copyright (c) 2006 3-29-2006 REV B
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
1.4KESD5.0 thru 1.4KESD170CA, e3 AXIAL-LEAD TVS
SCOTTSDALE DIVISION
ELECTRICAL CHARACTERISTICS
REVERSE STAND-OFF VOLTAGE VWM VOLTS
1.4KESD5.0 1.4KESD5.0A 1.4KESD6.0 1.4KESD6.0A 1.4KESD6.5 1.4KESD6.5A 1.4KESD7.0 1.4KESD7.0A 1.4KESD7.5 1.4KESD7.5A 1.4KESD8.0 1.4KESD8.0A 1.4KESD8.5 1.4KESD8.5A 1.4KESD9.0 1.4KESD9.0A 1.4KESD10 1.4KESD10A 1.4KESD11 1.4KESD11A 1.4KESD12 1.4KESD12A 1.4KESD13 1.4KESD13A 1.4KESD14 1.4KESD14A 1.4KESD15 1.4KESD15A 1.4KESD16 1.4KESD16A 1.4KESD17 1.4KESD17A 1.4KESD18 1.4KESD18A 1.4KESD20 1.4KESD20A 1.4KESD22 1.4KESD22A 1.4KESD24 1.4KESD24A 1.4KESD26 1.4KESD26A 1.4KESD28 1.4KESD28A 1.4KESD30 1.4KESD30A 1.4KESD33 1.4KESD33A 1.4KESD36 1.4KESD36A 1.4KESD40 1.4KESD40A 1.4KESD43 1.4KESD43A 1.4KESD45 1.4KESD45A 1.4KESD48 1.4KESD48A 1.4KESD51 1.4KESD51A 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30 33 33 36 36 40 40 43 43 45 45 48 48 51 51
WWW .Microsemi .C OM
TYPE NUMBER*
BREAKDOWN VOLTAGE VBR MINIMUM V(BR) VOLTS
6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36. 7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7
BREAKDOWN CURRENT I(BR) mA
10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
MAXIMUM STANDBY CURRENT ID @ VWM A
600 600 600 600 400 400 150 150 50 50 25 25 5 5 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
MAXIMUM CLAMPING VOLTAGE VC @ IPP VOLTS
13.7 13.2 14.8 14.0 16.0 15.2 17.3 16.4 18.5 17.5 19.8 18.7 20.9 19.8 22.2 21.1 24.7 23.4 27.1 25.7 29.6 28.0 32.0 30.3 31.2 29.5 33.4 31.7 35.6 33.8 37.8 35.8 40.0 37.9 44.4 42.0 48.8 46.2 53.4 50.6 57.8 54.7 62.2 59.0 66.6 63.1 73.4 69.6 80.0 75.8 88.8 84.2 95.6 90.5 100.0 94.8 106.6 101.0 113.4 107.5
PEAK PULSE CURRENT IPP** AMPS
29.20 29.85 27.00 28.50 24.94 26.32 23.12 24.42 21.57 22.81 20.20 21.37 19.10 20.16 18.02 18.96 16.19 17.09 14.76 15.56 13.51 14.29 12.50 13.20 12.81 13.60 11.98 12.63 11.22 11.85 10.58 11.17 10.00 10.56 9.02 9.52 8.20 8.66 7.49 7.91 6.93 7.31 6.43 6.79 6.01 6.34 5.45 5.75 5.00 5.28 4.50 4.75 4.18 4.42 4.00 4.22 3.75 3.96 3.53 3.72
1.4KESD5.0 thru 1.4KESD170A, e3
Copyright (c) 2006 3-29-2006 REV B
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
1.4KESD5.0 thru 1.4KESD170CA, e3 AXIAL-LEAD TVS
SCOTTSDALE DIVISION
TYPE NUMBER*
1.4KESD54 1.4KESD54A 1.4KESD58 1.4KESD58A 1.4KESD60 1.4KESD60A 1.4KESD64 1.4KESD64A 1.4KESD70 1.4KESD70A 1.4KESD75 1.4KESD75A 1.4KESD78 1.4KESD78A 1.4KESD85 1.4KESD85A 1.4KESD90 1.4KESD90A 1.4KESD100 1.4KESD100A 1.4KESD110 1.4KESD110A 1.4KESD120 1.4KESD120A 1.4KESD130 1.4KESD130A 1.4KESD150 1.4KESD150A 1.4KESD160 1.4KESD160A 1.4KESD170 1.4KESD170A
REVERSE STAND-OFF VOLTAGE VWM VOLTS
54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170
BREAKDOWN VOLTAGE VBR MINIMUM V(BR) VOLTS
60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100.0 100.0 111.0 111.0 122.0 122.0 133.0 133.0 144.0 144.0 167.0 167.0 178.0 178.0 189.0 189.0
BREAKDOWN CURRENT I(BR) mA
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
MAXIMUM STANDBY CURRENT ID @ VWM A
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
MAXIMUM CLAMPING VOLTAGE VC @ IPP VOLTS
120.0 113.7 128.9 122.0 133.4 126.4 142.2 134.7 155.6 147.4 166.8 158.0 173.4 164.3 188.5 178.6 199.8 189.9 222.3 210.6 243.9 213.3 266.4 252.0 288.0 273.0 333.9 316.8 356.4 337.5 378.0 358.2
PEAK PULSE CURRENT IPP** AMPS
3.33 3.52 3.10 3.28 3.00 3.17 2.81 2.97 2.57 2.71 2.40 2.53 2.31 2.44 2.12 2.24 2.00 2.11 1.80 1.90 1.64 1.73 1.50 1.59 1.39 1.47 1.20 1.26 1.12 1.19 1.06 1.12
WWW .Microsemi .C OM
* For bidirectional, add a "C" or "CA" suffix after the part number, e.g. 1.4KESD5.0C or 1.4KESD5.0CA for the 1.4KESD5.0 or 1.4KESD5.0A part numbers respectively. Capacitance will be one-half that shown in Figure 4 at zero volts. ** At 400 watts 1s square wave rating (See Figures 1 and 2).
OUTLINE AND CIRCUIT
PPP - Peak Pulse Power
1.4KESD5.0 thru 1.4KESD170A, e3
tp - Pulse Time FIGURE 1 Peak Pulse Power vs. Pulse Width
(*Exponential Wave Form Pulse Width to 50% Decay of Peak.) Copyright (c) 2006 3-29-2006 REV B
FIGURE 3
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
1.4KESD5.0 thru 1.4KESD170CA, e3 AXIAL-LEAD TVS
SCOTTSDALE DIVISION
WWW .Microsemi .C OM
Clamping Factor VC/V(BR)
Breakdown Voltage V(BR) in Volts
FIGURE 2 Clamping Factor vs. Breakdown Voltage for Various Power Levels
FIGURE 4 Capacitance vs. V(BR) for unidirectional. For Bidirectional, value is one-half that shown at zero volts.
PACKAGE DIMENSIONS
1.4KESD5.0 thru 1.4KESD170A, e3
DO-35
Copyright (c) 2006 3-29-2006 REV B
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 4


▲Up To Search▲   

 
Price & Availability of 14KESD48A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X