Part Number Hot Search : 
BAT40 TVT15AW 316MS8E IP122 90W10 80N6F P125K 1C474
Product Description
Full Text Search
 

To Download 1206LGCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hebei I.T. (Shanghai) Co., Ltd.
SMD SPECIFICATION
Part No./: 1206LGCT
1Features/
Emitting Color/Green Lens Type/Water Clear Device Outline/3.2x1.6x1.1mm Dice material/InGaN
2Applications/
Biaclight for MobileMachine Vision LCD Display/
Backlight in Dashboard and swith of Automive/
3Outline Dimensions/
SPATIAL DISTRIBUTION
1.0 0.9 0.8
0.7 0.5 0.3 0.1 0 0.2 0.4 0.6
www.ledz.com
1/3
Hebei I.T. (Shanghai) Co., Ltd.
SMD SPECIFICATION
Part No./: 1206LGCT
4Absolute maximum ratings/Ta = 25
Parameter Power Dissipation Reverse Voltage Pulse Current Forward Current Operating Temperature Storage Temperature Symbol Pd VR IFp IFm Topr Tstr Test Condition ---- IR = 30A Duty=0.11kHz ---- ---- ---- Value Min. ---- 5 ---- ---- -30 -40 Max. 100 ---- 80 20 +80 +100 Unit mW V mA mA
5Electrical and optical characteristics/Ta = 25
Parameter Forward Voltage Reverse Current Dominate Wavelength Peak Wavelength Spectral Line half-width Luminous Intensity Viewing Angle Symbol VF IR d p
IV
Test Condition IF =20mA VR=5V IF=20mA IF=20mA IF=20mA IF=20mA IF=20mA
Value Min. 2.9 ---- ---- ---- ---- 140 ---- Typ. ---- ---- 523 523 35 360 120 Max. 3.5 50 ---- ---- ---- ---- ----
Unit V A nm nm nm mcd Deg.
21/2
www.ledz.com
2/3
Hebei I.T. (Shanghai) Co., Ltd.
SMD SPECIFICATION
Part No./: 1206LGCT
6Typical electrical/optical characteristic curves/
25 Forward Current(mA) 20 15 10 5 0 2.0 FORWARD CURRENT Vs FORWARD VOLTAGE 5.0 Luminous Intensity Relative Value at IF=5mA 4.0 3.0 2.0 1.0 0 0 5 10 15 20 IF-Forward Current (mA) 25 LUMINOUS INTENSITY Vs. FORWARD CURRENT
2.4 2.8 3.2 3.6 Forward Voltage(V)
4.0
Relative Luminous Intensity
50 Forward Current(mA) 40 30 20 10 0 0
FORWARD CURRENT DERATING CURVE
LUMINOUS INTENSITY Vs. AMBIENT TEMPERATURE 2.5 2.0 1.5 1.0 0.5 0 -40 -20 60 80 40 0 20 Ambient Temperature TA ( ) 100
20
40
60
80
100
Ambient Temperature TA ( )
100 75 50 25 0 400 450 550 500 600 W a v e le n g th (n m ) 650 700
www.ledz.com
3/3


▲Up To Search▲   

 
Price & Availability of 1206LGCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X