Part Number Hot Search : 
GPS40B12 BE002 EQW025 0ETTTS B3572 200BG KSA1220 BA7358
Product Description
Full Text Search
 

To Download 10268-5JBEPC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3MTM Mini D Ribbon (MDR) Connectors
.050" Boardmount Through-Hole Right Angle Receptacle - Shielded, SCSI-2 Layout 102 Series
* Wiper-on-wiper contact for reliable repetitive plugging * Rugged die cast metal case construction * Ground lock for reliable PCB retention * Interface latch design for connection stability * 68 position * Reverse pin layout pattern - SCSI-2 layout compatible * SeetheRegulatoryInformationAppendix(RIA)in the"RoHScompliance"sectionof www.3mconnectors.comforcomplianceinformation (RIAE1&C1apply)
Date Modified: July 21, 2009 TS-2216-C Sheet 1 of 3
Physical
Insulation Material: Glass Reinforced Polyester (PBT)
Insulation Flammability: UL 94V-0 Insulation Color: Black Contact Material: Copper Alloy
Plating:
Underplating: 80 " [ 2.03 m ] Nickel Wiping Area: 30 " [ 0.76 m ] Min. Gold over Nickel Solder Tail Plating: Gold Flash over Nickel (RIA E1 & C1 apply) Body Material: Zinc Alloy Body Plating: Nickel Ground Lock Material: Copper Alloy Plating: Matte Tin Shroud and Latch Hook Material: Steel Shroud and Latch Hook Plating: Nickel
Marking: 3M Logo and Part Number
Electrical
Current Rating: 1 A Insulation Resistance: > 5 x 108 at 500 VDC Withstanding Voltage: 500 VRMS for 1 Minute
Environmental
Temperature Rating: -55C to +105C Process Rating: Solder Dip Test - 260C for 10 sec, 2 times after 100C max. preheat, 60 sec
max. duration
UL File No.: E68080 3
Electronic Solutions Division Interconnect Solutions http://www.3M.com/interconnects/ 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373
3MTM Mini D Ribbon (MDR) Connectors
.050" Boardmount Through-Hole Right Angle Receptacle - Shielded, SCSI-2 Layout 102 Series
68 Position Receptacle
POSITION 3 POSITION 2 POSITION 1 2.51 [63.8] 1.650 [41.91] POSITION 2.28 [57.9] .19 [4.8] 0.016 SQ [0.40] 0.075 [1.9]
.26 [6.7] .45 [11.5]
.21 [5.3] LAST POSITION
1.85 [46.9] 2.12 [53.8]
.05 [1.3] .05 [1.3]
.28 [7.2]
.19 [4.8]
2X M2.5 THD .19 [4.8] POSITION 1 POSITION 2
.25 [6.3] .37 [9.4]
TAIL LENGTH = .10 [2.5]
.05 [1.27] LAST POSITION POSITION
15
2X .09 [2.2] GROUND LOCK
Inch (mm) Tolerance Unless Noted
C
Inch
( ) Dimensions used for Reference Only
.0 .1
.00 .01
.000 .005
TS-2216-C Sheet 2 of 3
3
Electronic Solutions Division Interconnect Solutions http://www.3M.com/interconnects/
3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373
3MTM Mini D Ribbon (MDR) Connectors
.050" Boardmount Through-Hole Right Angle Receptacle - Shielded, SCSI-2 Layout 102 Series
Recommended PC Board Layout
POSITION 2 POSITION 3 O.028.003 [O.70.08] .24 [6.1] .16 [4.1] O.105.003 [O2.67.08] LAST POSITION 2.281.004 [57.93.10] 1.65 [41.9] POSITION 1
.20 TYP [5.0] .16 TYP [4.0] .075 TYP [1.90]
.050 TYP [1.27]
.18 MAX [4.6] EDGE OF PC BOARD POSITION
.319.004 [8.10.10] 2.134.004 [54.20.10] 2.281.004 [57.93.10]
R.060 [R1.52]
Recommended Panel Cut-Out
Inch (mm) Tolerance Unless Noted
Inch
( ) Dimensions used for Reference Only
.0 .1
.00 .01
.000 .005
Note: Panel thickness .079 [ 2.00 ] max.
Ordering Information
10268 - 5JBEPC
TS-2216-C Sheet 3 of 3
3
Electronic Solutions Division Interconnect Solutions http://www.3M.com/interconnects/
3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373
Important Notice All statements, technical information, and recommendations related to 3M's products are based on information believed to be reliable, but the accuracy or completeness is not guaranteed. Before using this product, you must evaluate it and determine if it is suitable for your intended application. You assume all risks and liability associated with such use. Any statements related to the product which are not contained in 3M's current publications, or any contrary statements contained on your purchase order shall have no force or effect unless expressly agreed upon, in writing, by an authorized officer of 3M. Warranty; Limited Remedy; Limited Liability. This product will be free from defects in material and manufacture for a period of one (1) year from the time of purchase. 3M MAKES NO OTHER WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the warranty period stated above, your exclusive remedy shall be, at 3M's option, to replace or repair the 3M product or refund the purchase price of the 3M product. Except where prohibited by law, 3M will not be liable for any indirect, special, incidental or consequential loss or damage arising from this 3M product, regardless of the legal theory asserted.
3M Electronics Solutions Division
6801 River Place Blvd. Austin, TX 78726-9000 U.S.A. 1-800-225-5373 www.3mconnectors.com
Please recycle. Printed in USA. (c) 3M 2009. All rights reserved.
3M is a trademark of 3M Company.


▲Up To Search▲   

 
Price & Availability of 10268-5JBEPC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X