Part Number Hot Search : 
2SC327 3000662 2SJ0675 15111 BRR1A 4ACT2 AD8801 NTE709
Product Description
Full Text Search
 

To Download ZMM55C10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZV55C/ZMM55C-SERIES
ZENER DIODES
Zener Voltage:2.4-180V Peak Pulse Power:500mW
FEATURE
MINI MELF Low zener impedance Low regulation factor Glass passivated junction High temperature soldering guaranteed: 260 C/10S at terminals
0.063(1.6) 0.055(1.4)
0.020(0.5) 0.012(0.3) 0.146(3.7) 0.130(3.3)
0.020(0.5) 0.012(0.3)
MECHANICAL DATA
Case: MINI MELF molded glass body Terminals: Plated axial leads, solderable per MIL-STD 750, method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.002 ounce,0.05 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. SYMBOLS VALUE UNITS
Zener Current see Table Characteristics Power Dissipation at Tamb=25 C(Note 1) Junction Temperature Storage Temperature Range Thermal resistance junction ambient(Note 1) Forward voltage at IF=100mA
Ptot Tj TSTG RqJA VF 500 200 -65 to + 200 0.3 1.0 mW C C K/mW V
Note 1: Valid provided that leads at a distance of 10mm from case are kept at ambient temperature
www.shunyegroup.com
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
Nominal Maximum Zener Test ZenerVoltage Current Impedance Vz@IZT IZT ZZT@IZT ZZk@IZK IZK Min Max mA Ohms Ohms mA
2.28 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 77 85 94 104 114 124 138 153 168 188 2.56 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 80 87 96 106 116 127 141 156 171 191 212 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 85 85 85 85 85 85 75 60 35 25 10 8 7 7 10 15 20 20 26 30 40 50 55 55 80 80 80 80 80 90 90 110 125 135 150 200 250 300 450 450 600 800 1000 1200 1500 1800 2000 600 600 600 600 600 600 600 600 550 450 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 220 220 220 220 500 600 700 700 1000 1000 1000 1500 2000 5000 5000 5000 5000 5000 5000 5000 5000 5000 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
Device Type
BZV/ZMM55C2V4 BZV/ZMM55C2V7 BZV/ZMM55C3V0 BZV/ZMM55C3V3 BZV/ZMM55C3V6 BZV/ZMM55C3V9 BZV/ZMM55C4C3 BZV/ZMM55C4V7 BZV/ZMM55C5V1 BZV/ZMM55C5V6 BZV/ZMM55C6V2 BZV/ZMM55C6V8 BZV/ZMM55C7V5 BZV/ZMM55C8V2 BZV/ZMM55C9V1 BZV/ZMM55C10 BZV/ZMM55C11 BZV/ZMM55C12 BZV/ZMM55C13 BZV/ZMM55C15 BZV/ZMM55C16 BZV/ZMM55C18 BZV/ZMM55C20 BZV/ZMM55C22 BZV/ZMM55C24 BZV/ZMM55C27 BZV/ZMM55C30 BZV/ZMM55C33 BZV/ZMM55C36 BZV/ZMM55C39 BZV/ZMM55C43 BZV/ZMM55C47 BZV/ZMM55C51 BZV/ZMM55C56 BZV/ZMM55C62 BZV/ZMM55C68 BZV/ZMM55C75 BZV/ZMM55C82 BZV/ZMM55C91 BZV/ZMM55C100 BZV/ZMM55C110 BZV/ZMM55C120 BZV/ZMM55C130 BZV/ZMM55C150 BZV/ZMM55C160 BZV/ZMM55C180 BZV/ZMM55C188
Maximum Maximum Reverse Typical Leakage Current Temperature Regulator Current Coefficient @VR IR IZM m A mA (%/ C) Volts
50 10 4.0 2.0 2.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 5.0 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 -0.085 -0.080 -0.075 -0.070 -0.065 -0.060 +0.055 +0.030 +0.030 +0.038 +0.045 +0.050 +0.058 +0.062 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.083 +0.085 +0.086 +0.087 +0.088 +0.090 +0.091 +0.092 +0.093 +0.094 +0.095 +0.095 +0.096 +0.096 +0.096 +0.096 +0.096 +0.096 +0.096 +0.096 +0.096 +0.096 +0.096 +0.096 +0.096 +0.096 +0.096 155 135 125 115 105 95 90 85 80 70 64 58 53 74 43 40 36 32 29 27 24 21 20 18 16 14 13 12 11 10 9.2 8.5 7.8 7.0 6.4 5.9 5.3 4.8 4.4 4.0 3.6 3.3 3.0 2.6 2.5 2.2 2.0
www.shunyegroup.com
RATINGS AND CHARACTERISTIC CURVES BZV/ZMM55-SERIES
Breakdown characteristics
mA 50 Iz,TEST CURRENT,MILLIAMPERS 5 10 15 20 25 30 V
40
30
20
Test Current Iz=5mA
10
0
Ptot,POWER DISSIPATION,MILLIWATTS
2V4
6V8 6V2 5V6 5V1 4V7 4V3 3V9 3V3
Admissible power dissipation versus ambient temperature Valid provided that leads are kept at ambient temperature at a distance of 10mm from case 500 400 300 200 100 0
9V1 0
www.shunyegroup.com
12 11 50
Vz,ZENER VOLTAGE,volts
100
AMBIENT TEMPERATURE, C
15 150
200
20
22 250
24
27


▲Up To Search▲   

 
Price & Availability of ZMM55C10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X