Part Number Hot Search : 
2N3887 BR601 SA200 LHC12SA3 A1384 SMP92 ENA1338 LSM145J
Product Description
Full Text Search
 

To Download WFH330L100JE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WFH Series
L
o4.5
Aluminum Housed Wirewound Power
12.6
6.3
0.8
13.6
8
41 51
Amp terminal
15
Ohmite's new flat core winding technology allows for wirewound heatsinkable resistors affording a very low profile, and superior thermal transfer characteristics when compared to conventional aluminum housed wirewound resistors. Close mounting of heat sensitive components is possible due to only a slight rise of the temperature on the aluminum profile. No heat sink compound is required because of large mounting surface.
SPECIFICATIONS
Power rating: 90W-330W Resistance tolerance: 5%, 10% Temperature Coefficients: Normal: 50ppm - 150ppm Low ohmic values: 400ppm Dielectric strength: 2500 VAC peak Working voltage: 1200 VAC Test voltage: 6000 VAC Lead wire: (wire terminal version only): XLPE, 600V, 125C, 18 AWG stranded Insulation: Silicone Rubber & Mica. The Silicone is ULrecognised (UL 94 HB) to a working temperature of 220C. Temperatures of up to 300C can be endured for shorter periods. This may however cause an expansion of the silicone rubber with a possibility of reducing the dielectric strength.
FEATURES
* Solder, wire and "Fast-On" Termination * More resistors in one profile possible * Custom wire lengths available
B A
10
300
o2.2
4.8
POWER DISSIPATION
350 300
W/Resistor
0.6
6
250 200 150 100
WFH330 WFH230 WFH160
WFH90
Lug terminal
Power Rating* (watts) 90 160 230 330 Resistance Range () 0.22 - 6.8K 0.47-18K 0.82-27K 1 - 39K
Wire terminal
50 0
Type WFH90 WFH160 WFH230 WFH330
Dimension (mm) A B L 70 39.7 53 140 80 123 210 2x 80 193 280 2x 100 263
80 100 120 140 Heat Sink Temperature, C This graph shows the maximum wattage rating for each possible resistor of standard size corresponding to the heat sink temperature. It is assumed that all resistors are equally loaded.
40
60
THERMAL RESISTANCES
Thermal Resistance (C/W) between different measuring points RTH1 RTH2 RTH3 RTH4 WFH90 WFH160 WFH230 WFH330 2 1 0.75 0.5 6.8 3.9 2.75 2 0.1 0.05 0.03 0.02 0.3 0.17 0.1 0.085
resistor surface to heat sink
*at 40C base plate temperature
RTH4
aluminum housing to air
RTH2
DESIGNING
The following equations are applied in the dimensioning of the resistors at stationary load. If more information is required please consult Ohmite. It is assumed that the air around the resistors is stationary (worst case). See ohmite.com for more examples. 1. WFH is mounted on a heat sink: A. The thermal resistance RTH of the heat sink is known, T = WMAX x (RTH4 + RTH) Check that: TMAX = WMAX x (RTH + RTH3 + RTH1) + TAMB <220C B. The Temperature of the Heat Sink is known, T = WMAX x RTH4 + TH Check that: TMAX = WMAX x (RTH1 + RTH3) + TH <220C 2. WFH is mounted without a heat sink: Check that: TMAX = WMAX x (RTH1 + RTH2 ) + TAMB <220C Where: WMAX = Maximum reguired load in resistor TMAX = Maximum hot spot temperature reguested in resistor (TMAX <220C) The lower TMAX the higher reliability and lifetime. TAMB = Ambient temperature RTH = Thermal resistance. Refer to table Thermal resistances TH = Heat sink temperature (chassis). T = Temperature on top of the Aluminum profile. 30
aluminum housing to heat sink
RTH3
RTH1
wire to aluminum housing
O R D E R I N G I N F O R M AT I O N
Series Wattage at 40C base plate temp.
RoHS Compliant
Tolerance Ohms Terminal Type J = 5% L = lug terminals R47= 0.47 K = 10% A = amp terminals W= 30cm insulated wire cable 18AWG
Check product availability at www.ohmite.com
S TA N D A R D PA RT N U M B E R S F O R W F H S E R I E S
WFH90L4R7KE WFH90L10RKE WFH90L25RJE WFH90L50RJE WFH90L100JE WFH90L470JE WFH90L750JE WFH90L1K0JE WFH90L2K7JE WFH90L5K0JE WFH160LR47KE WFH160L1R0KE WFH160L2R0KE WFH160L10RKE WFH160L27RJE WFH160L50RJE WFH160L75RJE WFH160L100JE WFH160L150JE WFH160L250JE WFH160L1K0JE WFH160L5K0JE WFH160L10KJE WFH230L1R0KE WFH230L2R0KE WFH230L5R0KE WFH230L10RKE WFH230L27RJE WFH230L50RJE WFH230L75RJE WFH230L100JE WFH230L150JE WFH230L250JE WFH230L1K0JE WFH230L1K5JE WFH230L2K5JE WFH330L1R0KE WFH330L2R0KE WFH330L10RKE WFH330L27RJE WFH330L50RJE WFH330L75RJE WFH330L100JE WFH330L150JE WFH330L250JE WFH330L1K0JE WFH330L5K0JE WFH330L10KJE
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 * 1-866-9-OHMITE * Int'l 1-847-258-0300 * Fax 1-847-574-7522 * www.ohmite.com * info@ohmite.com


▲Up To Search▲   

 
Price & Availability of WFH330L100JE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X