Part Number Hot Search : 
FQB22P10 D2011 100ZB1 SM6T12A2 LD1206 P87CL888 BU2040 MAE15036
Product Description
Full Text Search
 

To Download VAC3110048ATACA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VAC31, VBC31 Series
14 Pin and 8 Pin / HCMOS/TTL / VCXO Oscillator
Lead-Free RoHS Compliant
CALIBER
Electronics Inc.
PART NUMBERING GUIDE
Package VAC31 = 14 Pin Dip / HCMOS-TTL / VCXO VBC31 = 8 Pin Dip / HCMOS-TTL / VCXO Inclusive Tolerance/Stability 100= +/-100ppm, 50= +/-50ppm, 25= +/-25ppm, 20= +/-20ppm, 10= 10ppm Operating Temperature Range Blank = 0C to 70C, 27 = -20C to 70C, 48 = -40C to 85C Supply Voltage Blank = 5.0Vdc 5%, A=3.3Vdc 5%
Environmental/Mechanical Specifications on page F5
VAC31 100 48 A T A B A - 155.520MHz
Control Voltage A=2.5Vdc 2.0Vdc / B=2.5Vdc 2.5Vdc If Using 3.3Vdc Option =1.65Vdc 1.65Vdc Linearity A=5% / B=10% / C=15% / D=20% Frequency Deviation (Over Controll Voltage A=50ppm / B=100ppm / C=150ppm / D=200ppm / E=250ppm / F=300ppm / G=350ppm Duty Cycle Blank=40-60% / T=45-55%
ELECTRICAL SPECIFICATIONS
Frequency Range (Full Size / 14 Pin Dip) Frequency Range (Half Size / 8 Pin Dip) Operating Temperature Range Storage Temperature Range Supply Voltage Aging (at 25C) Load Drive Capability Start Up Time Pin 1 Control Voltage (Positive Transfer Characteristic) Linearity
Revision: 1998-B
1.500MHz to 160.000MHz 1.000MHz to 40.000MHz 0C to 70C / -20C to 70C / -40C to 85C -55C to 125C 5.0Vdc 5%, 3.3Vdc 5% 5ppm / year Maximum 10TTL Load or 15pF HCMOS Load Maximum 10mSeconds Maximum A=2.5Vdc 2.0Vdc / B=2.5Vdc 2.5Vdc 20%, 15%, 10% Maximum 5% Maximum (not available with 200ppm frequency deviation) 1.000MHz to 20.000MHz 20.001MHz to 30.000MHz 30.001MHz to 160.000MHz <40.000MHz / 25pSeconds Maximum < 40.000MHz / 100pSeconds Maximum Inclusive of Operating Temperature Range, Supply Voltage and Load w/TTL Load w/HCMOS Load w/TTL Load w/HCMOS Load 0.4Vdc to 2.4Vdc w/TTL Load; 20% to 80% of Waveform w/HCMOS Load @1.4Vdc w/TTL Load; @50% w/HCMOS Load @1.4Vdc w/TTL Load or w/HCMOS Load 30mA Maximum 40mA Maximum 50mA Maximum >40.000MHz / 50pSeconds Maximum >40.000MHz / 200pSeconds Maximum 100ppm, 50ppm, 30ppm, 25ppm, 20ppm
(20ppm = 0C to 70C Only)
Input Current
One Sigma Clock Jitter Absolute Clock Jitter Frequency Tolerance / Stability Output Voltage Logic High (Voh) Output Voltage Logic Low (Vol) Rise Time / Fall Time Duty Cycle Frequency Deviation Over Control Voltage
2.4Vdc Minimum Vdd -0.5Vdc Minimum 0.4Vdc Maximum 0.5Vdc Maximum 5nSeconds Maximum 50 10% (Standard) 505% (Optional)
A=50ppm Min. / B=100ppm Min. / C=150ppm Min. / D=200ppm Min. / E=250ppm Min. / F=300ppm Min. / G=350ppm Min.
MECHANICAL DIMENSIONS
13.2
MAX
Marking Guide on page F3-F4
13.2 0.9
MAX MAX
7.620
.203
7.620
0.203
5.08
MIN
20.8
MAX
15.240 14 1 0.203 8 7
0.457
0.1 (X4)
13.2
MAX
7.620
0.203
8 5
1 4
0.45701
(X4)
5.08
0.8 0.1
14 Pin Full Size
All Dimensions in mm. Pin 1: Control Voltage (Vc) Pin 7: Case Ground
MAX Insulated Standoffs (Glass)
8 Pin Half Size
Insulated Standoffs All Dimensions in mm. Pin 1: Control Voltage (Vc) Pin 4: Case Ground
(X3)
5.08
MIN
5.6
MAX
Pin 8: Output Pin 14: Supply Voltage
Pin 5: Output Pin 8: Supply Voltage
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com


▲Up To Search▲   

 
Price & Availability of VAC3110048ATACA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X