Part Number Hot Search : 
BFP67 DFP85N06 IRM048U BA5104A KTY84 AN6656 NJW1141M XC2VPX20
Product Description
Full Text Search
 

To Download TVB200SA04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tyco / Electronics
Raychem Circuit Protection 308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 Fax: 800-227-4866
SiBarTM
Thyristor Surge Protectors
PRODUCT: TVB200SA
DOCUMENT: SCD 24304 PCN: 732781 REV LETTER: E REV DATE: AUGUST 24, 2004 PAGE NO.: 1 OF 2
Specification Status: RELEASED
PHYSICAL DESCRIPTION
Marking: RDBB
Date Code
Device Code Raychem Logo
] A B MIN MAX MIN MAX mm: 4.06 4.57 3.30 3.81 in*: (0.160) (0.180) (0.130) (0.150) C MIN 1.90 (0.075) D** H J K MAX MIN MAX MIN MAX MIN MAX MIN MAX 2.41 1.96 2.11 0.051 0.152 0.15 0.30 0.76 1.27 (0.095) (0.077) (0.083) (0.002) (0.006) (0.006) (0.012) (0.030) (0.050)
P S REF MIN MAX mm: 0.51 5.21 5.59 in*: (0.020) (0.205) (0.220) *Rounded off approximation ** D DIMENSION SHALL BE MEASURED WITHIN DIMENSION P Other Physical Characteristics
Form Factor: Lead Material: Encapsulation Material: Solderability: Solder Heat Withstand: Solvent Resistance: Mechanical Shock: Vibration:
SMB (Surface Mount, JEDEC DO-214AA Package) Tin / lead finish Epoxy, meets UL94 V-0 requirements per MIL-STD-750, Method 2026 per MIL-STD-750, Method 2031 per MIL-STD-750, Method 1022 per MIL-STD-750, Method 2016 per MIL-STD-750, Method 2056
Tape and Reel packaging per EIA 481-1
Agency Recognition: Precedence: CAUTION: Materials Information ELV Compliant
UL This specification takes precedence over documents referenced herein. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
(c) 2004 Tyco Electronics Corporation. All rights reserved.
Tyco / Electronics
Raychem Circuit Protection 308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 Fax: 800-227-4866
SiBarTM
Thyristor Surge Protectors
PRODUCT: TVB200SA
DOCUMENT: SCD 24304 PCN: 732781 REV LETTER: E REV DATE: AUGUST 24, 2004 PAGE NO.: 2 OF 2
DEVICE RATINGS @ 25 C (Both Polarities) Parameter Repetitive off-State Voltage, Maximum at ID = 5 A Non-Repetitive Peak Telcordia GR-1089 CORE 10x1000 s Impulse Current TIA-968 lightning Type A Metallic 10/560 s Double exponential TIA-968 lightning Type A Longit. 10/160 s Waveform Telcordia GR-1089 Intrabuilding 2/10 s (Notes 1 and 2) IEC61000-4-5 (Voc 1.2/50us) 8/20 s ITU-T K.20/K.21 (Voc 10/700us) 5/310 s TIA-968 lightning Type B (Voc 9/720us) 5/320 s Critical Rate of Rise of On-State Current Powered Pulse Amplifier, C=30uF, V=600V Maximum 2x10 sec waveform, VOC=750V, ISC=150A peak DEVICE THERMAL RATINGS Storage Temperature Range Operating Temperature Range Blocking or conducting state Overload Junction Temperature Maximum; Conducting state only Maximum Lead Temperature for Soldering Purpose; for 10 seconds
Symbol VDM IPP1 IPP2 IPP3 IPP4 IPP5 IPP6 IPP7 di/dt di/dt
Value 200 50 70 100 150 150 90 90 500 110
Units V A A A A A A A A/s A/s
TSTG TA TJ TL
-55 to 150 -40 to 125 +150 +260
C C C C
ELECTRICAL CHARACTERISTICS Both polarities (TJ @ 25C unless otherwise noted) Characteristics Symbol Min Breakover Voltage (+25C) VBO ---(dv/dt = 0.4kV/sec, ISC=900mA, VDC = 500V (both polarities)) Breakover Voltage Temperature Coefficient Off-State Current (VD1=50V) (VD2=VDM) (IT=1A) dVBO/dTJ ID1 ID2 VT IBO IH ITSM dv/dt C1 C2 ---------------150 22 2000 -------
Typ 260 0.1 --------------------------18 35
Max 320 ----2.0 5.0 4.0 800 -------------
Units V %/C A A V mA mA A V/s pF pF
On-State Voltage (PW 300 sec, Duty Cycle 2% (Note 2)) Breakover Current Holding Current (Note 2) Peak Onstage Surge Current (Measured @ 60Hz, 1 cycle, 600V) Critical Rate of Rise of Off-State Voltage (Linear waveform, VD = 0.8 X Rated VBO, TJ= +25C) Capacitance (f=1.0 Mhz, 50VDC bias, 1 Vrms) (f=1.0 Mhz, 2VDCbias, 1 Vrms)
Note 1. Allow cooling before test second polarity Note 2. Measured under pulse conditions to reduce heating
VOLTAGE-CURRENT CHARACTERISTIC


▲Up To Search▲   

 
Price & Availability of TVB200SA04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X