Part Number Hot Search : 
4STE13 91390JP 8002A MAX3638 C548B 8002G A1046Y RGP10
Product Description
Full Text Search
 

To Download TSC-1S2405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T
TRUMPower
DC/DC CONVERTERS
7-Pin SIP, Regulated 1 Watt
MODEL NUMBER*
TSC Series
OUTPUT VOLTAGE 3.3 VDC 5 VDC 12 VDC 15 VDC
OUTPUT CURRENT 333 mA 200 mA 83 mA 67 mA
OUTPUT POWER 1W 1W 1W 1W
5 VDC IN TSC-1S053.3 TSC-1S0505 TSC-1S0512 TSC-1S0515
12 VDC IN TSC-1S123.3 TSC-1S1205 TSC-1S1212 TSC-1S1215
15 VDC IN TSC-1S153.3 TSC-1S1505 TSC-1S1512 TSC-1S1515
24 VDC IN TSC-1S243.3 TSC-1S2405 TSC-1S2412 TSC-1S2415
48V input and other input/output combinations available. * Add suffix "H" for 3K VDC isolation version.
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25C, Nominal Line, and Full Load Unless Otherwise Noted.
PIN PIN CONNECTIONS 1,000 VDC Isolation +V Input -V Input -V Output No Pin +V Output No Pin 3,000 VDC Isolation +V Input -V Input No Pin -V Output No Pin +V Output
INPUT SPECIFICATIONS Input Voltage Range..............................................10% Input Filter.....................................................Capacitors OUTPUT SPECIFICATIONS Voltage Accuracy...........................................2%, Max. Line Regulation..........................................0.5%, Max. Load Regulation.........................................0.5%, Max. Ripple and Noise, 20MHz BW................50 mVp-p, Max. Short Circuit Protection.........Momentary, Auto-Recovery GENERAL SPECIFICATIONS Efficiency.......................................................57 - 68% Isolation Voltage, Input to Output, Standard.....1,000 VDC Suffix "H"....3,000 VDC Isolation Resistance...............................109 Ohms, Min. Isolation Capacitance....................................60pF, Typ. Switching Frequency.................................50 kHz, Typ. Operating Temperature Range...................-25C to +71C Storage Temperature Range....................-40C to +125C Cooling............................................Free Air Convection Weight..................................................0.1 oz. (3 grams) Case Material...................Non-Conductive Black Plastic
1 2 4 5 6 7
0.76 (19.5)
0.28 (7.2)
0.39 (10.0) 12 4 567 0.05 (1.25) 0.12 (3.05)
0.10 (2.54) 0.60 (15.20) PIN SIZE: 0.02 X 0.01 INCH
ALL DIMENSIONS IN INCHES (mm)
Rev. C1 -1/2008-
Tumbler Technologies + TRUMPower * Santa Clara, CA * 408-988-6616 * sales@trumpower.com * www.TRUMPower.com


▲Up To Search▲   

 
Price & Availability of TSC-1S2405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X