Part Number Hot Search : 
M7812 BUZ360 ADL55 28F00 S1021 P3055 1N1187AR 22308301
Product Description
Full Text Search
 

To Download TS1-1S2405NH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T
TRUMPower
DC/DC CONVERTERS
3KV Isolation, 0.25 to 1 Watt
TS1-NH Series
OUTPUT VOLTAGE 5 VDC 12 VDC 15 VDC 24 VDC
OUTPUT CURRENT 200 83 66 42 mA mA mA mA
*MODEL NUMBER OUTPUT POWER 1W 1W 1W 1W 5 VDC IN TS1-1S0505NH TS1-1S0512NH TS1-1S0515NH TS1-1S0524NH 12 VDC IN TS1-1S1205NH TS1-1S1212NH TS1-1S1215NH TS1-1S1224NH 15 VDC IN TS1-1S1505NH TS1-1S1512NH TS1-1S1515NH TS1-1S1524NH 24 VDC IN TS1-1S2405NH TS1-1S2412NH TS1-1S2415NH TS1-1S2424NH 48 VDC IN TS1-1S4805NH TS1-1S4812NH TS1-1S4815NH TS1-1S4824NH
0.25W, 0.5W, 0.75W versions and other input/output combinations are available. * Specify TS1-1QSxxxxNH, TS1-2QSxxxxNH and TS1-3QSxxxxNH for 0.25W, 0.5W and 0.75W respectively.
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25C, Nominal Line, and Full Load Unless Otherwise Noted.
PIN PIN CONNECTIONS FUNCTION -V +V -V +V Input Input Output Output
INPUT SPECIFICATIONS Input Voltage Range..............................................10% Input Filter.....................................................Capacitors OUTPUT SPECIFICATIONS Voltage Accuracy..........................................5%, Max. Line Regulation, FL...........................1.2%/%Vin, Max. Load Regulation, FL-20%FL..........................8%, Max. Ripple and Noise, 20MHz BW.............100 mVp-p, Max. Short Circuit Protection................................Momentary GENERAL SPECIFICATIONS Efficiency.........................................................72 - 80% Isolation Voltage, Input to Output..................3,000 VDC Isolation Resistance................................109 Ohms, Min. Switching Frequency...................................80 kHz, Min. Operating Temperature Range................-25C to +71C
(Add Suffix "T" for -40 to +85C Extended Temperature Range.)
1 2 3 4
0.46 (11.7) 0.40 (10.1) 1234 0.10 (2.54) 0.12 (3.05)
0.24 (6.0)
0.05 (1.27)
Storage Temperature Range.................-55C to +125C Cooling...........................................Free Air Convection Weight.................................................0.1 oz. (2 grams) Case Material...................Non-Conductive Black Plastic
PIN SIZE: 0.02 X 0.01 INCH ALL DIMENSIONS IN INCHES (mm)
Rev. A -01/2008-
Tumbler Technologies + TRUMPower * Santa Clara, CA * 408-988-6616 * sales@trumpower.com * www.TRUMPower.com


▲Up To Search▲   

 
Price & Availability of TS1-1S2405NH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X