Part Number Hot Search : 
T0805BH AD7824 PBU407 2N6673 W91820N AD7824 MA3J745D A502RW
Product Description
Full Text Search
 

To Download TRF600-150-B-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 www.circuitprotection.com
PolySwitch(R) PTC Devices
Overcurrent Protection Device Raychem Circuit Protection Products
PRODUCT: TRF600-150-B-0.5
DOCUMENT: SCD 25731 REV LETTER: G REV DATE: MAY 27, 2010 PAGE NO.: 1 OF 1
Specification Status: Released
Maximum Operating Voltage: 250VDC Fault Ratings at 20C: 250VAC, 3A, 10 applications 600VAC, 40A, 1 application Additional Info at 20C: * Resistance matched: 0.5 Ohm * Lightning withstand: TIA-968-A * Helps equipment meet UL60950 (UL1459) Lead Material: 22 AWG Tin-Plated Copper (0.64 mm [0.025"] nominal diameter) Marking:
TABLE I. DIMENSIONS:
A B MIN MAX MIN MAX mm: -9.0 -12.5 in:* -(0.35) -(0.49) *Rounded off approximation C MIN --MAX 4.6 (0.18) MIN 4.7 (0.19) D MAX --E NOM 5.0 (0.20) F MIN --MAX 9.0 (0.35)
TABLE II. PERFORMANCE RATINGS @ 20C (as measured in Loranger sockets P/N 02901-032-6218A):
HOLD TRIP CURRENT CURRENT (A) (A) RESISTANCE () TIME TO TRIP(Sec) @ 1A MAX 4.0 OPERATING TEMPERATURE (C) MIN MAX -40 85 TRIPPED POWER DISSIPATION (W) @ 250VDC TYP MAX 1.4 1.8
R MIN R MAX R1 MAX* TYP 0.150 0.300 6.0 10.0 17.0 1.4 *Maximum device resistance at 20C measured 1 hour post trip.
TABLE III. APPLICABLE PART DESCRIPTIONS:
PART DESCRIPTION TRF600-150-B-0.5 TRF600-150-B-0.5-2 PACKAGING TYPE Bulk Tape and Reel NOTES N/A Dim D not applicable
Agency Recognitions: Reference Documents: Precedence: Effectivity: CAUTION:
UL (File # E74889), CSA (File #CA-78165-7), TUV Raychem PS300, PS500, UL60950, TIA-968A, GR1089 This specification takes precedence over documents referenced herein.1.9 Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information
ROHS Compliant ELV Compliant Pb-Free
(c) 2006, 2010 Tyco Electronics Corporation. All rights reserved.


▲Up To Search▲   

 
Price & Availability of TRF600-150-B-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X