Part Number Hot Search : 
FALDM500 240901 EF9365 ER106 AN8008 HV4622PJ M38022E8 SSF1AG
Product Description
Full Text Search
 

To Download TAA-1S2405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T
OUTPUT VOLTAGE 5 VD C 9 VD C 12 V D C 15 V D C 24 V D C
TRUMPower
DC/DC CONVERTERS
OUTPUT C U R R EN T 200 mA 111 mA 84 mA 67 mA 42 mA OUTPUT POWER 1W 1W 1W 1W 1W
2:1 Input, 12-pin DIP, 1-2 Watts
MODEL NUMBER 4.5 - 9 VDC IN TAA-1S0505 TAA-1S0509 TAA-1S0512 TAA-1S0515 TAA-1S0524 9 - 18 VDC IN TAA-1S1205 TAA-1S1209 TAA-1S1212 TAA-1S1215 TAA-1S1224 18 - 36 VDC IN TAA-1S2405 TAA-1S2409 TAA-1S2412 TAA-1S2415 TAA-1S2424
TAA Series
Other input and output combinations also available. For 2W version, specify TAA-2SXXXX, i.e. TAA-2S0505, etc.
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25C, Nominal Line, and Full Load Unless Otherwise Noted. INPUT SPECIFICATIONS Input Voltage............................................................See Table Nonimal Input...............................................5, 12, 24, 36 VDC Input Filter...........................................................Capacitors ISOLATION SPECIFICATIONS Isolation Voltage, Input to Output...............1,000 VDC, Standard 3,000 VDC, Suffix "H" Resistance....................................................1,000M , Min. Capacitance........................................................80 pF, Typ. OUTPUT SPECIFICATIONS Voltage Accuracy................................................. 2%, Max. Ripple and Noise (at 20 MHz BW).....................80 mVp-p, Max. Short Circuit Protection..........................................Continuous Short Circuit Restart................................................Automatic Line Regulation................................................... 0.5%, Max. Load Regulation................................................. 0.5%, Max. Temperature Coefficient......................................... 0.02% / C Capacitive Load..........................3.3V, 5V Output - 330 F, Max. 9V, 12V, 15V Output - 470 F, Max. 24V Output - 220 F, Max. OTHER SPECIFICATIONS Efficiency...........................................................62% to 72% Switching Frequency..........................................350KHz, Typ. Operating Temperature......................................-25C to +85C Case Temperature.................................................95C, Max. Storage Temperature......................................-40C to +125C Cooling....................................................Free-air Convection Derating............................................................Not Required
-01/2008-
PIN 1, 2 6, 8 9 11 15, 16
CONNECTION - V Input No Connection + V Output - V Output + V Input
Tumbler Technologies + TRUMPower * Santa Clara, CA * 408-988-6616 * sales@trumpower.com * www.TRUMPower.com


▲Up To Search▲   

 
Price & Availability of TAA-1S2405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X