Part Number Hot Search : 
00IU1 FH50N20 SBR30 F2UAOR0 AN1381 KT931L51 MN3860B T5123T
Product Description
Full Text Search
 

To Download ST2SC2002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST 2SC2002
NPN Silicon Epitaxial Planar Transistor for use in driver stage of high voltage audio equipments. The transistor is subdivided into three groups, M, L and K, according to its DC current gain. On special request, these transistors can be manufactured in different pin configurations.
TO-92 Plastic Package Weight approx. 0.19g
Absolute Maximum Ratings (Ta = 25 oC) Symbol Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Base Current Power Dissipation Junction Temperature Storage Temperature Range VCBO VCEO VEBO IC IB Ptot Tj TS Value 60 60 5 300 60 600 150 -55 to +150 Unit V V V mA mA mW
O O
C C
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 08/07/2005
ST 2SC2002
Characteristics at Tamb=25 oC Symbol DC Current Gain at VCE=1V, IC=50mA Current Gain Group M L K at VCE=2V, IC=300mA Base Emitter Voltage at IC=10mA, VCE=6V Emitter Cutoff Current at VEB=5V Collector Cutoff Current at VCB=60V Collector Saturation Voltage at IC=300mA, IB=30mA Base Saturation Voltage at IC=300mA, IB=30mA Gain Bandwidth Product at VCE=6V, IE=-10mA Collector to Base Capacitance at VCB=6V, f=1MHz COB 7.0 15 pF fT 50 140 MHz VBE(sat) 0.86 1.2 V VCE(sat) 0.15 0.6 V ICBO 100 nA IEBO 100 nA VBE 600 645 700 mV hFE hFE hFE hFE 90 135 200 30 80 180 270 400 Min. Typ. Max. Unit
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 08/07/2005


▲Up To Search▲   

 
Price & Availability of ST2SC2002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X