Part Number Hot Search : 
1SS315 IL221 2SAR544D PBPC803 25VF064C AM106 AM106 KIA3844
Product Description
Full Text Search
 

To Download ST2SC2001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST 2SC2001
NPN Silicon Epitaxial Planar Transistor for switching and AF amplifier applications. The transistor is subdivided into three groups, O, Y and G, according to its DC current gain. On special request, these transistors can be manufactured in different pin configurations.
TO-92 Plastic Package Weight approx. 0.19g
Absolute Maximum Ratings (Ta = 25 oC) Symbol Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Power Dissipation Junction Temperature Storage Temperature Range VCBO VCEO VEBO IC Ptot Tj TS Value 30 25 5 700 600 150 -55 to +150 Unit V V V mA mW
O O
C C
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/12/2002
ST 2SC2001
Characteristics at Tamb=25 oC Symbol DC Current Gain at VCE=1V, IC=100mA Current Gain Group O Y G at VCE=1V, IC=700mA Collector Base Breakdown Voltage at IC=10A Base Emitter Voltage at IC=10mA, VCE=6V Emitter Cutoff Current at VEB=5V Collector Cutoff Current at VCB=30V Collector Saturation Voltage at IC=700mA, IB=70mA Base Saturation Voltage at IC=700mA, IB=70mA Gain Bandwidth Product at VCE=6V, IC=10mA Output Capacitance at VCB=6V, f=1MHz COB 13 25 pF fT 50 170 MHz VBE(sat) 0.95 1.2 V VCE(sat) 0.2 0.6 V ICBO 0.1 A IEBO 0.1 A VBE 0.6 0.7 V V(BR)CBO 30 V hFE hFE hFE hFE 90 135 200 50 180 270 400 Min. Typ. Max. Unit
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/12/2002


▲Up To Search▲   

 
Price & Availability of ST2SC2001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X