Part Number Hot Search : 
245AD 2SK12 245AD DMMT3906 GBJ4A SM104 GSIB840 FM24C128
Product Description
Full Text Search
 

To Download SSF5508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSF5508
Feathers: Advanced trench process technology Ultra low Rdson, typical 6mohm High avalanche energy, 100% test Fully characterized avalanche voltage and current Description: The SSF5508 is a new generation of middle voltage and high current N-Channel enhancement mode trench power MOSFET. This new technology increases the device reliability and electrical parameter repeatability. SSF5508 is assembled in high reliability and qualified assembly house. Application: Power switching application SSF5508 TOP View (TO220) ID =110A BV=55V Rdson=4.5 m(typ.)
Absolute Maximum Ratings Parameter ID@Tc=25 C ID@Tc=100C IDM PD@TC=25C VGS dv/dt EAS EAR TJ TSTG Thermal Resistance Parameter RJC RJA Junction-to-case Junction-to-ambient Parameter BVDSS RDS(on) VGS(th) gfs IDSS IGSS Drain-to-Source breakdown voltage Static Drain-to-Source on-resistance Gate threshold voltage Forward transconductance Drain-to-Source leakage current Gate-to-Source forward leakage
2009.12.26
Max. 110 80 400 170 2.0 20 31 480 TBD -55 to +150
Units A W W/ C V v/ns mJ
Continuous drain current,VGS@10V Continuous drain current,VGS@10V Pulsed drain current Power dissipation Linear derating factor Gate-to-Source voltage Peak diode recovery voltage Single pulse avalanche energy Repetitive avalanche energy Operating Junction and Storage Temperature Range Min. -- -- Min. 55 -- 2.0 -- -- -- 58 -- -- -- Typ. -- 4.5
C
Typ. 0.73 --
Max. -- 62
Units C/W
Electrical Characteristics @TJ=25 C(unless otherwise specified) Max. Units -- 8 4.0 -- 2 10 100 A nA V m V S Test Conditions VGS=0V,ID=250A VGS=10V,ID=68A VDS=VGS,ID=250A VDS=5V,ID=30A VDS=55V,VGS=0V VDS=55V, VGS=0V,TJ=150C VGS=20V
page 1of5
(c)Silikron Semiconductor CO.,LTD.
Version : 1.0
SSF5508
Gate-to-Source reverse leakage Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Total gate charge Gate-to-Source charge Gate-to-Drain("Miller") charge Turn-on delay time Rise time Turn-Off delay time Fall time Input capacitance Output capacitance Reverse transfer capacitance -- -- -- -- -- -- -- -- -- -- -- -- 90 14 24 18.2 15.6 70.5 13.8 3150 300 240 -100 -- -- -- -- -- -- -- -- -- -- pF nS nC VGS=-20V ID=30A VDD=30V VGS=10V VDD=30V ID=2A ,RL=15 RG=2.5 VGS=10V VGS=0V VDS=25V f=1.0MHZ
Source-Drain Ratings and Characteristics Parameter IS ISM Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Reverse Recovery Time Forward Turn-on Time . . Min. -- -- -- Typ. -- -- -- 57 107 Max. 110 A 400 1.3 -- -- V nS nC Units Test Conditions MOSFET symbol showing the integral reverse p-n junction diode. TJ=25C,IS=68A,VGS=0V TJ=25C,IF=68A di/dt=100A/s
VSD Diode Forward Voltage trr ton Qrr Reverse Recovery Charge
Intrinsic turn-on time is negligible (turn-on is dominated by Ls + LD)
Notes: Repetitive rating; pulse width limited by max junction temperature. Test condition: L =0.3mH, ID = 57A, VDD = 27.5V
Pulse width300S, duty cycle1.5% ; RG = 25 Starting TJ = 25C
EAS test circuit:
BVdss
Gate charge test circuit:
(c)Silikron Semiconductor CO.,LTD.
2009.12.26
Version : 1.0
page
2of5
SSF5508
Switch Time Test Circuit
Switch Waveforms:
Transfer Characteristic
Capacitance
On Resistance vs Junction Temperature
Breakdown Voltage vs Junction Temperature
(c)Silikron Semiconductor CO.,LTD.
2009.12.26
Version : 1.0
page
3of5
SSF5508
Gate Charge
Source-Drain Diode Forward Voltage
Safe Operation Area
Max Drain Current vs Junction Temperature
Transient Thermal Impedance Curve
(c)Silikron Semiconductor CO.,LTD.
2009.12.26
Version : 1.0
page
4of5
SSF5508
TO220 MECHANICAL DATA:
(c)Silikron Semiconductor CO.,LTD.
2009.12.26
Version : 1.0
page
5of5


▲Up To Search▲   

 
Price & Availability of SSF5508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X