Part Number Hot Search : 
LM750 MC14557B ST13003 PLVA650 B380C 15KP43 IR600 LM80C312
Product Description
Full Text Search
 

To Download SRGP40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hollow Shaft Type Devices
Low-profile and Hollow Shaft Surface Mount Type
SRGP40 Series
Surface mount encoder with 1.55mm height V9.23mm contribute in space saving
Typical Specifications
Items Rating max. min. Resistive load Output voltage Without resistor With resistor Specifications
1mA 5V DC/50BA 3V DC 1V max. at 1mA 5V DC Resistive load 100,000cycles 100,000cycles
Hollow Shaft Type Devices
Operating life
Product Line
Detent torque mN m
2 3.5 1 24 1 12 Reflow 3,200 SRGP400200
Number of detent
Number of pulse
Soldering
Minimum order unit pcs.
Product No.
SRGP400100
Taping Specification (Taping Packeging)
Reel Size
Unit:mm
Number of packages pcs. 1 reel 1 case Japan 1 case export packing Tape width mm
800
380 33.4
1,600
3,200
32
Encoder Type Potentiometer Type
Note
Order products in N minimum order units 1 reel or 1 case .
Dimensions
Style
17.5 9.7 8.9 2-2 Ground term. 12.5
Unit:mm
Recommened patern for reflow All tolerance shall be %0.05
2 - 1.2
o9
A
.2
2 - 1.2
(0.2)
0.95
1.55
o10.7
3
2.15
0.55
A
1
1
8.9 9.7 12.4
o13.6
6
8.2
6-0.7
2.15
C 2
2.75
1.55
o1
R1 0
9.85
2
2-o1.5
19.1 14.4 12.5 1.15
7
0.15
10 0.5 A-A 12.8
2.2
Phase defference of code portion
.6 o1
(15$)
0.5
12
CCW Detent position ON OFF ON OFF
1 2
0.72
T1 T2 T
T3 T4
T1, T3 = 1 / 4T 1 / 8T T2, T4 = Phase difference shall not be reverseed
2.75
(30$)
1.55
0.05
CW
451
Hollow Shaft Type Devices
List of Varieties
Type Series SRGP30 Hollow type 17mm size SRGP40 22mm size SRGP20 30mm size SRGPWJ Hollow Shaft Type Devices Photo
Output Shaft types Operating direction Outline specifications Dimensions mm Soldering Number of pulse/ Number of detent Push switch Travel mm Optional functions Changeover angle W D H Manual soldering Dip soldering Reflow soldering Maximum operating current Resistive load
Please see P.198 -10 to 60 350 5 18.5 2.3 , 3s max. 350 10 20 15 9/18 12/24
Incremental Hollow shaft Vertical 10/20 Without 16 16 16 32
18 23.6
22.5 31.8 32 4.5
17.5
18.25 1.55 ,3
1 0
23
s max.
350 260
10 5
,3 ,5
1 0
s
1s
Encoder Type
-40 1V max. at 5V DC,1mA resistive load to 85
Potentiometer Type
Note
F The operating temperature range for automotive applications can be raised upon request. Please contact us for
requirements of this kind.
Electrical performance Mechanical performance Environmental performance
Output wave
Measuring 5K1/2 circuit Measuring terminal
5V
Insulation resistance Voltage proof
2
100M
min. 100V DC
100V AC for 1minute 1mN m 7 3.5 1mN m 3mN m 6.5 5N for 1minute 20N 40N 4mN m 13 4mN m
Rotational torque Terminal strength Actuator strength Rotational direction Push direction
5
2.5mN m
Vibration Cold Dry heat Damp heat Page
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies, in the 3 direction of X, Y and Z for 2 hours respectively -40 2 for 96h 85 40 450 451 2 2 -20 for 96h 2 for 96h
, 90 to 95%RH for 96h 452
447
Hollow Shaft Type Devices
Soldering Conditions
Example of Reflow Soldering Condition
Hollow Shaft Type Devices
1. Heating method: Double heating method with infrared heater. 2. Temperature measurement: Thermocouple 0.1 to 0.2 3. Temperature profile
300
CA K or CC T at soldering portion copper foil surface . A heat resisting tape
should be used for fixed measurement.
A max. B
Temperature (uC )
200
D E
100 Time (s) Pre-heating F max.
Room temperature C
Series Reflow type SRGP30 Encoder Type Potentiometer Type SRGP40
A Max
240
B
Cs
20
D
150
E
Fs
230 260 40 180
150
120
Notes
1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where the PC board's temperature greatly differs from that of the switch, depending on the PC board's material, size, thickness, etc. The above-stated conditions shall also apply to switch surface temperatures. 2. Soldering conditions differ depending on reflow soldering machines. You are requested to verify the soldering conditions thoroughly beforehand.
454


▲Up To Search▲   

 
Price & Availability of SRGP40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X