Part Number Hot Search : 
A5800 SXX18 04597 B30NN 15N10 CVA1405T 5225F LC3301CW
Product Description
Full Text Search
 

To Download SPH1500JLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Failsafe Molded Wirewound Resistor
SPH/SPF Series
* * * * * * * * SPF is fusible 5%, 10% tolerance 0.1 ohm to 2400 ohms Weldable and solderable leads 2 watt rated with 1 watt dimensions Drop-in replacement for BWH/BWF Lead free, RoHS compliant construction available TCR's as low as 150 ppm/C standard (custom TC's available)
3
1
4 2 (See notes below)
Electrical Data
IRC Type SPH SPF
1. Resistive Element All resistor types have resistance alloy winding on a braided fiberglass substrate. Intermediate silicone coatings are used to enhance processibility and to provide protection to the resistive element. 2. Termination The SPH and SPF resistors are terminated using an alloy coated copper flashed steel lead welded to a cap of the same material. This termination assembly is mechanically crimped, utilizing an improved crimp design, to the resistive element. 3. Encapsulation The SPH and the SPF are encapsulated utilizing a compression molded phenolic plastic material. The SPF has a flame resistance coating applied over the resistive element to provide flammability protection when destructive overloads may occur. 4. Marking All products are marked utilizing heat and solvent resistant color code bands consistent with EIA/MIL requirements. The first band is double width to designate wirewound construction. A fifth band, blue in color, is used for flameproof identification.
EIA RS-344 Style MIL-R-11 Style Resistance - Std. Tolerance - Std. Power Rating Max. Continuous Working Voltage Min. Insulation Resistance Min. Dielectric Withstanding Volts (RMS) Reduced Pressure Dry Wet ATM
CRU2 RC32/RC42 0.1 to 2400 5%, 10%
CRU2 RC32/RC42 0.1 to 1000 5%, 10%
2 watt @ 70C 2 watt @ 70C 1 watt @ 115C 1 watt @ 115C Derating to 0 @ 160C Derating to 0 @ 160C
PR
10,000 Meg 100 Meg 1000V 625V 145C @ 2 watts 5% Negligible
PR
10,000 Meg 100 Meg 1000V 625V 145C @ 2 watts 5% Negligible
Hotspot Temperature Rise Typical Load Life Current Noise
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
A subsidiary of TT electronics plc SPH/SPF Series Issue December 2008 Sheet 1 of 3
General Purpose Failsafe Molded Wirewound Resistor
Environmental Data
Test SPH 0.1 - 0.16 1000 0.18 - 0.68 800 0.75 - 2400 400 1000V 5% 5% 5% 5% 5% 5% 5% No Failures SPF 0.10 1700 0.11 - 0.16 1000 0.18 - 0.68 800 0.75 - 1000 400 1000V 5% 5% 5% 5% 5% 5% 5% No Failures
Temperature Coefficient (ppm)*
Dielectric Withstanding Voltage (RMS) Momentary Overload Low Temperature Operation Temperature Cycle Humidity Load Life Terminal Strength Resistance to Solder Heat Solderability
Physical Data
D
A B
C
Dimensions (Inches and (mm)) IRC Type A 0.562 0.010 (14.3 0.25) 0.562 0.010 (14.3 0.25) B 0.225 0.008 (5.72 0.20) 0.225 0.008 (5.72 0.20) C 0.032 0.002 (0.813 0.05) 0.032 0.002 (0.813 0.05) D 1.50 0.126 (38.1 3.2) 1.50 0.126 (38.1 3.2)
SPH
SPF
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
SPH/SPF Series Issue December 2008 Sheet 2 of 3
General Purpose Failsafe Molded Wirewound Resistor
SPH Power Derating Curve
2.5 2.0 Power (watts) Power (watts) 1.5 1.0 0.5 0 0 50 70 100 150 160 200
SPF Power Derating Curve
2.5 2.0 1.5 1.0 0.5 0 0 50 70 100 150 200
Ambient Temperature (C)
Ambient Temperature (C)
SPF Typical Fusing
25 20 Power (watts) 15 10 5 2 0
0.1 ohm 1 ohm 10 ohm 100 ohm 1000 ohm
SPH and SPF Temperature Rise Chart
150 Temperature Rise (C) 125 100 75 50 25 0 0 0.5 1.0 1.5 2.0
0
20
40
60
80
100
Time (seconds)
Power Input (watts)
Ordering Data
Sample Part No. IRC Type Resistance Range Tolerance SPH 1500 J LF
J = 5%, K = 10%
Lead Free Construction
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
SPH/SPF Series Issue December 2008 Sheet 3 of 3


▲Up To Search▲   

 
Price & Availability of SPH1500JLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X