Part Number Hot Search : 
LN342GPH RCR60C MP3276 MM5Z24 H836057 1N4935 T3035H 74F273AN
Product Description
Full Text Search
 

To Download SP6134 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S P613 4
600kHz Synchronous PWM Step Down Controller
January 2009 Rev. 2.0.0
GENERAL DESCRIPTION
The SP6134 is a 600kHz constant frequency, voltage mode, synchronous PWM step down controller optimized for high efficiency. The SP6134 is adequately suited for split plane applications utilizing a low power 5V rail to power the controller circuitry, minimizing power dissipation. Its wide input voltage range of 3V to 15V allows for conversions from the standard 3.3V, 5V, 9.6V and 12V power rails to an output voltage adjustable down to 0.8V. Developed around a wide bandwidth internal amplifier, the SP6134 can accommodate type II and type III compensation schemes. Protection features include a programmable UVLO, thermal shutdown and output short circuit protection. The SP6134 is part of a larger family of step down controllers operating at various switching frequencies up to 1300kHz and input voltages up to 28V. Refer to Exar's SP6134H, SP6132, SP6132H, SP6137 and SP6139 for complete details. The SP6134 is available in lead free, RoHS compliant, space saving 10-pin MSOP package.
APPLICATIONS
* 12V DPA * Communications Systems * Graphics Cards
FEATURES
* 3V to 15V Step Down Achieved Using Dual Input * On-Board 1.5 sink (2 source) NFET Drivers * Up to 15A Output Capability * UVLO Detects Both VCC and VIN * Short-Circuit Protection with AutoRestart * Supports Type II or III Compensation * Programmable Soft Start * Fast Transient Response * High Efficiency: Greater than 94% * Non-synchronous Start-Up * Small 10-Pin MSOP Package * U.S. Patent #6,922,041
TYPICAL APPLICATION DIAGRAM
Fig. 1: SP6134 Application Diagram
Exar Corporation 48720 Kato Road, Fremont CA 94538, USA
www.exar.com Tel. +1 510 668-7000 - Fax. +1 510 668-7001
S P613 4
600kHz Synchronous PWM Step Down Controller
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections of the specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability. Vcc .......................................................................... 7V BST ...................................................................... 22V BST-SWN ......................................................-0.3 to 7V SWN ............................................................-1V to 15V GH................................................... -0.3V to BST+0.3V GH-SWN.................................................................. 7V All other pins ..................................... -0.3V to VCC+0.3V GH, GL peak output current <10us..............................2A Storage Temperature ..............................-65C to 150C Power Dissipation.................................Internally Limited ESD Rating BST Pin (HBM - Human Body Model)...... 1.5kV ESD Rating All Other Pins (HBM) ............................... 2kV Thermal Resistance JA ....................................41.9C/W Operating Voltage Range ................................ 3V to 15V
ELECTRICAL SPECIFICATIONS
Specifications with standard type are for an Operating Junction Temperature of TJ = 25C only; limits applying over the full Operating Junction Temperature range are denoted by a "*". Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25C, and are provided for reference purposes only. Unless otherwise indicated, Vcc = 4.5V to 5.5V, BST= Vcc, SWN=GND=0V, UVIN=3V, CVcc = 10F, CCOMP=0.1uF, CGH=CGL=3.3nF, CSS=50nF, TA= -40C to 85C (SP6134EU) or TA= -0C to 70C (SP6134CU). Parameter VCC Supply Current BST Supply Current VCC UVLO Start Threshold VCC UVLO Hysteresis UVIN Start Threshold UVIN Hysteresis UVIN Input Current Error Amplifier Reference Error Amplifier Reference Over Line and Temperature Error Amplifier Transconductance Error Amplifier Gain COMP Sink Current COMP Source Current VFB Input Bias Current Internal Pole COMP Clamp COMP Clamp Temp. Coefficient Ramp Amplitude RAMP Offset RAMP Offset Temp. Coefficient GH Minimum Pulse Width Maximum Controllable Duty Ratio Maximum Duty Ratio Internal Oscillator Frequency SS Charge Current: 92 100 510 600 10 690 0.92 0.792 0.788 0.800 0.800 6 60 150 150 50 4 2.5 -2 1.10 1.1 -2 90 97 180 1.28 200 4.00 100 2.30 260 Min. Typ. 1.5 0.2 4.25 200 2.50 300 Max. 3 0.4 4.50 300 2.65 390 1 0.808 0.812 Units mA mA V mV V mV uA V V mS dB uA uA nA MHz V mV/C V V mV/C ns % % kHz uA * * * Maximum Duty Ratio Measured just before pulse skipping begins Valid for 20 Cycles * TA = 25C, RAMP COMP until GH starts switching VFB=0.7V, TA = 25C * No Load VFB=0.9V, COMP=0.9V VFB=0.7V, COMP=2.2V VFB=0.8V * UVIN=3.0V 2X Gain Config., Measure VFB, VCC=5V, T=25C * * * Conditions VFB =0.9V (No switching) VFB =0.9V (No switching)
(c) 2008 Exar Corporation
2/15
Rev. 2.0.0
S P613 4
600kHz Synchronous PWM Step Down Controller
Parameter SS Discharge Current: Short Circuit Threshold Voltage Hiccup Timeout Number of Allowable Clock Cycles at 100% Duty Cycle Minimum GL Pulse After 20 Cycles Thermal Shutdown Temperature Thermal Hysteresis GH & GL Rise Times GH & GL Fall Times GL to GH Non Overlap Time SWN to GL Non Overlap Time GH & GL Pull Down Resistance Driver Pull Down Resistance Driver Pull Up Resistance Min. 1 0.20 0.25 100 20 0.5 145 10 35 30 45 25 50 1.5 2.5 50 40 70 40 0.30 Typ. Max. Units mA V ms Cycles Cycle C C ns ns ns ns * * * * Measured 10% to 90% Measured 90% to 10% GH & GL Measured at 2.0V Measured SWN = 100mV to GL = 2.0V * * Conditions Fault Present, SS = 0.2V Measured VREF (0.8V) - VFB VFB = 0.5V VFB = 0.7V VFB = 0.7V
BLOCK DIAGRAM
Fig. 2:SP6134 Block Diagram
(c) 2008 Exar Corporation
3/15
Rev. 2.0.0
S P613 4
600kHz Synchronous PWM Step Down Controller
PIN ASSIGNEMENT
Fig. 3: SP6134 Pin Assignment
PIN DESCRIPTION
Name VCC GL GND Pin Number 1 2 3 Description Bias Supply Input. Connect to external 5V supply. Used to power internal circuits and low side gate driver. High current driver output for the low side NFET switch. It is always low if GH is high or during a fault. Resistor pull down ensure low state at low voltage. Ground Pin. The control circuitry of the IC and lower power driver are referenced to this pin. Return separately from other ground traces to the (-) terminal of COUT. Feedback Voltage and Short Circuit Detection pin. It is the inverting input of the Error Amplifier and serves as the output voltage feedback point for the Buck Converter. The output voltage is sensed and can be adjusted through an external resistor divider. Whenever VFB drops 0.25V below the positive reference, a short circuit fault is detected and the IC enters hiccup mode. Output of the Error Amplifier. It is internally connected to the inverting input of the PWM comparator. An optimal filter combination is chosen and connected to this pin and either ground or VFB to stabilize the voltage mode loop. UVLO input for VIN voltage. Connect a resistor divider between VIN and UVIN to set minimum operating voltage. Soft Start. Connect an external capacitor between SS and GND to set the soft start rate based on the 10A source current. The SS pin is held low via a 1mA (min) current during all fault conditions. Lower supply rail for the GH high-side gate driver. Connect this pin to the switching node at the junction between the two external power MOSFET transistors. High current driver output for the high side NFET switch. It is always low if GL is high or during a fault. Resistor pull down ensure low state at low voltage. High side driver supply pin. Connect BST to the external boost diode and capacitor as shown in the Typical Application Circuit on page 1. High side driver is connected between BST pin and SWN pin.
VFB
4
COMP UVIN SS SWN GH BST
5 6 7 8 9 10
(c) 2008 Exar Corporation
4/15
Rev. 2.0.0
S P613 4
600kHz Synchronous PWM Step Down Controller
ORDERING INFORMATION
Part Number Temperature Range 0CTA+70C Marking SP6134CU CXXX YWW SP6134CU CXXX YWW SP6134EU EXXX YWW SP6134EU EXXX YWW Package Packing Quantity Bulk Note 1 Note 2
SP6134CU-L
10 Pin MSOP
SP6134CU-L/TR
0CTA+70C
10 Pin MSOP
Tape & Reel
SP6134EU-L
-40CTA+85C
10 Pin MSOP
Bulk
SP6134EU-L/TR SP6134EB
-40CTA+85C
10 Pin MSOP
Tape & Reel
SP6134 Evaluation Board
"YY" = Year - "WW" = Work Week - "XXX" = Lot Number
(c) 2008 Exar Corporation
5/15
Rev. 2.0.0
S P613 4
600kHz Synchronous PWM Step Down Controller
THEORY OF OPERATION GENERAL OVERVIEW
The SP6134 is a fixed frequency, voltage mode, synchronous PWM controller optimized for high efficiency. The part has been designed to be especially attractive for split plane applications utilizing 5V to power the controller and 3V to 15V for step down conversion. The heart of the SP6134 is a wide bandwidth transconductance amplifier designed to accommodate Type II and Type III compensation schemes. A precision 0.8V reference present on the positive terminal of the error amplifier permits the programming of the output voltage down to 0.8V via the VFB pin. The output of the error amplifier, COMP, compared to a 1.1V peak-to-peak ramp is responsible for trailing edge PWM control. This voltage ramp and PWM control logic are governed by the internal oscillator that accurately sets the PWM frequency to 300kHz. The SP6134 contains two unique control features that are very powerful in distributed applications. First, non-synchronous driver control is enabled during start up to prohibit the low side NFET from pulling down the output until the high side NFET has attempted to turn on. Second, a 100% duty cycle timeout ensures that the low side NFET is periodically enhanced during extended periods at 100% duty cycle. This guarantees the synchronized refreshing of the BST capacitor during very large duty ratios. The SP6134 also contains a number of valuable protection features. A programmable input (VIN) UVLO allows a user to set the exact value at which the conversion voltage is at a safe point to begin down conversion, and an internal VCC UVLO ensures that the controller itself has enough voltage to properly operate. Other protection features include thermal shutdown and short-circuit detection. In the event that either a thermal, short-circuit, or UVLO fault is detected, the SP6134 is forced into an idle state where the output drivers are held off for a finite period before a re-start is attempted.
SOFT START
"Soft Start" is achieved when a power converter ramps up the output voltage while controlling the magnitude of the input supply source current. In a modern step down converter, ramping up the positive terminal of the error amplifier controls soft start. As a result, excess source current can be defined as the current required to charge the output capacitor. IVIN = COUT * DVOUT / DTSoft-start The SP6134 provides the user with the option to program the soft start rate by tying a capacitor from the SS pin to GND. The selection of this capacitor is based on the 10uA pull up current present at the SS pin and the 0.8V reference voltage. Therefore, the excess source can be redefined as: IVIN = COUT * DVOUT *10A / (CSS * 0.8V)
UNDER VOLTAGE LOCK OUT (UVLO)
The SP6134 contains two separate UVLO comparators to monitor the bias (VCC) and conversion (VIN) voltages independently. The VCC UVLO threshold is internally set to 4.25V, whereas the VIN UVLO threshold is programmable through the UVIN pin. When the UVIN pin is greater than 2.5V, the SP6134 is permitted to start up pending the removal of all other faults. Both the VCC and VIN UVLO comparators have been designed with hysteresis to prevent noise from resetting a fault.
THERMAL AND SHORT-CIRCUIT PROTECTION
Because the SP6134 is designed to drive large NFETs running at high current, there is a chance that either the controller or power converter will become too hot. Therefore, an internal thermal shutdown (145C) has been included to prevent the IC from malfunctioning at extreme temperatures. A short-circuit detection comparator has also been included in the SP6134 to protect against the accidental short or sever build up of current at the output of the power converter. This comparator constantly monitors the
(c) 2008 Exar Corporation
6/15
Rev. 2.0.0
S P613 4
600kHz Synchronous PWM Step Down Controller
positive and negative terminals of the error amplifier, and if the VFB pin ever falls more than 250mV (typical) below the positive reference, a short-circuit fault is set. Because the SS pin overrides the internal 0.8V reference during soft start, the SP6134 is capable of detecting short-circuit faults throughout the duration of soft start as well as in regular operation. other very important features. One is an Nonsynchronous start up mode. Basically, the GL driver can not turn on unless the GH driver has attempted to turn on or the SS pin has exceeded 1.7V. This feature prevents the controller from "dragging down" the output voltage during startup or in fault modes. The second feature is a 100% duty cycle timeout that ensures synchronized refreshing of the BST capacitor at very high duty ratios. In the event that the GH driver is on for 20 continuous clock cycles, a reset is given to the PWM flip flop half way through the 21st cycle. This forces GL to rise for the remainder of the cycle, in turn refreshing the BST capacitor.
HANDLING OF FAULTS
Upon the detection of power (UVLO), thermal, or short-circuit faults, the SP6134 is forced into an idle state where the SS and COMP pins are pulled low and the gate drivers are held off. In the event of UVLO fault, the SP6134 remains in this idle state until the UVLO fault is removed. Upon the detection of a thermal or short-circuit fault, an internal 200ms (typical) timer is activated. In the event of a shortcircuit fault, a restart is attempted immediately after the 200ms timeout expires. Whereas, when a thermal fault is detected the 200ms delay continuously recycles and a restart cannot be attempted until the thermal fault is removed and the timer expires.
GATE DRIVERS
The SP6134 contains a pair of powerful 2 SOURCE and 1.5 SINK drivers. These state of the art drivers are designed to drive external NFETs capable of handling up to 30A. Rise, fall, and non-overlap times have all been minimized to achieve maximum efficiency. All drive pins GH, GL & SWN are monitored continuously to ensure that only one external NFET is ever on at any given time.
ERROR AMPLIFIER AND VOLTAGE LOOP
As stated before, the heart of the SP6134 voltage error loop is a high performance, wide bandwidth transconductance amplifier. Because of the amplifier's current limited (150A) transconductance, there are many ways to compensate the voltage loop or to control the COMP pin externally. A simple, single pole, single zero compensation can be a RC to ground. However Exar recommends a Type II or Type III compensation which eliminates the gm of the amplifier from the control loop equations. The amplifier has enough bandwidth (45 at 4 MHz) and enough gain (60dB) to run Type III compensation schemes with adequate gain and phase margins at cross over frequencies greater than 50kHz. The common mode output of the error amplifier is 0.9V to 2.2V. Therefore, the PWM voltage ramp has been set between 1.1V and 2.2V to ensure proper 0% to 100% duty cycle capability. The voltage loop also includes two
(c) 2008 Exar Corporation 7/15 Rev. 2.0.0
S P613 4
600kHz Synchronous PWM Step Down Controller
APPLICATIONS INFORMATION INDUCTOR SELECTION
There are many factors to consider in selecting the inductor including cost, efficiency, size and EMI. In a typical SP6134 circuit, the inductor is chosen primarily for value, saturation current and DC resistance. Increasing the inductor value will decrease output voltage ripple, but degrade transient response. Low inductor values provide the smallest size, but cause large ripple currents, poor efficiency and more output capacitance to smooth out the larger ripple current. The inductor must also be able to handle the peak current at the switching frequency without saturating, and the copper resistance in the winding should be kept as low as possible to minimize resistive power loss. A good compromise between size, loss and cost is to set the inductor ripple current to be within 20% to 40% of the maximum output current. The switching frequency and the inductor operating point determine the inductor value as follows: requirements. The core must be large enough not to saturate at the peak inductor current and provide low core loss at the high switching frequency. Low cost powdered iron cores have a gradual saturation characteristic but can introduce considerable ac core loss, especially when the inductor value is relatively low and the ripple current is high. Ferrite materials, on the other hand, are more expensive and have an abrupt saturation characteristic with the inductance dropping sharply when the peak design current is exceeded. Nevertheless, they are preferred at high switching frequencies because they present very low core loss and the design only needs to prevent saturation. In general, ferrite or molypermalloy materials are better choice for all but the most cost sensitive applications. The power dissipated in the inductor is equal to the sum of the core and copper losses. To minimize copper losses, the winding resistance needs to be minimized, but this usually comes at the expense of a larger inductor. Core losses have a more significant contribution at low output current where the copper losses are at a minimum, and can typically be neglected at higher output currents where the copper losses dominate. Core loss information is usually available from the magnetic vendor. The copper loss in the inductor can be calculated using the following equation:
L=
VOUT (VIN (max ) - VOUT ) VIN (max ) FS K r I OUT (max )
where: Fs = switching frequency Kr = ratio of the ac inductor ripple current to the maximum output current The peak to peak inductor ripple current is:
PL (Cu ) = I 2 L ( RMS ) RWINDING
where IL(RMS) is the RMS inductor current that can be calculated as follows:
L=
VOUT (VIN (max ) - VOUT ) VIN (max ) FS L
I L ( RMS ) - I OUT (max )
1 I PP 1+ 3 I OUT (max )
2
OUTPUT CAPACITOR SELECTION
I PEAK = I OUT (max ) +
I PP 2
Once the required inductor value is selected, the proper selection of core material is based on peak inductor current and efficiency
The required ESR (Equivalent Series Resistance) and capacitance drive the selection of the type and quantity of the output capacitors. The ESR must be small enough that both the resistive voltage deviation due to a step change in the load current and the output ripple voltage do not
8/15 Rev. 2.0.0
(c) 2008 Exar Corporation
S P613 4
600kHz Synchronous PWM Step Down Controller
exceed the tolerance limits expected on the output voltage. During an output load transient, the output capacitor must supply all the additional current demanded by the load until the SP6134CU adjusts the inductor current to the new value. Therefore the capacitance must be large enough so that the output voltage is help up while the inductor current ramps up or down to the value corresponding to the new load current. Additionally, the ESR in the output capacitor causes a step in the output voltage equal to the current. Because of the fast transient response and inherent 100% and 0% duty cycle capability provided by the SP6134CU when exposed to output load transient, the output capacitor is typically chosen for ESR, not for capacitance value. The output capacitor's ESR, combined with the inductor ripple current, is typically the main contributor to output voltage ripple. The maximum allowable ESR required to maintain a specified output voltage ripple can be calculated by:
INPUT CAPACITOR SELECTION
The input capacitor should be selected for ripple current rating, capacitance and voltage rating. The input capacitor must meet the ripple current requirement imposed by the switching current. In continuous conduction mode, the source current of the high-side MOSFET is approximately a square wave of duty cycle VOUT/VIN. Most of this current is supplied by the input bypass capacitors. The RMS value of input capacitor current is determined at the maximum output current and under the assumption that the peak to peak inductor ripple current is low, it is given by:
I CIN (rms ) = I OUT (max ) D(1 - D )
The worse case occurs when the duty cycle D is 50% and gives an RMS current value equal to IOUT/2. Select input capacitors with adequate ripple current rating to ensure reliable operation. The power dissipated in the input capacitor is:
RESR
VOUT I PP
PCIN = I 2 CIN (rms ) RESR (CIN )
This can become a significant part of power losses in a converter and hurt the overall energy transfer efficiency. The input voltage ripple primarily depends on the input capacitor ESR and capacitance. Ignoring the inductor ripple current, the input voltage ripple can be determined by:
VOUT = Peak to Peak Output Voltage Ripple IPP = Peak to Peak Inductor Ripple Current The total output ripple is a combination of the ESR and the output capacitance value and can be calculated as follows:
VIN = I OUT (max ) RESR (CIN ) +
I OUT (max )VOUT (VIN - VOUT ) FS C IN VIN
2
VOUT
Where:
I (1 - D ) 2 = PP C F + (I PP RESR ) OUT S
2
FS = Switching Frequency D = Duty Cycle COUT = Output Capacitance Value
The capacitor type suitable for the output capacitors can also be used for the input capacitors. However, exercise extra caution when tantalum capacitors are considered. Tantalum capacitors are known for catastrophic failure when exposed to surge current, and input capacitors are prone to such surge current when power supplies are connected "live" to low impedance power sources.
(c) 2008 Exar Corporation
9/15
Rev. 2.0.0
S P613 4
600kHz Synchronous PWM Step Down Controller
MOSFET SELECTION
The losses associated with MOSFETs can be divided into conduction and switching losses. Conduction losses are related to the on resistance of MOSFETs, and increase with the load current. Switching losses occur on each on/off transition when the MOSFETs experience both high current and voltage. Since the bottom MOSFET switches current from/to a paralleled diode (either its own body diode or a Schottky diode), the voltage across the MOSFET is no more than 1V during switching transition. As a result, its switching losses are negligible. The switching losses are difficult to quantify due to all the variables affecting turn on/ off time. However, the following equation provides an approximation on the switching losses associated with the top MOSFET driven by SP6134. lowering the RDS(ON) of the MOSFETs always improves efficiency even though it gives rise to higher switching losses due to increased Crss. Top and bottom MOSFETs experience unequal conduction losses if their on time is unequal. For applications running at large or small duty cycle, it makes sense to use different top and bottom MOSFETs. Alternatively, parallel multiple MOSFETs to conduct large duty factor. RDS(ON) varies greatly with the gate driver voltage. The MOSFET vendors often specify RDS(ON) on multiple gate to source voltages (VGS), as well as provide typical curve of RDS(ON) versus VGS. For 5V input, use the RDS(ON) specified at 4.5V VGS. At the time of this publication, vendors, such as Fairchild, Siliconix and International Rectifier, have started to specify RDS(ON) at VGS less than 3V. This has provided necessary data for designs in which these MOSFETs are driven with 3.3V and made it possible to use SP6134 in 3.3V only applications. Thermal calculation must be conducted to ensure the MOSFET can handle the maximum load current. The junction temperature of the MOSFET, determined as follows, must stay below the maximum rating.
PSH (max ) = 12C rssVIN (max ) I OUT (max ) FS
where Crss = reverse transfer capacitance of the top MOSFET Switching losses need to be taken into account for high switching frequency, since they are directly proportional to switching frequency. The conduction losses associated with top and bottom MOSFETs are determined by:
PCH (max ) = RDS (ON ) I OUT (max ) D PCL (max ) = RDS (ON ) I OUT (max ) (1 - D )
2
2
TJ (max ) = TA(max ) +
PMOSFET (max ) RJA
where PCH(max) = conduction losses of the high side MOSFET PCL(max) = conduction losses of the low side MOSFET RDS(ON) = drain to source on resistance. The total power losses of the top MOSFET are the sum of switching and conduction losses. For synchronous buck converters of efficiency over 90%, allow no more than 4% power losses for high or low side MOSFETs. For input voltages of 3.3V and 5V, conduction losses often dominate switching losses. Therefore,
where TA(max) = maximum ambient temperature PMOSFET(max) = maximum power dissipation of the MOSFET RJA = junction resistance. to ambient thermal
RJA of the device depends greatly on the board layout, as well as device package. Significant thermal improvement can be achieved in the maximum power dissipation through the proper design of copper mounting pads on the circuit board. For example, in a SO-8 package, placing two 0.04 square inches
(c) 2008 Exar Corporation
10/15
Rev. 2.0.0
S P613 4
600kHz Synchronous PWM Step Down Controller
copper pad directly under the package, without occupying additional board space, can increase the maximum power from approximately 1 to 1.2W. For DPAK package, enlarging the tap mounting pad to 1 square inches reduces the RJA from 96C/W to 40C/W.
LOOP COMPENSATION DESIGN
The open loop gain of the whole system can be divided into the gain of the error amplifier, PWM modulator, buck converter output stage, and feedback resistor divider. In order to crossover at the selected frequency FCO, the gain of the error amplifier has to compensate for the attenuation caused by the rest of the loop at this frequency. The goal of loop compensation is to manipulate loop frequency response such that its gain crosses over 0db at a slope of -20db/dec. The first step of compensation design is to pick the loop crossover frequency. High crossover frequency is desirable for fast transient response, but often jeopardizes the system stability. Crossover frequency should be higher than the ESR zero but less than 1/5 of the switching frequency. The ESR zero is contributed by the ESR associated with the output capacitors and can be determined by:
SCHOTTKY DIODE SELECTION
When paralleled with the bottom MOSFET, an optional Schottky diode can improve efficiency and reduce noises. Without this Schottky diode, the body diode of the bottom MOSFET conducts the current during the non-overlap time when both MOSFETs are turned off. Unfortunately, the body diode has high forward voltage and reverse recovery problem. The reverse recovery of the body diode causes additional switching noises when the diode turns off. The Schottky diode alleviates these noises and additionally improves efficiency thanks to its low forward voltage. The reverse voltage across the diode is equal to input voltage, and the diode must be able to handle the peak current equal to the maximum load current. The power dissipation of the Schottky diode is determined by
f Z ( ESR ) =
1 2C OUT R ESR
The next step is to calculated the complex conjugate poles contributed by the LC output filter,
PDiode = 2VF I OUT TNOL FS
where TNOL = non-overlap time between GH and GL. VF = forward voltage of the Schottky diode.
f P ( LC ) =
1 2 LC
When the output capacitors are of a Ceramic Type, the SP6134CU Evaluation Board requires a Type III compensation circuit to give a phase boost of 180 in order to counteract the effects of an under damped resonance of the output filter at the double pole frequency.
(c) 2008 Exar Corporation
11/15
Rev. 2.0.0
S P613 4
600kHz Synchronous PWM Step Down Controller
SP6134 Voltage Mode Control Loop with Loop Dynamic Definitions: Resr = Output Capacitor Equivalent Series Resistance Rdc = Output Inductor DC Resistance Vramp_pp = SP6134 internal RAMP Amplitude Peak to Peak Voltage Conditions: Cz2 >> Cp1 and R1 >> Rz3 Output Load Resistance >> Resr and Rdc
Bode Plot of Type III Error Amplifier Compensation.
(c) 2008 Exar Corporation
12/15
Rev. 2.0.0
S P613 4
600kHz Synchronous PWM Step Down Controller
TYPICAL APPLICATION DIAGRAM
Note: Components highlighted in bold are those used on the SP6134 Evaluation Board.
Table 1. Input and Output Stage Components Selection Charts.
(c) 2008 Exar Corporation
13/15
Rev. 2.0.0
S P613 4
600kHz Synchronous PWM Step Down Controller
PACKAGE SPECIFICATION MSOP-10
(c) 2008 Exar Corporation
14/15
Rev. 2.0.0
S P613 4
600kHz Synchronous PWM Step Down Controller
REVISION HISTORY - TO BE DELETED PRIOR TO PUBLICATION Revision 2.0.0 Date 1/20/2009 Complete re-formatting Changes from PCN #09-0120-01 Description
FOR FURTHER ASSISTANCE
Email: Exar Technical Documentation: customersupport@exar.com http://www.exar.com/TechDoc/default.aspx?
EXAR CORPORATION HEADQUARTERS AND SALES OFFICES
48720 Kato Road Fremont, CA 94538 - USA Tel.: +1 (510) 668-7000 Fax: +1 (510) 668-7030 www.exar.com
NOTICE
EXAR Corporation reserves the right to make changes to the products contained in this publication in order to improve design, performance or reliability. EXAR Corporation assumes no responsibility for the use of any circuits described herein, conveys no license under any patent or other right, and makes no representation that the circuits are free of patent infringement. Charts and schedules contained here in are only for illustration purposes and may vary depending upon a user's specific application. While the information in this publication has been carefully checked; no responsibility, however, is assumed for inaccuracies. EXAR Corporation does not recommend the use of any of its products in life support applications where the failure malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly affect safety or effectiveness. Products are not authorized for use in such applications unless EXAR Corporation receives, writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized; (b) the user assumes such risks; (c) potential liability of EXAR Corporation is adequately protected under the circumstances. Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited. or its in all
(c) 2008 Exar Corporation
15/15
Rev. 2.0.0


▲Up To Search▲   

 
Price & Availability of SP6134

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X