Part Number Hot Search : 
0U3BB 1502B AT88S MMBT222 AN1268 3907T A5941 16M44VLA
Product Description
Full Text Search
 

To Download SP1213TCQ-3-10-4-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ELECTRONIC FILM CAPACITORS, INC.
SP1213
METALLIZED POLYPROPYLENE
HI-TECH CAPACITOR TECHNOLOGY MEETS THE DEMAND OF TODAY'S HI-TECH SWITCH-MODE POWER SUPPLIES EFC Series SP1213 are metallized polypropylene capacitors in a wrap and fill construction. Special metallization and high-tech terminations allow these capacitors to operate at up to 30 Amps ripple current at frequencies up to 100 kHz. SP1213 exhibit little or no capacitance rolloff, when compared to electrolytics, at these high frequencies.
1. TEMPERATURE RANGE: -55C to +85C at full voltage ratings. To 105C with 25% voltage derating. 2. CAPACITANCE TOLERANCES: + 1%, 2%, 5%, 10%, 20%.
3. DISSIPATION FACTOR (1 kHz): 0.1% maximum when measured at 25C.
R S E W O L
SPECIFICATIONS
4. INSULATION RESISTANCE: 150,000 Megohm-Microfarads (need not exceed 300,000 Megohms) when measured at rated voltage at 25C. 5. ESR: See Dimensions and Ratings Tables.
CATALOG NOMENCLATURE
SP 1213 TC Q - 3 - 1.0 - 2 - 5
CASE CODE
TC - WRAP & FILL - ROUND - AXIAL
CAPACITANCE
IN MICROFARADS (F)
LEADS
OMIT FOR SOLID WIRE; INCLUDE FOR QUICK CONNECT TERMINALS
SIZE CODE
3 - STANDARD X - NON-STANDARD
VOLTAGE
1.6 - 160 VDC 2.5 - 250 VDC 4 - 400 VDC 6.3 - 630 VDC
DIELECTRIC CODE
1213 - METALLIZED POLYPROPYLENE
TOLERANCE OPTION
SWITCH MODE POWER SUPPLY Low ESR and high current rating. Specify with the prefix SP. 1 - 1% 2 - 2% 5 - 5% ETC.
Reidville Industrial Park * 41 Interstate Lane WATERBURY, CONNECTICUT 06705
PHONE (203) 755-5629 FAX (203) 755-0659
ELECTRONIC FILM CAPACITORS, INC.
SP1213TC
Snubber Capacitors Metallized Polypropylene
1.625" Min. < >< L + .050" _ >
Tubular Wrap and Fill
EFC SP1213TC
TINNED SOLID COPPER WIRE
DIMENSIONS and RATINGS
100 VDC Cap. F
1.0 2.0 3.0 5.0 10.0 20.0 30.0
200 VDC D
.520 .700 .750 .870 1.030 1.450
<
>
D + .050" _
D
.580 .630 .750 .780 .940 1.050 1.250
L
.781 .906 .906 1.250 1.531 2.250 2.250
Lead Dia.
.032 .032 .040 .040 .040 .040 .040
100 IRMS kHz ESR (Amps) ( m)
15 12 11 9 8 7 6 9.0 11.0 12.0 14.0 15.0 15.0 15.0
NOTE: Maximum ripple current ratings, IRMS, apply at 100 kHz at 25C.
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
Reidville Industrial Park * 41 Interstate Lane WATERBURY, CONNECTICUT 06705
PHONE (203) 755-5629 FAX (203) 755-0659
>
400 VDC D
.720 .900 1.090 1.190 1.700
L
1.250 1.250 1.531 1.781 2.250 2.250
Lead Dia.
.032 .032 .040 .040 .040 .040
100 IRMS kHz ESR (Amps) ( m)
20 15 13 11 9 6 7.5 12.0 15.0 15.0 15.0 15.0
L
1.531 1.781 1.781 2.250 2.250
Lead Dia.
.032 .040 .040 .040 .040
100 IRMS kHz ESR (Amps) ( m)
19 15 12 10 7 9.5 15.0 15.0 15.0 15.0
ELECTRONIC FILM CAPACITORS, INC.
SP1213TC
METALLIZED POLYPROPYLENE SNUBBER DESIGN
850VDC/450VAC
CAP. F
0.15 0.22 0.33 0.47 0.56 0.68 0.82 1.00 1.20 1.50 D L inches (mm) inches (mm) 0.38 (9.8) 0.45 (11.6) 0.55 (14.0) 0.65 (16.6) 0.71 (18.0) 0.78 (19.8) 0.85 (21.7) 0.94 (23.9) 1.03 (26.2) 1.15 (29.2) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) I I (PEAK) (RMS) amps amps 49 72 107 153 182 221 267 325 390 488 4.50 4.63 5.25 5.50 6.00 6.25 6.25 6.50 6.50 6.50 ESL nH 45 45 45 45 40 35 30 30 30 30
100 kHz ESR ( m)
dV/dT V/ S 325 325 325 325 325 325 325 325 325 325
29 26 23 16 14 12 11 9 7 5
DIMENSIONS AND RATINGS
1200VDC/500VAC
CAP. F
0.15 0.22 0.33 0.47 0.56 0.68 0.82 1.00 1.20 1.50 D inches (mm) 0.42 (10.8) 0.51 (12.9) 0.61 (15.7) 0.73 (18.6) 0.79 (20.2) 0.87 (22.2) 0.96 (24.4) 1.06 (26.8) 1.15 (29.4) 1.29 (32.8) I I (PEAK) (RMS) L inches (mm) amps amps 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 90 132 198 282 336 408 492 600 720 900 4.5 5.3 6.3 6.5 6.8 7.0 7.0 7.0 7.0 7.0 ESL nH 45 45 45 45 40 35 30 30 30 30
100 kHz ESR ( m)
1.625" Min.
dV/dT V/ S 600 600 600 600 600 600 600 600 600 600
<
><
L+ _.050"
>
22 15 10 7 6 5 4 3 3 2
SP1213TC
Leads - 18 AWG Tinned Copper
2000VDC/660VAC
CAP. F
0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.22 0.33 0.47 0.56 D L inches (mm) inches (mm) 0.39 (9.9) 0.42 (10.7) 0.46 (11.7) 0.50 (12.7) 0.55 (14.0) 0.60 (15.2) 0.67 (16.9) 0.80 (20.4) 0.98 (24.9) 1.16 (29.6) 1.27 (32.3) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) I I (PEAK) (RMS) amps amps 40 48 58 70 85 102 128 187 281 400 476 4.5 4.5 4.5 4.5 5.0 5.5 6.0 6.5 7.0 7.0 7.0 ESL nH 45 45 45 45 45 45 45 35 26 25 25
100 kHz ESR ( m)
dV/dT V/ S 850 850 850 850 850 850 850 850 850 850 850
40 34 28 23 19 16 13 9 6 4 3
Reidville Industrial Park * 41 Interstate Lane WATERBURY, CONNECTICUT 06705
PHONE (203) 755-5629 FAX (203) 755-0659
Rev. 4/97
<
>
D + .050" _
ELECTRONIC FILM CAPACITORS, INC.
SP1213TCQ
Snubber Capacitors Metallized Polypropylene
< + L _ .050" >
Tubular Wrap and Fill
EFC SP1213TCQ
QUICK CONNECT TERMINALS (.032 x .250 x .250)
DIMENSIONS and RATINGS
100 VDC Cap. F
1.0 2.0 3.0 5.0 10.0 20.0 30.0
200 VDC D
.520 .700 .750 .870 1.030 1.450
<
>
D+ _ .050"
>
D
.580 .630 .750 .780 .940 1.050 1.250
L
.781 .906 .906 1.250 1.531 2.250 2.250
100 IRMS Lead kHz Dia. ESR (Amps) ( m)
.032 .032 .040 .040 .040 .040 .040 15 12 11 9 8 7 6 10.0 12.0 13.0 15.0 18.0 22.0 24.0
NOTE: Maximum ripple current ratings, IRMS, apply at 100 kHz at 25C.
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
Reidville Industrial Park * 41 Interstate Lane WATERBURY, CONNECTICUT 06705
PHONE (203) 755-5629 FAX (203) 755-0659
>
400 VDC D
.720 .900 1.090 1.190 1.700
L
1.250 1.250 1.531 1.781 2.250 2.250
100 IRMS Lead kHz Dia. ESR (Amps) ( m)
.032 .032 .040 .040 .040 .040 20 15 13 11 9 6 8.0 14.5 16.0 18.5 22.5 27.5
L
1.531 1.781 1.781 2.250 2.250
100 IRMS Lead kHz Dia. ESR (Amps) ( m)
.032 .040 .040 .040 .040 19 15 12 10 7 10.0 15.0 21.0 24.5 30.0


▲Up To Search▲   

 
Price & Availability of SP1213TCQ-3-10-4-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X