Part Number Hot Search : 
SM2958 02DZ15 CD4370A 1057091 TG16C TA7300 89HPE KN2222AS
Product Description
Full Text Search
 

To Download SP0560S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SP0560S
Elektronische Bauelemente
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
VOLTAGE 60V 5.0AMP Schottky Barrier Rectifiers
ITO-220A
FEATURES
* Low forward voltage drop * High current capability * High reliability * High surge current capability * Epitaxial construction
10
0.5
3.2
0.2 0.1
4.5
0.2
2.8
0.3
0.2
2.7 3.7
0.2
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Lead solderable per MIL-STD-202, method 208 guaranteed * Polarity: As Marked * Mounting position: Any * Weight: 2.24 grams(Approximately)
5.08
0.2
0.7 .
0.2
13Min
1.3
0.2
15
0.3
0.5 2.6
0.2 0.2
Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Working Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage (IF = 5 Amps,TF= 25 C, per leg) Maximum Instantaneous Forward Voltage (IF = 5 Amps,TF= 125 C, per leg) Maximum DC Reverse Current Ta=25 oC at Rated DC Blocking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note 2) Voltage Rate Of Chance (Rated VR) Operating Temperature Range Storage Temperature Range
NOTES:
SYMBOL VRRM VRSM VDC IF IFSM VF IR CJ RJA dv/dt TJ TSTG
SP0560S 60 60 60 5
UNITS V V V A
130 0.65 0.55 0.20 10 550 4.0 10000 -50 ~ +150 -65 ~ +175
A V mA
o
Ta=125 C
o
pF C/W C C
V/us
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C. 2. Thermal Resistance Junction to Case.
01-Jun-2002 Rev. A
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
Page 1 of 2
SP0560S
Elektronische Bauelemente
VOLTAGE 60V 5.0AMP Schottky Barrier Rectifiers
RATING AND CHARACTERISTIC CURVES
Typical Forward Current Derating Curve
100
Typical Forward Characteristic
7
5
Instantaneous Forward Current (A)
Average Forward Current (A)
10
125J
25J 1
0 20 50 100 150 190
Tc, Case Temperature (J)
75J
Typical Junction Capacitance
800
0.1 0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Voltage (V)
Junction Capacitance (pF)
600
400
Typical Reverse Characteristic
200
100
0
0.1
1
10
100
Revise Voltage (%)
100J 10
200
Reverse Current(mA)
Maximum Non- Repetitive Forward Surge Current
Peak Forwad surge Current (A)
75J 1
160
Tj=25J
8.3mS Single half Sine Wave JEDEC Method
120
50J
80
0.1
25J
40
0 0 10 100
0.01 20 30 40 50 60 70
Number of Cycles at 60Hz
Reverse Voltage(V)
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individua
l
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SP0560S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X