Part Number Hot Search : 
MC79M00 MLX902 2SK1449 4743A 24100 BL05A XXXBCP 62304AF
Product Description
Full Text Search
 

To Download SM1920-52LD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model SM1920-52LD
1930 - 1990 MHz 160 Watt Power Amplifier
The SM1920-52LD is an 1930 - 1990 MHz LDMOS amplifier designed for various military and commercial applications.
Features * * * Mis-Match Protected with BuiltIn Isolator Single Power Supply Temperature Compensation
Parameter Frequency Range RF Power @ 1dB compression point Linear Gain Gain Flatness over Full Band Input VSWR Output VSWR (Built-in Isolator) DC Input Voltage DC Current Operating Mechanical Dimensions Without Heatsink RF Connectors DC Connector Operating Temperature Operating Humidity Operating Altitude
Specification 1930 - 1990 MHz 52 dBm (typ.) 45 dB 1 dB .5 dB -16 dB -16 dB + 28 Volts 16 A @ +52 dBm (max.) 2.5 A @ +37 dBm. 8.0 x 4.0 x .73 inches SMA Female 7W2 D-Sub -30o C to +85o C 95% Non-condensing Up to 10,000 feet above Sea Level
Options * * * * * Linear Forward/Reverse Power Detection (AD8362 Log amps) Temperature Monitor High speed Switching for TDD with 1 us rise/fall time Logic On/Off Control Heatsink
Configurations * * Module 19" Rack
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com
Model SM1920-52LD
1930 - 1990 MHz 160 Watt Power Amplifier DIMENSIONS IN INCHES
RF OUTPUT
INCORPORATED
A2
J1 RF INPUT Made in USA A1
HEATSINK OPTION
RF OUTPUT Made in USA J1
A2 A1
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com
Model SM1920-52LD
1930 - 1990 MHz 160 Watt Power Amplifier
A1
A2
J1 CONNECTOR PINOUT
Pin RF INPUT RF OUTPUT A1 A2 1 2 3 4 5 Description Input Connector ( SMA Female ) Output Connector (SMA Female) +VDC GND TTL On/Off Reflected power detection GND Temp Forward Power Detection Values +8 dBm (max.) + 52 dBm @ P1dB (typ.) +28V -+5V = on / 0V = off (if equipped) Set to 3.35 V @ 40dBm of CW reflected power Detector Slope: 60 mV / dB -Temp in deg C = (Voltage on pin - .500)*100 e.g. .90 V = 40 deg C Set to 4.00 V @ 52 dBm of CW output power into 50 Detector Slope: 60 mV / dB
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com


▲Up To Search▲   

 
Price & Availability of SM1920-52LD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X