Part Number Hot Search : 
UPD780 MAX14 NAR141 5933B 201148B 2SS52 HC257 TZA3043U
Product Description
Full Text Search
 

To Download SB2100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB220 THRU SB2100
Features
* Plastic Package has Underwriters Laboratory Flammability Classification 94V-0 * Metal silicon junction, majority carrier conduction * Guard ring for overvoltage protection * Low power loss, high efficiency * High current capability, Low forward voltage drop * High surge capability * For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications * High temperature soldering guaranteed : 250E /10 seconds at terminals, 0.375" (9.5mm) lead length, 5lbs. (2.3Kg) tension
CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
DO-15
0.140(3.6) 0.104(2.6) DIA.
1.0(25.4) MIN.
0.300(7.6) 0.230(5.8)
Mechanical Data
* Case : JEDEC DO-15 molded plastic body * Terminals : Plated axial leads, solderable per MIL-STD-750, Method 2026 * Polarity : Color band denotes cathode end * Mounting Position : Any * Weight : 0.014 ounce, 0.39 gram
0.034(0.9) 0.028(0.7) DIA. 1.0(25.4) MIN.
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified, single phase, half wave, resistive or inductive load. For capacitive load, derate by 20%)
Symbols Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375"(9.5mm) lead length at TL=75E Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum instantaneous forward voltage at 1.0A (Note 1) Maximum instantaneous reverse current at rated DC blocking voltage (Note1) Typical junction capacitance (Note 3) Typical thermal resistance (Note 2) Operating junction temperature range Storage temperature range TA=25E TA=100E IR CJ ReJA TJ TSTG VRRM VRMS VDC I(AV) SB220 20 14 20
SB230
SB240 40 28 40
SB250 50 35 50 2.0
SB260
SB280 SB2100 Units 80 56 80 100 70 100 Volts Volts Volts Amps
30 21 30
60 42 60
IFSM
50.0
Amps
VF
0.55 1.0 10 170
0.70
0.85
Volts
mA
PF
35.0 -65 to +125 -65 to +150
E /W E E
Notes:
(1) Pulse test: 300i S pulse width, 1% duty cycle (2) Thermal resistance from junction to lead, and/or to ambient P.C.B. mounted with 0.375"(9.5mm) lead length with 1.5X1.5"(38X38mm) copper pads (3) Measured 1.0MHz and reverse voltage of 4.0 volts
RATINGS AND CHARACTERISTIC CURVES SB220 THRU SB2100
FIG.1-FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES 2.0 1.5 1.0 0.5 0 50 60 70 80 90 100 110 120 130 140 150 LEAD TEMPERATURE (E )
RESISTIVE OR INDUCTIVE LOAD E board mounted on 5.0mm COPPER LAND AREAS
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
50 PEAK FORWARD SURGE CURRENT(AMPERES) 40 30 20 10 0 1 2 4 6 8 10 20 40 60 80 100
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
50 INSTANTANEOUS FORWARD CURRENT (AMPERES)
TJ=25E PULSE WIDTH=300A
1% DUTY CYCLE
FIG.4-TYPICAL REVERSE CHARACTERISTICS
10
10
SB220-SB240 SB250-SB260
TJ=100E
INSTANTANEOUS REVERSE CURRENT MILL (AMPERES)
1
SB280-SB2100
1.0
0.1 2 3 4 5 6 7 8 9 10 11
0.1
TJ=75E
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
FIG.5-TYPICAL JUNCTION CAPACITANCE
500 JUNCTION CAPACITANCE(pF)
TJ=25E
0.01
100 50
TJ=25E f=1.0MHz Vsig=50mVp-p
| | SB220-SB240 - - - SB250-SB2100
0.001 0
| | SB220-SB240 - - - SB250-SB2100
20
40
60
80
100
120
140
10 0
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) 1 4 10 20 100
0.1 0.4
REVERSE VOLTAGE. VOLTS


▲Up To Search▲   

 
Price & Availability of SB2100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X