Part Number Hot Search : 
OM7602 A170R APTGT1 SF206 27C25 BSV24 C1364V2 XR2100
Product Description
Full Text Search
 

To Download SAEP13001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAEP SERIES
ADSL LINE TRANSFORMER
MECHANICALS CONSTRUCTION
l FEATURE EXCELLENT THD PERFORMANCE IN A SMALL FOOTPRINT. l APPLICATIONS FOR USE WITH ADSL CHIPSET
THD ADSL
l PART NUMBERING SYSTEM () SA 1 SMD ADSL LINE TRANSFORMER SMD ADSL EP13 2 DIMENSIONS CORE DIM EP13 001 3 PART NUMBER
l SPECIFICATIONS
PART NO SAEP13001 SAEP13002 SAEP13003 SAEP13004 SAEP13005 SAEP13006 Turn Ratio (2%) 1:12% Pin(10-6):(1-5) 1:11% OCL @ 10KHz/0.1V 200 mH Min (10-6) 440 mH5% Leakage Inductance
(H
Longitudinal Balance (dB Min) -40 dB @1KHz to 100KHz -45 dB
Max)
60uH @10KHz/500mV (10-6),(1+5)short 10uH @ 300KHz/0.1V
Pin(1-4):(10-7) (1-4), (2+3) short (1-4),(2+3,7+10,8+9)short @20KHz to1.1MHz 2:1 100 mH5% 10uH @ 100KHz/0.1V -45 dB Pin (10-6):(1-5) (10-6), (7+9) short (10-6),(7+9,2+4,1+5)short 1:3.3 800 u H5% 10uH @ 100KHz/0.1V @ 1.1MHz -45 dB
Pin(5-1):(6-10) (6-10), (9+7) short (6-10),(7+9,5+1,2+4)short @30KHz to 1.1MHz 1:1 4.0 mH 5% Pin(1-5):(10-6) (1-5):(10-6) 1:1 4.0 mH 10% Pin(1-5):(6-10) (1-5),(6-10)
61
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd Tel:0750-2323113 Fax:0750-2312333 http:// www.productwell.com
SAEP SERIES
l SPECIFICATIONS
PART NO SAEP13007 Turn Ratio (2%) 1:1 (PRI):(SEC) 1:1 Pin (1-4):(10-7) 1:1 2:1 Pin(1-4):(10-7) 1:1 Pin(10-6) :(1-5) 1:1 OCL @ 10KHz/0.1V 5.0 mH 10% (1-4), (2+3)short 5.0 mH 10% (1-4),(2+3) (10-7),(8+9)short 470 uH 5% 800 uH 5% 200 uH Min (10-6),(1-5) 1025 uH 5% 430 uH 10% (10-6),(9+7)short 1:1 SAEP13014 430 uH 10% (10-7),(8+9)short SAEP13015 SAEP13016 SAEP13017 SAEP13018 SAEP13019 1:1Pin (1-4):(7-10) 1:1 1:1 Pin(1-4):(10-7) 2:1 Pin (10-6):(1-5) 1.2:1 480 uH 6% 480 uH 10% 440 uH 5% 440 uH 5% 5mH10% 5 mH10%(10-7), short
ADSL LINE TRANSFORMER
Leakage Inductance
(H
Longitudinal Balance(dB Min) -40 dB @20KHz to 1.1MHz -40 dB @25KHz to 1.1 MHz -50 dB -45 dB -40 dB @1KHz to 100 KHz -45 dB
Max)
18uH@100KHz/0.1V (1-4), (2+3,7+10,8+9)short 18uH @ 100KHz/0.1V(1-4) (2+3,10+7,9+8)short 10uH @ 300KHz/0.1V 10uH @ 100KHz/0.1V 60uH @10KHz/500mVac (10-6),(1+5)short 10uH @ 300KHz/1V
SAEP13008
SAEP13009 SAEP13010 SAEP13011 SAEP13012
Pin (1-4):(10-7) (10-7),(8+9)short (10-7),(2+3,1+4,9+8)short @20KHz to 1.1 MHz (1-4),(2+3)short (1-4),(2+3,10+7,9+8)short @10KHz to 1MHz
Pin (3-8) :(1-10) (1-10),(2+9)short (1-10),(2+9,3+8,5+6)short @ 30KHz to 1.1MHz 1:1 10uH @ 100KHz/0.1V -40 dB Pin(1-5): (10-6) (1-5),(2+4)short (10-6),(2+4,7+9,1+5)short @30KHz to 1.1 KHz
SAEP13013
10uH @ 100KHz/0.1V
-40 dB
Pin(1-4): (10-7) (1-4),(2+3)short (1-4),(2+3,8+9,10+7)short @25KHz to 1.1 KHz 10uH @ 300KHz/0.1V 10uH @ 300KHz/0.1V 10uH @ 300KHz/0.1V 10uH @ 100 KHz/0.1V 12uH @ 10KHz/0.1V -40 dB -40 dB -45 dB -40 dB
(1-4),(2+3)short (1-4),(2+3,7+10,8+9)short @30KHz to 1.1KHz
Pin (1-4):(10-7) (1-4),(3+2)short (1-4),(2+3,7+10,8+9)short @30KHz to 1.1KHz (1-4),(2+3)short (1-4),(2+3,10+7,8+9)short @20KHz to 1.1MHz (10-6),(7+9)short (10-6),(1+5,2+4,7+9)short @30 KHz to 1.1MHz -40 dB
Pin(10-7):(1-4) (10-7),(8+9)short (10-7),(8+9,3+2,1+4)short 1:1 15uH @ 100KHz/0.1V
SAEP13020
Pin (1-4):(10-7) (8+9)&(1-4).(2+3) (1-4),(2+3,10+7,9+8)short @30KHz to 1.1 MHz
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd Tel:0750-2323113 Fax:0750-2312333 http:// www.productwell.com
62
SAEP SERIES
l SPECIFICATIONS
PART NO SAEP13021 SAEP13022 SAEP13023 SAEP13024 SAEP13025 Turn Ratio (2%) 1:1.423 Pin (10-7):(1-4) 1:2 Pin (10-7):(1-4) 2:1 2:1 Pin (1-5):(9-7) 4:1 Pin(1-5):(9-7) OCL @ 10KHz/0.1V 1.5 mH 5% (1-4) 1.5 mH 5% (1-4) 410 uH 5% 2.0 mH5% (1-5),(2+4)short 2.0 mH5% (1-5),(2+4)short
ADSL LINE TRANSFORMER
Leakage Inductance
(H
Longitudinal Balance(dB Min) -50 dB @30KHz to 1.1KHz -50 dB @30KHz to 1.1KHz -50 dB -50 dB @40K to 300 KHz -50 dB @40K to 500 KHz
Max)
18uH @ 300KHz/0.1V 10uH @ 300KHz/0.1V 10uH @ 300KHz/0.1V 11uH @ 100 KHz,/0.1V (1-5) ,(2+4,9+7)short 15uH @ 100 KHz,/0.1V (1-5) ,(2+4,9+7)short
Pin (1-5):(10-6) (1-5),(2+4)short (1-5),(2+4,9+7,10+6)short @20KHz to 1.1 KHz
CONTINUE
PART NO SAEP13001 SAEP13002 SAEP13003 SAEP13004 SAEP13005 SAEP13006 SAEP13007 SAEP13008 SAEP13009 SAEP13010 SAEP13011 SAEP13012 SAEP13013 SAEP13014 Insertion Loss (dB Max) -1.5@100Hz & 112KHz -1.0@100KHz & 1.1MHz -1 @500KHz/0.1V -0.5 @100KHz -0.5 @100KHz -0.5 @500KHz -1.0@100Hz & 112KHz -1 @100KHz & 1.1MHz -0.5 @300KHz -0.5 @772KHz -0.5 @772KHz 100 (Load Resistance) 0.45(1-3), (2-4); 0.35(9-7), (10-8) 1500 1500 DC Resistance (OHM Max) 8.210% (10-6) 16.710% (1-5) 0.59(1-3),(2-4) 0.48(9-7),(10-8) 0.5 (10-7),(9-6) 0.5 (1-4),(2-5) 0. 5 (6-9),(7-10) 0.2 (5-2),(4-1) 2.6 (1-5), (10-6) 3.6 Pin(1-5),(6-10) 3.2(1-3), (2-4), (10-8), (9-7) 3.2 (1-4),(2+3) short3.2 (10-7),(8+9)short 1.0 (1-4) (3+2)short 0.74 (1-3) 0.77(10-7), 0.78(8+9)short Isolation Voltage 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500
8.2 (10-6) 16.7 (1-5) 0.5 (1-2),(9-10),(6-8)&(3-5)
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd Tel:0750-2323113 Fax:0750-2312333 http:// www.productwell.com
63
SAEP SERIES
l SPECIFICATIONS
PART NO SAEP13015 SAEP13016 SAEP13017 SAEP13018 SAEP13019 SAEP13020 SAEP13021 SAEP13022 SAEP13023 SAEP13024 SAEP13025 Insertion Loss (dB Max) -1.0(@100KHz & 1.1MHz -1.0 @100 Hz & 1.1MHz -0.6@772 KHz -1.0@772 KHz -1 @ 25KHz/1.1 MHz/0.1V -1.0@100 KHz -0.5@300 KHz -0.5@300 KHz -1.0@100 KHz & 1.1 MHz -0.5@40KHz -0.5 @100KHz
ADSL LINE TRANSFORMER
DC Resistance (OHM Max) 1.0(1-4),(3+2)short 0.59 (1-3),(2-4) 0.48 (9-7),(10-8) 0.33(10-7),(9-6) 0.39(1-4),(2-5) 0.67(10-7),(9-6) 0.42(1-4),(2-5) 0.35(1-3) 0.4(2-4) .75(10-8,9-7) 1.0(1-3) 1.3(2-4) 1.1(10-8,9-7) 0.7(10-7) 3.8(1-4) 0.7(10-7) 1.25(1-4) 0.75(1-4),(2-5) 0.45(10-7),(9-6) 2.5 (1-5) 1.0 (9-7) 1.4510% (1-4),(2-5) 0.4510% (9-7)
Isolation Voltage 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500
l
l SCHEMATICS
SAEP13001/ 13011 SAEP13002/13007/13015/13017
SAEP13003
SAEP13004
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd Tel:0750-2323113 Fax:0750-2312333 http:// www.productwell.com
64
SAEP SERIES
l SCHEMATICS
SAEP13005
ADSL LINE TRANSFORMER
SAEP13008/13010/13014/13015/13020
SAEP13009/13019
SAEP13004
SAEP13013/13018/23
SAEP13021/13022
SAEP13021/13022
SAEP13025
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd Tel:0750-2323113 Fax:0750-2312333 http:// www.productwell.com
65


▲Up To Search▲   

 
Price & Availability of SAEP13001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X