Part Number Hot Search : 
00003 35005 2SK26 FS235 ODUCT 913G1 FSQ500L DMP2305U
Product Description
Full Text Search
 

To Download S3LP507L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 124-1
Surface Mount LC Filters
These space saving low and high pass filters are pretuned, tight tolerance modules which serve a wide variety of filtering requirements. They feature 3rd order Butterworth alignment, less than 0.3 dB insertion loss and a compact, 1812-size construction ideally suited for auto insertion and reflow soldering.
* 3rd order Butterworth alignment * 50 Ohm characteristic impedance * Less than 0.3 dB insertion loss
Coilcraft Designer's Kit D302 contains samples of all low pass filters. To order, contact Coilcraft or visit http://order.coilcraft.com.
Part marking
0.205 max 5,21 0.085 max 2,16
Low Pass Filters
Part number1 S3LP156L_ S3LP306L_ S3LP606L_ S3LP157L_ S3LP307L_ S3LP507L_ S3LP707L_ S3LP807L_ S3LP907L_ S3LP108L_ S3LP128L_ S3LP158L_ S3LP188L_ S3LP218L_ -3 dB Cutoff 15 MHz 30 MHz 60 MHz 150 MHz 300 MHz 500 MHz 700 MHz 800 MHz 900 MHz 1.0 GHz 1.2 1.5 1.8 2.1 GHz GHz GHz GHz Irms (mA)2 200 300 300 400 400 500 500 500 500 500 500 500 500 500
0.020 0,51 0.125 3,18
0.180 4,57 0.120 3,05 0.040 1,02
2nd digit 1st digit (over P1) Multiplier (x10) (over P3) (over P2) 0.055 1,40
P1 P3
0.040 1,02 0.160 max 4,06
0.045 1,14
P2
0.050 1,27
0.070 1,78
Recommended Land Pattern
Weight: 64.7 - 69.0 mg Tape and reel: 600/7 reel; 2200/13 reel 12 mm tape width See Tape and Reel Specifications section for packaging data. See Color Coding section for part marking data.
1. When ordering, please specify termination and packaging codes:
S3HP156LC L Termination: L = RoHS compliant silver over copper or gold over nickel over silver. Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: C = 7 machine-ready reel. EIA-481 embossed plastic tape (600 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter C instead. D = 13 machine-ready reel. EIA-481 embossed plastic tape (2200 parts per full reel).
High Pass Filters
Part number1 S3HP156L_ S3HP306L_ S3HP606L_ S3HP157L_ S3HP307L_ S3HP507L_ S3HP807L_ -3 dB Cutoff 15 MHz 30 MHz 60 MHz 150 MHz 300 MHz 500 MHz 800 MHz Irms (mA)2 300 300 300 300 300 500 500
2. Current that causes a 15C rise from 25C ambient. 3. Operating temperature range -40C to +85C. 4. Electrical specifications at 25C.
Specifications subject to change without notice. Please check our website for latest information. Document 124-1
Revised 11/16/06
(c) Coilcraft, Inc. 2008
Document 124-2
Surface Mount LC Filters
In P1 P2 P2
Low pass
Out P3
High pass
In P1 Out P3
Frequency Response--Low Pass Filters*
0 0 S3LP-156 20 S3LP-306 S3LP-606 40
dB Attenuation (re: 50 )
dB Attenuation (re: 50 )
S3LP-157 10
S3LP-507 S3LP-307 S3LP-807
20
60
30
80
10 100 1000
40
100 1000 10000
Frequency (MHz)
Frequency (MHz)
0
0 S3LP-707
dB Attenuation (re: 50 )
dB Attenuation (re: 50 )
S3LP-188 10
10
S3LP-218
S3LP-907 S3LP-128
20
20 S3LP-158 30
30
40 100 1000 10000
40 100 1000 10000
Frequency (MHz)
Frequency (MHz)
Frequency Response--High Pass Filters*
0 0 S3HP-606 20 S3HP-156 40 S3HP-306
dB Attenuation (re: 50 )
dB Attenuation (re: 50 )
S3HP-307 10 S3HP-157 20
S3HP-807
S3HP-507
60
30
80
1 10 100
40
10 100 1000
Frequency (MHz)
Frequency (MHz)
*Measured on Agilent/HP 8753D network analyzer
Specifications subject to change without notice. Please check our website for latest information. Document 124-2
Revised 11/16/06
(c) Coilcraft, Inc. 2008


▲Up To Search▲   

 
Price & Availability of S3LP507L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X