Part Number Hot Search : 
U4822 21M16 ISF2409A 88523 N4007 78L05 00LVEL JC547B
Product Description
Full Text Search
 

To Download RN412ATTE1002B100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RN41, RM41
fixed metal film melf resistors
EU
features * * * * * Suitable for reflow and wave soldering Higher stability in short and long term tests Meets or exceeds IEC 60115-8, EIAJ RC-2132A Marking: Blue body color for "RN", green for "RM" Products with lead-free terminations meet EU RoHS and China RoHS requirements
dimensions and construction
C L D3 Type
(Inch Size Code)
L .079.004 (2.00.1) .138.008 (3.50.2) .126.008 (3.20.2) .138.008 (3.50.2) .232.008 (5.90.2) .232.008 (5.90.2)
Dimensions inches (mm) C (min.) D1 D2 (max.) D3 (max.) .012 (0.3) .02 (0.5) .02 (0.5) .02 (0.5) .02 (0.5) .02 (0.5) .049.002 (1.250.05) .057.004 (1.450.1) .061.006 (1.550.15) .055.004 (1.40.1) .087.004 (2.20.1) .087.004 (2.20.1) .053 (1.35) .061 (1.55) .069 (1.75) .061 (1.55) .094 (2.4) .094 (2.4) .006 (0.15) .006 (0.15) .004 (0.1) .003 (0.07)
2A (0805) D1 D2 2B (1406) 2D (1206) Insulation Coating Trimming Resistive Line Film Ceramic Core End Cap 2ES (1406) 2E, 2H (2309) 3AS
Marking
ordering information
New Part # RN41 Type RN41 2B Size 2A: 0805 2B: 1406 2D: 1206 2E: 2309 2ES: 1406 2H: 2309 3AS: 2309 T Termination Material T: Sn TE Packaging TE: 7" embossed plastic (2A, 2B, 2ES - 3,000 pieces/reel) (2D - 2,000 pieces/reel) (2E, 2H, 3AS - 1,500 pieces/reel) 1002 Nominal Resistance 5%: 2 significant figures + 1 multiplier. "R" indicates decimal on values <10 1%: 3 significant figures + 1 multiplier. "R" indicates decimal on values <100 1R0 Nominal Resistance 5%: 2 significant figures + 1 multiplier. "R" indicates decimal on values <10 J Tolerance B: 0.1% C: 0.25% D: 0.5% F: 1% J: 5% 50* T.C.R. (ppm/C) 25 50 100 200
*T.C.R. noted for RN41 only
New Part #
RM41 Type RM41
2D Size 2D: 1206 2H: 2309
T Termination Material T: Sn
TE Packaging TE: Embossed plastic (2D - 2,000 pieces/reel) (2H - 1,500 pieces/reel)
J Tolerance J: 5%
For further information on packaging, please refer to Appendix A.
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 1/13/09
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
89
resistors
RN41, RM41
resistors
fixed metal film melf resistors
applications and ratings
Part Designation RN412A RN412B RN412D RN412E RN412ES RN412H RM412D RM412H RN413AS Power Rating @ 70C 1/8W (.125W) 1/8W (.125W) 1/5W (.2W) 1/4W (.25W) 1/4W (.25W) 1/2W (.5W) 1/5W (.2W) 1/2W (.5W) 1W T.C.R. (ppm/C) Max. (B0.1%) 100 25 50 50 25 50 25 50 200 350 350 50 -- -- -- -- -- -- -- -- -- -- -- Resistance Range E-24, E-96 (C0.25%) -- -- -- 100-100K -- -- -- -- -- -- -- E-24, E-96 (D0.5%) -- -- -- 100-1M -- -- -- -- -- -- 10-604K -- 10-1.0M -- 1-5.11M -- -- -- 1-1M E-24, E-96 (F1%) 100-100K -- E-24 (J5%) -- -- -- -- -- -- -- 0.22-0.91 0.22-100K 0.22-8.2 (E-12) 0.22-0.91 250V 200V 250V 500V 400V 600V -55C to +155C 150V Absolute Absolute Operating Maximum Maximum Temperature Working Overload Range Voltage Voltage 200V 300V
100-100K 100-604K
43-511K 100-100K 100-604K
PxR
400V
PxRx6.25
600V
environmental applications Derating Curve
100 80 % Rated Power 60 40 20 0
Surface Temperature Rise
80
2H
Temperature Rise (C)
60
2E
40
2D 2B
20
2A
0
20
40
80 100 120 70 Ambient Temperature (C)
60
140
160 155
0
0
25
50
75
100
% Rated Power
Performance Characteristics
Parameter Resistance T.C.R. Overload (Short time) Intermittent Overload Resistance to Solder Heat Rapid Change of Temperature
Moisture Resistance
Endurance at 70C High Temperature Exposure *RN41 2B-2E **RN41 2A
Requirement R Limit Typical Within specified -- tolerance Within specified -- T.C.R. 0.5% 0.3% 1%: RN41 2E -- 2%: RM41 2H 0.5% 0.3% 0.5%: RN41 2A-2E 0.3%: RN41 2A-2E 1%: RN41 2H 0.7% RN41 2H 1%: RM41 0.75%: RM41 1%*, 3%**, 0.75%*, 5%*** 1.5%**, 3%*** 3%: **** 1.5%: **** 1%*, 3%**, 0.5%*, 1.5%**, 5%*** 3%*** 5%: **** 3%: **** 1%: RN41 0.75%: RN41 *** RN41 2H **** RM41
Test Method 25C +25C/-55C, +25C/+125C Rated voltage x 2.5 for 5 seconds Rated voltage x 4 (2Ax3) or Max. intermittent overload voltage, whichever is lower, 10,000 cycles. 2A: 200V, 2B & 2D: 300V, 2E: 500V, 2H: 600V 260C 5C, 10 seconds 1 second -55C (30 minutes), +125C (30 minutes), 5 cycles
40C 2C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
70C 2C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle +125C, 100 hours
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/23/08
90
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com


▲Up To Search▲   

 
Price & Availability of RN412ATTE1002B100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X