Part Number Hot Search : 
HT37A70 39F1G SRC12 D211ERU MAT02 D133D XN6537 4762A
Product Description
Full Text Search
 

To Download RMG50FTD0R1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
RMG50 To-Style Power Resistors
To-Style Power Resistors
To-Style Power Resistors Keeps Its Cool
Preview Providing design engineers with an open screened substrate device for applications requiring superior thermal performance, Token Electronics has developed a non-moulded power resistor rated up to 50W. Designated the RMG50 Series, the resistor is housed in a TO-220 opened screened substrate package, and features an insulated tapered venturi bonded to the substrate for maximum heat dissipation. The design of the RMG50 Series resistor allows for three methods of heat dissipation, resulting in exceptional power handling characteristics. The chimney-shaped tapered venturi is attached to the ceramic substrate and convection forces hot air up the `neck' of the chimney and away from the resistor face of the component. The power resistor utilises all three methods of heat dissipation, including conduction through the heatsink tab, radiation from the resistor surface, and convection through the venturi element. Typical applications for the RMG50 resistor include higher wattage switch-mode power supply circuits, motor control and drive circuits, inverters and industrial power equipment. Resistance ranges from 0.05 to 10K, with tolerances of 0.50% and 10% and operating temperature range is -65C to +150C. The RMG50 Series TO-220 provides customers requiring more wattage in a smaller package with an excellent alternative. Token Electronics will also produce devices outside these specifications to meet customer requirements, with comprehensive application engineering and design support available for customers worldwide. Contact us with your specific needs. Applications - UPS. - Voltage Regulation. - Pulsing applications. - Switching Power Supplies. - Non-inductive design for high frequency. Features - Electrically Isolated Case. - TO-220 Style Power Package. - Low ohm value, non-inductance design - Molded Case for Protection and Easy to Mount. - 50 Watt at 25C Case Temperature Heat Sink Mounted.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
01 of 03
TOKEN
Dimensions (Unit: mm)
RMG50 To-Style Power Resistors
W T
D1 D C
H B1 T1 B T2
T1 T2 B B1 C D D1 1.14~1.40 Type RMG50 W 10.15~10.67 H T 16.00~16.52 2.92~3.44 0.40~0.60 1.52~2.04 11.43~13.97 2.54~4.06 4.82~5.34 0.66~0.86
Electrical Characteristics Specifications
Resistance Range 0.05~1 2~5 5~10
11~10K
Resistance Tolerance 5.00% 10.0% 1.00% 5.00% 10.0% 1.00% 5.00% 10.0% 0.50% 1.00% 5.00% 10.0%
TCR(PPM/C) 200 100 200 50 100 200
Note: Operating Voltage:350V Max. Dielectric Strength: 1800VAC Insulation Resistance: 10Gmin. Working Temperature Range:-65C to +150C Resistance Value < 1 is Available
Power Derating Curve Derating Curve
100
Rated Power (%)
80 60 40 20 0 0 25 50 75 100 125 150 175
Case Temperature (C)
02 of 03
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Environmental Characteristics Test Item Temperature Coefficient of Resistance Short Time Overload Load Life Humidity (Steady State) Thermal Shock Terminal Strength Vibration, High Frequency
RMG50 To-Style Power Resistors
Specification Test Method 10 and above, 50ppm/C Referenced to 25C, R taken at +105C 1 and 10, (100ppm)/C 2 times rated power with applied voltage not to exceed R0.3% 1.5 times maximum continuous operating voltage for 5 seconds. R1.0% MIL-R-39009,2,000 hours at rated power. MIL-STD-202F, Method 103B R0.5% 40C, 90~95%RH, RCWV 1.5hours ON, 0.5hours OFF. total 1000~1048 hours. MIL-STD-202, Method 107G. R0.3% -65C~150C,100 cycle R0.2% MIL-STD-202, Method 211, Cond.A(Pull Test) 2.4N. R0.2% MIL-STD-202, Method 204, Cond.D.
Note: 1.Lead Material: Tinned Copper. Maximum Torque: 0.9 Nm. 2.Without a Heat Sink, When in Free Air at 25C, the RMG50 is Rated for 3W. 3.The Case Temperature is to be used for the Definition of the Applied Power Limit. 4. The Case Temperature Measurement Must be Made with a Thermocouple Contacting the Center of the Component Mounted on the Designed Heat Sink. 5.Thermal Grease Should be Applied Properly.
How to Order
RMG Part Number
50
J
P
D
Code
10R
TCR
TCR (PPM/C) D
E F -
Power Rating Resistance Tolerance (%)
Code D F G J K Resistance Tolerance 0.5% 1% 2% 5% 10% Package Tube Bulk
50PPM/C 100PPM/C 200PPM/C No specified
Resistance 0.1 10
Resistance
Code 0R1 10R 1K 10K
Package
Code T P
1K 10K
Back to 1st Page - TO-220 Power Resistors (RMG50)
Version 2010
http://www.token.com.tw/ rfq token.com.tw
03 of 03


▲Up To Search▲   

 
Price & Availability of RMG50FTD0R1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X