Part Number Hot Search : 
1N6640U DM80L95 PHP24 PHP24 75000 PHP24 1N5614GP PHP24
Product Description
Full Text Search
 

To Download RLA275A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIDACTOR
RLA058A THRU RLA320A
FEATURES
* * * * * *
Low switching noise Low forward voltage drop High current capability High switching capability High surge capabitity High reliability
DO-214AC
MECHANICAL DATA
* * * * * *
Case: Molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Metallurgically bonded construction Mounting position: Any Weight: 0.057 gram
0.067 (1.70 ) 0.051 (1.29 )
0.110 ( 2.79 ) 0.086 ( 2.18 )
0.180 ( 4.57 ) 0.160 ( 4.06 )
0.012 ( 0.305 ) 0.006 ( 0.152 ) 0.091 ( 2.31 ) 0.067 ( 1.70 )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
0.059 ( 1.50 ) 0.035 ( 0.89 )
0.008 ( 0.203 ) 0.004 ( 0.102 )
0.209 ( 5.31 ) 0.185 ( 4.70 )
Dimensions in inches and (millimeters) MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted) RATINGS Off-state Capacitance (Note 1) Peak One-Cycle Surge Current (Note 2) SYMBOL CO I TSM
RLA058A RLA065A RLA075A RLA160A RLA190A RLA220A RLA275A RLA320A UNITS
85 50
38
35
pF Amps
ELECTRICAL CHARACTERISTICS (@TA=25 OC unless otherwise noted) CHARACTERISTICS Peak Off-state Voltage @I DRM = 5uA Switching Voltage @I S = 800mA (Note 3) Minimum On-state Voltage at 1.0A Holding Current NOTES : 1. 2. 3. 4. SYMBOL RLA058A RLA065A RLA075A VDRM VS VT IH 58 77 65 88 75 98
RLA160A RLA190A RLA220A RLA275A RLA320A UNITS
160 220 4
190 260 150
220 300
275 350
320 400
V V Volts mA 2007-09
Off-state capacitance is measured at 10KHz @0.3V with a DC48V bias. Surge rating test standard : 10/100uS. Vs is measured at 100V/uS. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
RATING AND CHARACTERISTICS CURVES ( RLA058A THRU RLA320A )
+I
IPP, PEAK PULSE CURRENT, (% IPP)
IT IS IH -V IDRM VT VDRM VS +V
100
50
-I
0
tr
td
t, TIME, (uS)
FIG.1 V-I CHARACTERISTICS
14
PERCENT OF VS CHANGE, (%)
FIG.2 PULSE WAVE-FORM
12 8 6 4 2 0 -2 -4 -6 -8 -40 -20 0 20 40 60 80 100 120 140 160 RATIO OF I (T =25OC) HC 10
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160
25 OC
25 C
O
IH
TJ, JUNCTION TEMPERATURE, (OC)
CASE TEMPERATURE, (OC)
FIG.3 NORMALIZED VS CHANGE vs. JUNCTION TEMPERATURE
FIG.4 NORMALIZED DC HOLDING CURRENT vs. CASE TEMPERATURE
Mounting Pad Layout
0.094 MAX. (2.38 MAX.)
0.060MIN. ( 1.52 MIN.) 0.052 MAX. (1.32 MAX.) 0.220
(5.58) REF
Dimensions in inches and (millimeters)
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.


▲Up To Search▲   

 
Price & Availability of RLA275A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X