Part Number Hot Search : 
100MR MC1202 68681E3 74VHC373 3477M000 3PR5K 254BR 48S05
Product Description
Full Text Search
 

To Download RL07C1001FS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Established Reliability Mil-Qualified Metal GlazeTM Resistor
RLR Series
* * * * * 1/8 watt to 1/2 watt TCR of 100 ppm/C 1% and 2% tolerance 4.3 ohms to 3.01M ohms MIL-R-39017 approved to "S" level
High temperature soldered termination-lead assembly
Spiraled or laser helixed to resistance value, tolerance
Digital marking per MIL-R-39017
Tough molded jacket Metal Glaze thick film element fired at 1000C to solid ceramic core
Tin-lead electroplated copper leads
Electrical Data
MIL Type RLR05/S* RLR07/S RLR20/S Marking Stamp Stamp Stamp Tolerance (%) 1, 2 1, 2 1, 2 T.C. (ppm/C) 100 100 100 Power Rating (watts) 1/8 @ 70C 1/4 @ 70C 1/2 @ 70C Resistance Range (ohms) 10 to 301K 10 to 3.01M 4.3 to 3.01M Nominal Size 1/8W 1/4W 1/2W Max Voltage Rating 200 250 350
* Conformally coated construction on all 1/8 nominal sizes.
Environmental Data
Test Conditions Temperature Coefficient (ppm/C) Low Temperature Operation Thermal Shock Moisture Resistance Short Time Overload Load Life (70C --- 1/4W) 1000 hours Terminal Strength Effect of Soldering Shock Vibration High Temperature Exposure (150C No Load) Temperature Rise @ 1/4W Power Load Dielectric Strength MIL-R-22684 Test Limits Allowed 100 0.25% 0.25% 1.00% 0.50% 4.00% 0.25% 0.25% 0.50% 0.50% 2.00% 0.25% RL07 Max. %R (3) 100 0.05% 0.15% 0.50% 0.15% 0.50% 0.05% 0.10% 0.05% 0.05% 0.50% See Temperature Rise Chart 0.05%
ESTABLISHED RELIABILITY MIL SPECIFICATIONS: RLR products listed above are qualified to the appropriate established reliability MIL Specification. In general, Metal Glaze units such as these are specified for all RLR requirements.
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
A subsidiary of TT electronics plc RLR Series Issue November 2008 Sheet 1 of 3
Established Reliability Mil-Qualified Metal GlazeTM Resistor
Physical Data
LL
BL
LD BD
Dimensions (Inches and (mm)) Nominal Size 1/8 watt Body Length BL 0.150 0.020 (3.8 0.5) 0.250 0.015 (6.4 0.4) 0.390 0.010 (9.9 0.3) Body Diameter BD 0.066 0.008 (1.7 0.2) 0.090 0.008 (2.3 0.2) 0.140 0.008 (3.6 0.2) Lead Length LL 1.00 0.125 (25.4 3.2) 1.50 0.125 (38.1 3.2) 1.50 0.125 (38.1 3.2) Lead Diameter LD 0.016 0.002 (0.41 0.05) 0.025 0.002 (0.64 0.05) 0.032 0.002 (0.81 0.05) Clean Lead 0.187 (4.7) 0.300 (7.6) 0.450 (11.4)
1/4 watt
1/2 watt
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
RLR Series Issue November 2008 Sheet 2 of 3
Established Reliability Mil-Qualified Metal GlazeTM Resistor
MIL Spec. Power Derating Chart
% Of MIL Spec. Rated Power 100 80 60 40 20 0 0 125 150 165 175 RLR
Ambient Temperature (C)
Ordering Data
Sample Part No. MIL Style RLR 20 C 1001 F S
RL = Fixed Film Resistor. Established reliability.
Power Rating
05 = 1/8 watt 07 = 1/4 watt 20 = 1/2 watt
Lead Material
C = Solderable/weldable leads
Resistance
First three digits represent significant figures; fourth digit is number of zeros.
Tolerance
F = 1%, G = 2%
Failure Rate
S = 0.001% for 1000 hours (60% confidence)
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
RLR Series Issue November 2008 Sheet 3 of 3


▲Up To Search▲   

 
Price & Availability of RL07C1001FS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X