Part Number Hot Search : 
MM5Z8V2B AT45D 0NPBF R102K ACT45B07 C3501 00306 01005
Product Description
Full Text Search
 

To Download RGP10B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
SEMICONDUCTOR
G
C PR
RGP10A THRU RGP10M
FAST RECOVERY RECTIFIER
Reverse Voltage: 50 to 1000 Volts Forward Current:1.0Ampere
FAST RECOVERY RECTIFIER
FEATURES
GPRC( Glass Passivated Rectifier Chip) inside Glass passivated cavity-free junction Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Fast switching speed Construction utilizes void-free molded plastic technique 1.0A operation at TA=75 C with to terminal runaway High temperature soldering guaranteed:250 C/10 seconds, 0.375"(9.5mm) lead length,5 lbs.(2.3kg)tension.
JF
DO-41
1.0(25.4) MIN 0.107(2.7) 0.080(2.0) DIA 0.205(5.20) 0.180(4.10)
MECHANICAL DATA
Case: JEDEC DO-41 molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750,method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012ounce, 0.33 gram Dimensions in inches and (millimeters) 1.0(25.4) MIN 0.034(0.85) 0.028(0.71) DIA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating at 25 C ambient temperature unless otherwise specified.Single phase ,half wave ,60HZ,resistive or inductive load. For capacitive load,derate current by 20%.)
Symbols Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375"(9.5mm)lead length at TA=75 C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) at TA=25 C Maximum Instantaneous Forward Voltage at 1.0 A Maximum DC Reverse Current at rated DC blocking voltage Maximum full load reverse current full cycle average. 0.375"(9.5mm)lead length at TL=55 C Maximum reverse recovery time(Note1) Typical junction capacitance(Note2) Operating junction and storage temperature range RGP 10A 50 35 50 RGP 10B 100 70 100 RGP 10D 200 140 200 RGP 10G 400 280 400 1.0 30.0 1.3 5.0 RGP 10J 600 420 600 RGP 10K 800 560 800 RGP 10M 1000 700 1000 Units
VRRM VRMS VDC I(AV) IFSM VF IR
Volts Volts Volts Amp Amps Volts A
100
Trr CJ TJ TSTG
150 15.0 -65 to+150
250
500
ns PF C
Note: 1.Test conditions: IF=0.5A,IR=1.0A,IRR=0.25A.
2.Measured at 1MHZ and applied reverse voltage of 4.0 Volts.
9-16
JINAN JINGHENG CO., LTD. NO.51 HEPING ROAD PR CHINA TEL:86-531-6943657 FAX:86-531-6947096 WWW.JIFUSEMICON.COM
RATINGS AND CHARACTERISTIC CURVES RGP10A THRU RGP10M
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE FIG.2-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
1.0 0.8 0.6 0.4 0.2 00 2550 75100 25 50 1 1 175
SINGIE PHASE HAIF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD
AMBIENT TEMPERATURE ( C)
50 40 30 20 10 02 1
AVERAGE FORWARD CURRENT (A)
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
PEAK FORWARD SURGE CURRENT(AMPERES)
4 6 810 20 4060100
NUMBER OF CYCLES AT 60Hz
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
20
10
3
1
0.3 0.1 TJ=25 C Pulse Width=300 s 1% Duty Cycle
0.03
0.01
0.4 0.81.0 1.41.6 0.6 1.2 1.8
INSTANTANEOUS FORWARD VOL TAGE (VOLTS)
10 6.0 4.0 2.0 1.0 0.6 0.4 0.2 0.1 0.06 0.04 0.02 0.01 20 40 60 80 100 120 140 0
TJ=25 C
INSTANTANEOUS FORWARD CURRENT( AMPERES)
INSTANTANEOUS REVERSE CURRENT ,( A)
PERCENT OF RATED PEAK REVERSE VOLTA GE(%)
FIG.5-TYPICAL JUNCTION CAPACITANCE
200 100
FIG.6-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
JUNCTION CAPACITANCE(pF)
50W NONINDUCTIVE
10W NONINDUCTIVE +0.5A Trr
60 40 () 25Vdc (APPROX) TJ=25 C (-)
D.U.T.
20 10 6 4
PULSE GENERATOR (NOTE2)
0 -0.25A
1
NONINDUCTIVE OSCILLOSCOPE (NOTE1) -1.0A 1cm
2 1 0.1 0.2 0.4 1 2 4 10 20 40 100
NOTES:1.Rise Time=7ns max. input lmpedance=1 megohm 22pF 2.Rise Time=10ns max. source lmpedance =50 ohms
SET TIME BASE FOR 50/100 ns/cm
REVERSE VOLTAGE. (V)
9-17
JINAN JINGHENG CO., LTD. NO.51 HEPING ROAD PR CHINA TEL:86-531-6943657 FAX:86-531-6947096 WWW.JIFUSEMICON.COM
FAST RECOVERY RECTIFIER


▲Up To Search▲   

 
Price & Availability of RGP10B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X