Part Number Hot Search : 
TC0228A 1SS355 6300A SP708CU CJ22C 430450 13003 RU4DGF
Product Description
Full Text Search
 

To Download RGP10B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
RGP10A THRU RGP10M
1.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
DO-41
* * *
Features
High temperature metallurgically bonded construction Glass passivated cavity-free junction 1.0 ampere operation at TA= 55OC with no thermal runaway. Typical IR less than 0.1uA Fast switching for high efficiency
* *
Maximum Ratings
* * * Operating Temperature: -55OC to +150CC Storage Temperature: -55CC to +150 CC Typical Thermal Resistance: 55OC/W Junction to Ambient Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V IF(AV) IFSM VF Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V TA = 55OC 8.3ms, half sine IFM = 1.0A; TA = 25OC TA = 25OC TA = 150OC Measured at 1.0MHz, V R=4.0V TJ =25OC I F=0.5A I R=1.0A I RR=0.25A
DIM A B C D
D
Part Number RGP10A RGP10B RGP10D RGP10G RGP10J RGP10K RGP10M
Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V 1.0 A 30A 1.3V
A Cathode Mark B
D
Electrical Cha racteristics @ 25OC Unless Otherwise Specified
Maximum Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance Maximum Reverse Recovery Time RGP10A-10G RGP10J RGP10K-10M
C
DIMENSIONS INCHES MIN .166 .080 .028 1.000 MM MIN 4.10 2.00 .70 25.40
IR
5.0uA 200uA 15pF
MAX .205 .107 .034 ---
MAX 5.20 2.70 .90 ---
NOTE
CJ
Trr
150nS 250nS 500nS
www.cnelectr.com
RGP10A thru RGP10M
Figure 1 Typical Forward Characteristics 20 10 6 4 2 25OC Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 1.4 1.0 1.2 Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts .4 .6 .8 0 .2 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100
O
Figure 2 Forward Derating Curve 1.2 1.0 .8
.6 Amps .4
125
150
175
C
Average Forward Rectified Current - Amperes versus Ambient Temperature - OC
Figure 3 Junction Capacitance 100 60 40 20 pF 10 6 4 2 1 .1 .2 .4 1 2 4 Volts Junction Capacitance - pF versus Reverse Voltage - Volts 10 20 40 100 200 400 1000 TJ =25OC
www.cnelectr.com
RGP10A thru RGP10M
Figure 4 Peak Forward Surge Current 60 50 40 30 Amps 20 10 01 2 4 6 8 10 20 Cycles Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles 40 60 80 100
Figure 5 Reverse Recovery Time Characteristic And Test Circuit Diagram 50 10 trr +0.5A 0 25Vdc Pulse Generator Note 2 1 Notes: 1. Rise Time = 7ns max. Input impedance = 1 megohm, 22pF 2. Rise Time = 10ns max. Source impedance = 50 ohms 3. Resistors are non-inductive Oscilloscope Note 1 -0.25
-1.0 1cm Set Time Base for 20/100ns/cm
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of RGP10B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X