Part Number Hot Search : 
AM2520 STA481 TK11335B SP668206 M62417SP BCR2P 12S05 GBI15B
Product Description
Full Text Search
 

To Download RGP10B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RGP10A THRU RGP10M
FAST RECOVERY PLASTIC RECTIFIERS SINTERED GLASS JUNCTION Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Amperes
Features * High temperature metallurgically bonded construction Sintered glass cavity free junction. * Capability of meeting environmental standard of MIL-S-19500. * High temperature soldering guaranteed 350oC/10sec/0.375" lead length at 5 lbs tension Operate at TA = 55oC with no thermal run away Typical ir<0.1A. Mechanical Data * * * Terminals: Plated axial leads, solderable per MIL-STD 202E, method 208C Polarity: Color band denotes cathode Mounting Position: Any
Maximum Ratings and Electrical Characteristics
Ratings at 25oCambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. Symbols Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current O 3/8" lead length at TA = 55 C Peak forward surge current 8.3mS single half sine-wave superimposed on rated load Maximum forward voltage at rated forward current o and 25 C Maximum full load reverse current, full cycle O average at 55 C Ambient Maximum DC reverse current at rated DC blocking voltage O 150 C Maximum reverse recovery time (Note 1) Typical junction capacitance (Note 2) Typical thermal resistance (Note 3) Operating junction and storage temperature range TA = 25 OC TA = VRRM VRMS VDC I(AV) IFSM VF IR(AV) RGP 10A 50 35 50 RGP 10B 100 70 100 RGP 10D 200 140 200 RGP 10G 400 280 400 1.0 30 1.3 100 5.0 200 150 15 55 -65 to +175
O
RGP 10J 600 420 600
RGP 10K 800 560 800
RGP 10M 1000 700 1000
Units
V V V A A V A A A
IR Trr CJ RJA TJ ,TSTG
250
500
nS pF C/W
O
C
Notes: 1.Reverse recovery condition IF = 0.5A, IR = 1.0A, Irr = 0.25A. 2.Measured at 1.0MHZ and applied reverse voltage of 4.0 VDC. 3 Thermal resistance from junction to ambient at 3/8" lead length, P.C. board mounted.
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 14/05/2003
RGP10A THRU RGP10M
Forward current derating curve 1.0
Average forward rectified current, A
Maximum non-repetitive peak forward surge current 30
0.75
Forward surge current , A
20
0.5
10
8.3mm Single half sine wave (JEDEC method)
0.25
0.375"(9.5mm)lead length rsistive or inductive load
0
0
50
100
150
175
1
10 Number of cycles at 50Hz
100
Ambient Temperature ( C )
Typical reverse characteristics Typical instantaneous forward
10
Instantaneous reverse current, microamperes
20 10
characteristics
TJ=125 C
Instantaneous forward current, A
1
1
TJ=75 C
0.1
TJ=25 C Pulse width =300 s 1% Duty Cycle
0.1
TJ=25 C
0.01 0.4 0.6
0.8
1.0
1.2
1.4
1.6
0.01 0
20
40
60
80
100
Instantaneous forward voltage, V
Typical junction capacitance
Percent of rated peak reverse voltage, %
Typical transient thermal impedance
100
c/w
100
Junction capacitance,pF
Transient thermal impedance,
10
10
1
f=1MHz Tj=25 oC 1 1 10 Reverse voltage, V 100
0.1
0.01
0.1
1
10
100
Pulse duration, sec
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 14/05/2003


▲Up To Search▲   

 
Price & Availability of RGP10B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X