|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1.0A Sintered Glass Passivated Fast Recovery Rectifier RGP10A - RGP10MA 1.0A Sintered Glass Passivated Fast Recovery Rectifier Features * * * * * * Sintered glass passivated (SGP) rectifier chip Capable of meeting environmental standards of MIL-S-19500 For use in high frequence rectifier circuits Fast switching for high efficiency Typical IR less than 0.1A High temperature soldering guaranteed: 260C/10 seconds /.0375" (9.5mm) lead length, 5lbs (2.3kg) tension DO-41 (DO-204AL) * RoHS Compliance Mechanical Data Case: Epoxy: Terminals: Polarity: Weight: JEDEC DO-204AL(DO-41) molded plastic body Plastic package has UL flammability classification 94V-0 Plated axial leads, solderable per MIL-STD-750, Method 2026 Color band denotes cathode end 0.012 ounces, 0.3 gram Maximum Ratings and Electrical Characteristics (T A=25C unless noted otherwise) Symbol Description Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current RGP 10A 50 35 50 RGP 10B 100 70 100 RGP 10D 200 140 200 RGP 10G 400 280 400 RGP 10J 600 420 600 RGP 10JA 600 420 600 RGP 10K 800 560 800 RGP 10KA 800 560 800 RGP 10M 1000 700 1000 RGP 10MA 1000 700 1000 Unit V V V Conditions VRRM VRMS VDC IF(AV) 1.0 A 0.375" (9.5mm) lead length(Fig.1) 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) IFSM Peak Forward Surge Current 30 A TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com Tel: Fax: (800)-TAITRON (800)-824-8766 (800)-TAITFAX (800)-824-8329 (661)-257-6060 (661)-257-6415 Rev. A/DX 2007-06-04 Page 1 of 4 1.0A Sintered Glass Passivated Fast Recovery Rectifier RGP10A - RGP10MA Symbol Description Maximum Instantaneous Forward Voltage Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Reverse Recovery Time Typical Junction Capacitance Typical Thermal Resistance Operating Temperature range Storage Temperature Range RGP 10A RGP 10B RGP 10D RGP 10G RGP 10J 1.3 5 30 50 150 250 15 55 150 500 300 500 300 nS pF A RGP 10JA RGP 10K RGP 10KA RGP 10M RGP 10MA Unit V Conditions IF=1.0 A TA=25 C TA=125 C TA=150 C IF=0.5A, IR=1A, Irr=0.25A VR=4V, f=1MHz VF IR Trr CJ RthJA C / W Note TJ -65 to +175 C -65 to +175 TSTG Note: Thermal resistance from junction to ambient at 0.375" (9.5mm) lead lengths, P.C.B mounted. Typical Characteristics Curves Fig.1-Max. Forward Current Derating Curve Fig.2-Max. Non-Repetitive Forward Surge Current Peak Forward Surge Current (A) Average Forward Rectified Current (A) Ambient Temperature Ta (C) Number of Cycles at 60Hz Rev. A/DX 2007-06-04 www.taitroncomponents.com Page 2 of 4 1.0A Sintered Glass Passivated Fast Recovery Rectifier RGP10A - RGP10MA Fig.3- Typical Forward Characteristics IR, Instantaneous Reverse Current (A) Fig.4-Typical Reverse Characteristics Instantaneous Forward Current (A) Forward Voltage (V) Percent of Rated Peak Reverse Voltage (%) Fig.5- Typical Junction Capacitance Junction Capacitance (pF) Reverse Voltage (V) Rev. A/DX 2007-06-04 www.taitroncomponents.com Page 3 of 4 1.0A Sintered Glass Passivated Fast Recovery Rectifier RGP10A - RGP10MA Dimensions in inches (mm) How to contact us: DO-41 (DO-204AL) US HEADQUARTERS 28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com TAITRON COMPONENTS MEXICO, S.A .DE C.V. BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190 TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052 TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931 Rev. A/DX 2007-06-04 www.taitroncomponents.com Page 4 of 4 |
Price & Availability of RGP10B |