Part Number Hot Search : 
C3197 20020 BT878 ATS03 LC863528 TIP125A 10BCCR20 ADP08SA
Product Description
Full Text Search
 

To Download RGP10B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
Low cost
GALAXY ELECTRICAL
RGP10A(Z) - - - RGP10M(Z)
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 1.0 A
FAST RECOVERY RECTIFIER
DO - 41
Diffused junction Low leakage Low forward voltage drop High current capability Easily cleaned with Freon,Alcohol,Isopropanol and similar solvents The plastic material carries U/L recognition 94V-0
MECHANICAL DATA
Case:JEDEC DO-41,molded plastic Terminals: Axial lead ,solderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode Weight: 0.012ounces,0.34 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
RGP 10A
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current 9.5mm lead length, @TA=75
RGP 10B
100 70 100
RGP 10D
200 140 200
RGP 10G
400 280 400 1.0
RGP 10J
600 420 600
RGP 10K
800 560 800
RGP 10M
1000 700 1000
UNITS
V V V A
VRRM VRMS VDC IF(AV)
50 35 50
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @TJ =125
IFSM
30.0
A
Maximum instantaneous forw ard voltage @ 1.0 A Maximum reverse current at rated DC blocking voltage @TA =25 @TA =100
VF IR trr CJ RJA TJ TSTG
150
1.3 10.0 200.0 250 15 50 - 55---- + 150 - 55---- + 150 500
V A ns pF
Maximum reverse recovery time (Note1) Typical junction capacitance Typical thermal resistance (Note2) (Note3)
Operating junction temperature range Storage temperature range
NOTE:1. Measured with I F =0.5A, I R=1A, I rr=0.25A.
www.galaxycn.com
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC. 3. Thermal resistance f rom junction to ambient.
Document Number 0261009
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- FORWARD DERATING CURVE AVERAGE FORWARD RECTIFIED C PEAK FORWARD SURGE CURRENT AMPERES
RGP10A(Z) - - - RGP10M(Z)
FIG.2--PEAK FORWORD SURGE CURRENT
1.0 .8 .6 .4 .2 0 0 25 50 75 100 125 150 175 200
Single Phase Half W 60HZ ave Resistive or Inductive Load 0.375"(9.5m ) Lead Length m
30 25 20 15 10 5 0 1 2 4 10 20 40 100
AMPERES
TJ=125 8.3m Single H s alf Sine-W ave
AMBIENT TEMPERATURE, FIG.3--TYPICAL FORWORD CHARACTERISTIC
NUMBER OF CYCLES AT 60 Hz FIG.4 --REVERSE CURRENT VS REVERSE VOTAGE
10
FORWARD CURRENT
10
REVERSE CURRENT AMPERES
T J -2 5
2.0
TJ=25 Pulse W idth=300 S
1.4
AMPERES
1.0
T J -7 5
1.2 1.0 0.4
0.1
0.1 0.04
T J -1 0 0
0.01
0 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9
0
20
40
60
80
100
120
140
REVERSE VOLTAGE,VOLTS JUNCTION CAPACITANCE,pF
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.5 -- TYPICAL JUNCTION CAPACITANCE
100 50
20 10 5
TJ=25 f=1MHZ
2 1
0.1 0.2 0.4
1
2
4
10
20
40
100
REVERSE VOLTAGE,VOLTS FIG.6 -- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 N.1. 10 N.1.
trr
+0.5A
D.U.T. (+) 50VDC (APPROX) (-) 1 N.1.
(-)
1cm
PULSE GENERATOR (NOTE2) OSCILLOSCOPE (NOTE 1)
(+)
0 -0.25A
-1.0A
NOTE S:1.RISE TIME =7ns M INPUT IM DANCE AX. PE =1M .22pF 2.RISE TIM =10ns M SOURCE IM EDANCE E AX. P =5O
SE TIM BASE FOR 50/100 ns /cm TE
www.galaxycn.com
Document Number 0261009
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of RGP10B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X