Part Number Hot Search : 
STUS020 3QL60AQ SMB18C C270CHR H12N60 MHW72 2SB17061 LP660C
Product Description
Full Text Search
 

To Download RFP-0850-33-27 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HPA Module
Product Features
* Solid-state linear design * Small and light weight * Suitable for iDEN * 50 Ohm Input/Output impedance * High reliability and ruggedness * Built in Output Isolator * Built in monitoring circuit * High efficiency
RFP-0850-33-27
Application
* iDEN Repeater
Description
This HPA Module is a high gain, wide dynamic range amplifier module. It has superior performance comes with a modest price tag. Custom design available.
Electrical Specifications @ VDD=+27DC, T=25C, 50 System
PARAMETER
Frequency Range Output Power Gain Gain Flatness IMD Pout= 33dBm (30dBm/tone) ALC Second harmonic Input/Output VSWR DC Input Voltage Current Consumption Over Temperature Alarm & shutdown Over Power Alarm & shutdown Operating Temperature Dimension Size ( L x W x H ) RF Connectors To -20 ~ +60C 150 x 120 x 25 (mm) SMA Female OPS Alarm: High @ Pout 37dBm(shutdown), ALC H S11/S22 VDC IDD OTS
Symbol
BW P G G IMD 806~824MHz
Specification
896 ~901MHz 33dBm (30dBm/tone) 39dB 1 dB @ T = 25 60dBm, 30dBm(25kHz) 60dBm, 30dBm(1MHz) Operating point Operating range -50 dBc 1.3 :1 (max) to 50 +27V DC 1.5A(typ)@ 27VDC, 2W 905(shutdown), 705(auto recovery) 35dBm 0.5dB 10dB (min)
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 1.0
HPA Module
Interface Connectors D-Sub, 9-Pin-Control
Pin # 1 2 3 & shutdown 4 5 & shutdown 6 7 8 9 +VCC +VCC GND GND RF Power Enable Over Temperature Alarm DESCRIPTION RF Power Monitor VSWR Alarm Over Power Alarm
RFP-0850-33-27
Specifications 5~35dBm(1V~4V). 100mV/dB Alarm: High @ Open port (Over + 20dBm) Alarm: High @ Pout 37dBm Enable: Low & GND, Disable: High & Open Alarm: High @ 905(shutdown), 705 (auto recovery & Alarm clear) +27V +27V GND GND
OUTLINE DRAWING
REMOVAL
1 2 3 4 5 6 7 8 9
RF Power Monitor VSWR Alarm Over Power Alarm RF Power Enable Over Temperature Alarm 27V DC 27V DC GND GND
9 1
RF IN
RF OUT
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 1.0
HPA Module
RFP-0850-33-27
TYPICAL PERFORMANCE
GAIN & GAIN FLATNESS
S11
S22
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 1.0
HPA Module
RFP-0850-33-27
Pout=2 x 30 dBm@ 898.5MHz (TS=1MHz)
Pout=2 x 30 dBm@ 815MHz (TS=1MHz)
Pout=2 x 30 dBm@ 815MHz (TS=25KHz)
Pout=2 x 30 dBm@ 898.5MHz (TS=25KHz)
RFHIC Corporation (RFHIC) reserves the right to make changes to any products herein or to discontinue any product at any time without notice. RFHIC do not assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, including without limitation consequential or incidental damages. The product specifications herein expressed have been carefully checked and are assumed to be reliable. However, RFHIC disclaims liability for inaccuracies and strongly recommends buyers to verify that the information they are using is current before placing purchase orders. RFHIC products are not intended for use in life support equipment or application where malfunction of the product can be expected to result in personal injury or death. Buyer uses or sells such products for any such unintended or unauthorized application, buyer shall indemnify, protect and hold RFHIC and its directors, officers, stockholders, employees, representatives and distributors harmless against any and all claims arising out of such use. RFHIC's liability under or arising out of damages, claims of whatsoever kind and nature which RFHIC products could cause shall be limited in amount to the net purchase price of the products sold to buyer by RFHIC.
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 1.0


▲Up To Search▲   

 
Price & Availability of RFP-0850-33-27

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X