Part Number Hot Search : 
SQ045 5012A LT1805 XP0053A 5012A P87C5 SMG2307 ECG1325
Product Description
Full Text Search
 

To Download PSKH26 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Thyristor Modules Thyristor/Diode Modules
Preliminary Data Sheet
VRSM VDSM V 900 1300 1500 1700 VRRM VDRM V 800 1200 1400 1600 Version 1 PSKT 26/08io1 PSKT 26/12io1 PSKT 26/14io1 PSKT 26/16io1 Version 8 PSKT PSKT PSKT PSKT Type
PSKT 26 PSKH 26
ITRMS ITAVM VRRM
= 2x 50 A = 2x 32 A = 800-1600 V
TO-240 AA
Version 8 PSKH PSKH PSKH PSKH 26/08io8 26/12io8 26/14io8 26/16io8 1
2
3
6
7
4
5
26/08io8 26/12io8 26/14io8 26/16io8
Symbol ITRMS, IFRMS ITAVM, IFAVM ITSM, IFSM
Test Conditions TVJ = TVJM TC = 75C; TC = 85C; TVJ = 45C; VR = 0 TVJ = TVJM VR = 0 180 sine 180 sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine
Maximum Ratings 50 32 27 520 560 460 500 1350 1300 1050 1030 150 500 1000 10 5 0.5 10 -40...+125 125 -40...+125 A A A A A A A A2s A2s A2s A2 s A/s A/s V/s
3
67 1
542
PSKT Version 1
3 61 52
PSKT Version 8
3 1 52
i2dt
TVJ = 45C VR = 0 TVJ = TVJM VR = 0
PSKH Version 8
(di/dt)cr
TVJ = TVJM repetitive, IT = 45 A f =50 Hz, tP =200 s VD = 2/3 VDRM IG = 0.45 A non repetitive, IT = ITAVM diG/dt = 0.45 A/s TVJ = TVJM; VDR = 2/3 VDRM RGK = ; method 1 (linear voltage rise) TVJ = TVJM IT = ITAVM tP = 30 s tP = 300 s
Features
(dv/dt)cr PGM PGAV VRGM TVJ TVJM Tstg VISOL Md Weight
W W W V C C C V~ V~

International standard package, JEDEC TO-240 AA Direct copper bonded Al2O3 -ceramic base plate Planar passivated chips Isolation voltage 3600 V~ UL registered, E 148688 Gate-cathode twin pins for version 1
Applications

50/60 Hz, RMS IISOL 1 mA
t = 1 min t=1s
3000 3600
DC motor control Softstart AC motor controller Light, heat and temperature control
Mounting torque (M5) Terminal connection torque (M5) Typical including screws
2.5-4.0/22-35 Nm/lb.in. 2.5-4.0/22-35 Nm/lb.in. 90 g
Advantages

Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated.
Space and weight savings Simple mounting with two screws Improved temperature and power cycling capability Reduced protection circuits
2002 POWERSEM reserves the right to change limits, test conditions and dimensions POWERSEM GmbH, Walpersdorfer Str. 53 D - 91126 Schwabach Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
Symbol IRRM, IDRM VT, VF VT0 rT VGT IGT VGD IGD IL IH tgd tq QS IRM RthJC RthJK dS dA a
Test Conditions TVJ = TVJM; VR = VRRM; VD = VDRM IT, IF = 80 A; TVJ = 25C For power-loss calculations only (TVJ = 125C) VD = 6 V; VD = 6 V; TVJ = TVJM; TVJ = 25C TVJ = -40C TVJ = 25C TVJ = -40C VD = 2/3 VDRM
Characteristic Values 3 1.64 0.85 11.0 1.5 1.6 100 200 0.2 10 450 200 2 typ. 150 50 6 0.88 0.44 1.08 0.54 12.7 9.6 50 mA V V m V V mA mA V mA mA
VG
10 1: IGT, TVJ = 125C
V
2: IGT, TVJ = 25C 3: IGT, TVJ = -40C
1 1
2
3 5 4
6
TVJ = 25C; tP = 10 s; VD = 6 V IG = 0.45 A; diG/dt = 0.45 A/s TVJ = 25C; VD = 6 V; RGK = TVJ = 25C; VD = 1/2 VDRM IG = 0.45 A; diG/dt = 0.45 A/s TVJ = TVJM; IT = 20 A, tP = 200 s; -di/dt = 10 A/s VR = 100 V; dv/dt = 20 V/s; VD = 2/3 VDRM TVJ = TVJM; IT, IF = 25 A, -di/dt = 0.64 A/s per per per per thyristor/diode; DC current module thyristor/diode; DC current module
4: PGAV = 0.5 W IGD, TVJ = 125C 5: PGM = 5W 6: PGM = 10 W 102 103 IG
mA s s
0.1 100
101
mA 104
Fig. 1 Gate trigger characteristics
1000
C A K/W K/W K/W K/W mm mm m/s2
tgd
TVJ = 25C
s
typ.
other values see Fig. 8/9
100
Limit
Creepage distance on surface Strike distance through air Maximum allowable acceleration
10
Optional accessories for module-type PSKT 26 version 1 Keyed gate/cathode twin plugs with wire length = 350 mm, gate = yellow, cathode = red
1 10
100
mA IG
1000
Fig. 2 Gate trigger delay time
Dimensions in mm (1 mm = 0.0394") PSKT/ PSKH Version 1 PSKT Version 8 PSKH Version 8
2002 POWERSEM reserves the right to change limits, test conditions and dimensions POWERSEM GmbH, Walpersdorfer Str. 53 D - 91126 Schwabach Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
Fig. 4 i2dt versus time (1-10 ms) Fig. 3 Surge overload current ITSM, IFSM: Crest value, t: duration
Fig. 4a Maximum forward current at case temperature Fig. 5 Power dissipation versus onstate current and ambient temperature (per thyristor or diode)
Fig. 6 Three phase rectifier bridge: Power dissipation versus direct output current and ambient temperature
Circuit B6 3 x PSKT 26 or 3 x PSKH 26
POWERSEM GmbH, Walpersdorfer Str. 53 2002 POWERSEM reserves the right to change limits, test conditions and dimensions D - 91126 Schwabach Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
Fig. 7 Three phase AC-controller: Power dissipation versus RMS output current and ambient temperature
Circuit W3 3 x PSKT 26 or 3 x PSKH 26
PSKT 26 PSKH 26 Z thJC(t)
Fig. 8 Transient thermal impedance junction to case (per thyristor or diode) RthJC for various conduction angles d: d DC 180 120 60 30 RthJC (K/W) 0.88 0.92 0.95 0.98 1.01
Constants for ZthJC calculation: i 1 2 3 Rthi (K/W) 0.019 0.029 0.832 ti (s) 0.0031 0.0216 0.191
Fig. 9 Transient thermal impedance junction to heatsink (per thyristor or diode)
PSKT 26 PSKH 26 ZthJK(t)
RthJK for various conduction angles d: d DC 180 120 60 30 RthJK (K/W) 1.08 1.12 1.15 1.18 1.21
Constants for ZthJK calculation: i 1 2 3 4 Rthi (K/W) 0.019 0.029 0.832 0.2 ti (s) 0.0031 0.0216 0.191 0.45
POWERSEM GmbH, Walpersdorfer Str. 53 2002 POWERSEM reserves the right to change limits, test conditions and dimensions D - 91126 Schwabach Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20


▲Up To Search▲   

 
Price & Availability of PSKH26

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X