Part Number Hot Search : 
01544 CP1000 ON2173 M41T315Y TH8055 SC1454 SM4002 3D2R6C
Product Description
Full Text Search
 

To Download PRTR5V0U4Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRTR5V0U4Y
Integrated quad ultra-low capacitance ESD protection
Rev. 01 -- 8 May 2008 Product data sheet
1. Product profile
1.1 General description
The PRTR5V0U4Y is designed to protect Input/Output (I/O) ports that are sensitive to capacitive load, such as USB 2.0, Ethernet and DVI from destruction by ElectroStatic Discharge (ESD). It provides protection to downstream signal and supply components from ESD voltages as high as 8 kV (contact discharge). The PRTR5V0U4Y incorporates four pairs of ultra-low capacitance rail-to-rail diodes plus a Zener diode. The rail-to-rail diodes are connected to the Zener diode which allows ESD protection to be independent of supply voltage. The PRTR5V0U4Y is fabricated using thin film-on-silicon technology integrating four ultra-low capacitance rail-to-rail ESD protection diodes in a miniature 6-lead SOT363 package.
1.2 Features
I I I I I Pb-free and RoHS compliant ESD protection compliant to IEC 61000-4-2 level 4, 8 kV contact discharge Four ultra-low input capacitance (1 pF typical) rail-to-rail ESD protection diodes Low-voltage clamping due to integrated Zener diode Small 6-lead SOT363 package
1.3 Applications
I General-purpose downstream ESD protection high frequency analog signals and high-speed serial data transmission for ports inside: N Cellular and PCS mobile handsets N PC-/notebook USB 2.0/IEEE 1394 ports N DVI/HDMI interfaces N Cordless telephones N Wireless data (WAN/LAN) systems N PDAs
NXP Semiconductors
PRTR5V0U4Y
Integrated quad ultra-low capacitance ESD protection
2. Pinning information
Table 1. Pin 1 2 3 4 5 6 Pinning Description ESD protection I/O 1 ground (GND) ESD protection I/O 2 ESD protection I/O 3 supply voltage (VCC) ESD protection I/O 4
1 2 3
001aag273
Simplified outline
Graphic symbol
6
5
4
6
5
4
1
2
3
3. Ordering information
Table 2. Ordering information Package Name PRTR5V0U4Y SC-88 Description plastic surface-mounted package; 6 leads Version SOT363 Type number
4. Limiting values
Table 3. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol VI Vesd Parameter input voltage electrostatic discharge voltage all pins; IEC 61000-4-2; level 4 contact discharge air discharge Tstg storage temperature -8 -15 -55 +8 +15 +125 kV kV C Conditions Min -0.5 Max +5.5 Unit V
5. Recommended operating conditions
Table 4. Symbol Tamb Operating conditions Parameter ambient temperature Conditions Min -40 Max +85 Unit C
PRTR5V0U4Y_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 8 May 2008
2 of 10
NXP Semiconductors
PRTR5V0U4Y
Integrated quad ultra-low capacitance ESD protection
6. Characteristics
Table 5. Characteristics Tamb = 25 C unless otherwise specified. Symbol C(I/O-GND) ILR VBR VF Parameter input/output to ground capacitance reverse leakage current breakdown voltage forward voltage Conditions pins 1, 3, 4 and 6; VI = 0 V; f = 1 MHz; VCC = 3.0 V pins 1, 3, 4 and 6 to ground; VI = 3.0 V Zener diode; I = 1 mA Min 6 Typ 1.0 0.7 Max 100 9 Unit pF nA V V
7. Application information
7.1 IEEE 1394a/b protection
The PRTR5V0U4Y is optimized to protect both the IEEE 1394 physical layer and the IEEE 1394 connector ports against ESD.
TPBIAS
1 F
Shld1
7
BUS PWR
56 56
PWR
1
TPA+ TPA-
TPA+ TPA-
6 5
IEEE 1394 PHYSICAL LAYER
1
6 1394 CONNECTOR
2
5
3
4
TPB+ TPB-
56 56
TPB+ TPB- GND Shld2
220 pF 5 k 1 nF 10 nF 1 M
4 3 2 8
001aag050
Fig 1.
Typical application for IEEE 1394a/b ESD protection
PRTR5V0U4Y_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 8 May 2008
3 of 10
NXP Semiconductors
PRTR5V0U4Y
Integrated quad ultra-low capacitance ESD protection
7.2 Universal serial bus 2.0 protection
The PRTR5V0U4Y is optimized to protect USB 2.0 ports with or without OTG functionality against ESD.
VBUS DAT+ DAT- to phone ID GND Shld GND mini B receptacle 1 6 mini A receptacle USB OTG RECEPTACLE CARKIT
2
5
3
4
001aag051
The device is capable of protecting the USB data lines as well as VBUS supply and the ID pin.
Fig 2.
Typical application for USB OTG ESD protection
7.3 Universal SIM-card protection
The PRTR5V0U4Y protects the SIM-card interfaces against ESD.
I/O CLOCK RESET VCC GND SIM
1
6
2
5
3
4
001aag052
This device also protects VCC.
Fig 3.
Typical application for universal SIM-card ESD protection
PRTR5V0U4Y_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 8 May 2008
4 of 10
NXP Semiconductors
PRTR5V0U4Y
Integrated quad ultra-low capacitance ESD protection
7.4 Gigabit Ethernet transceiver protection
The PRTR5V0U4Y protects the gigabit Ethernet transceiver against ESD.
TPOPA
R1 C1 C5
TPONA
1
6
2
5
3
4
TPOPB
R2 C2 C6
GIGABIT ETHERNET TPOPC TRANSCEIVER
R3 C3
TPONB QUAD TRANSFORMER
C7
RJ45
TPONC
1
6
2
5
3
4
TPOPD
R4 C4 C8
TPOND
001aag053
Fig 4.
Typical application for gigabit Ethernet transceiver ESD protection
PRTR5V0U4Y_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 8 May 2008
5 of 10
NXP Semiconductors
PRTR5V0U4Y
Integrated quad ultra-low capacitance ESD protection
7.5 Universal microSD/TransFlash and SD-memory card protection
The PRTR5V0U4Y protects each data line of the microSD/TransFlash device against ESD.
DAT0 DAT1 DAT2 DAT3/CD CMD CLK VCC GND TRANSFLASH
1
6
1
6
2
5
2
5
3
4
3
4
001aag054
Fig 5.
Typical application for universal microSD/TransFlash and SD-memory card ESD protection
PRTR5V0U4Y_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 8 May 2008
6 of 10
NXP Semiconductors
PRTR5V0U4Y
Integrated quad ultra-low capacitance ESD protection
8. Package outline
Plastic surface-mounted package; 6 leads SOT363
D
B
E
A
X
y
HE
vMA
6
5
4
Q
pin 1 index
A
A1
1
e1 e
2
bp
3
wM B detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max 0.1 bp 0.30 0.20 c 0.25 0.10 D 2.2 1.8 E 1.35 1.15 e 1.3 e1 0.65 HE 2.2 2.0 Lp 0.45 0.15 Q 0.25 0.15 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT363
REFERENCES IEC JEDEC JEITA SC-88
EUROPEAN PROJECTION
ISSUE DATE 04-11-08 06-03-16
Fig 6.
Package outline SOT363 (SC-88)
(c) NXP B.V. 2008. All rights reserved.
PRTR5V0U4Y_1
Product data sheet
Rev. 01 -- 8 May 2008
7 of 10
NXP Semiconductors
PRTR5V0U4Y
Integrated quad ultra-low capacitance ESD protection
9. Abbreviations
Table 6. Acronym DVI ESD HDMI LAN OTG PCS PDA RoHS SIM USB WAN Abbreviations Description Digital Video Interface ElectroStatic Discharge High Definition Multimedia interface Local Area Network On-The-Go Personal Computing System Personal Digital Assistant Restriction of Hazardous Substances Subscriber Identity Module Universal Serial Bus Wide Area Network
10. Revision history
Table 7. Revision history Release date 20080508 Data sheet status Product data sheet Change notice Supersedes Document ID PRTR5V0U4Y_1
PRTR5V0U4Y_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 8 May 2008
8 of 10
NXP Semiconductors
PRTR5V0U4Y
Integrated quad ultra-low capacitance ESD protection
11. Legal information
11.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
11.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights.
11.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or
11.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
12. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
PRTR5V0U4Y_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 8 May 2008
9 of 10
NXP Semiconductors
PRTR5V0U4Y
Integrated quad ultra-low capacitance ESD protection
13. Contents
1 1.1 1.2 1.3 2 3 4 5 6 7 7.1 7.2 7.3 7.4 7.5 8 9 10 11 11.1 11.2 11.3 11.4 12 13 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description. . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 Recommended operating conditions. . . . . . . . 2 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Application information. . . . . . . . . . . . . . . . . . . 3 IEEE 1394a/b protection. . . . . . . . . . . . . . . . . . 3 Universal serial bus 2.0 protection . . . . . . . . . . 4 Universal SIM-card protection . . . . . . . . . . . . . 4 Gigabit Ethernet transceiver protection . . . . . . 5 Universal microSD/TransFlash and SD-memory card protection . . . . . . . . . . . . . . . 6 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 7 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 8 Legal information. . . . . . . . . . . . . . . . . . . . . . . . 9 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 9 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Contact information. . . . . . . . . . . . . . . . . . . . . . 9 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2008.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 8 May 2008 Document identifier: PRTR5V0U4Y_1


▲Up To Search▲   

 
Price & Availability of PRTR5V0U4Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X