Part Number Hot Search : 
LXD974A DDC1043 TL062AI 7809A AS2533BP GT25G102 MMBT2 A180Z
Product Description
Full Text Search
 

To Download PPC-175T-BARE-CE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PPC-175T
17" Panel PC with Intel(R) Pentium(R)/ Celeron(R) M Processor Features
17" TFT SXGA LCD Intel(R) Pentium(R)/Celeron(R) M up to 1.8 GB/1.5 GB System memory up to 2 GB DDR RAM Built-in CF card interface (IDE interface for OS booting) One PCI expansion slot Two 10/100 Mbps Ethernet ports; Two IEEE 1394 ports Resistive, capacitive, SAW, infrared type, and projected capacitive touch screens are available Light sensor supports automatic backlight control
Introduction
The PPC-175T is an Intel Pentium/Celeron M based Panel PC with 17" color TFT LCD (resolution up to 1280 x 1024). It features multimedia devices, various connectors, and can be installed in virtually any application. In addition, its user-friendly interface makes it a great host for information appliances. Three serial ports and two 10/100 Mbps Ethernet ports give the PPC-175T advanced networking capabilities, and provide a great solution for versatile applications.
Specifications
CPU Disk Drive Housing Dimensions (W x H x D) Front Panel Protection HDD CD-ROM Drive DVD+/-RW Drive Combo Drive Memory FDD Network (LAN) I/O Ports Bus Expansion Operating Temperature Relative Humidity Shock EMC Safety Output Rating Input Voltage Output Voltage Display Type Size (Diagonal) Max. Resolution Max. Colors or Grayscales Pixel Pitch (mm) Luminance (cd/m2) Contrast Ratio Viewing Angle Operating Temperature VR Controls Simultaneous Mode LCD MTBF Types Resolution Light Transmission Controller Power Consumption Software Driver Durability (Touches) Supports Socket 478 based Pentium /Celeron M up to 1.8 GHz/ 1.5 GHz Room for 1 x 2.5" HDD, SATA interface is available, but converter board needed 442 x 362 x 111.5 mm (17.4" x 14.25" x 4.39") IP65/NEMA 4 compliant (not for SAW model) IDE HDD interface (2.5" HDD bay) Optional 24X or above Optional 8X or above Optional DVD/CD-RW 8D/24W/24E/24R or above Supports up to 2 GB DDR SDRAM (184-pin) Optional 2 x ports 10/100 Mbps Ethernet interface - 3 x COM ports: 2 x RS-232, 1 x RS-232/422/485 - 1 x PS/2 mouse and keyboard interface - 4 x USB 2.0 ports - Mic-in, Line-in, Line-out - 1 x PCMCIA Type II - 2 x IEEE 1394 ports 1 x PCI expansion slot, 1 x Mini PCI card 0 ~ 50 C (32 ~ 122 F) 5% ~ 85% non-condensing 10 G peak acceleration (11 msec. duration) BSMI, VCCI, CE, FCC Class B, CCC CB, CE, UL 100 W (max.) 100 ~ 250 VDC @ 50 ~ 60 Hz +3.3 V @ 8.0 A, +5 V @ 12.0 A, +12 V @ 4.0 A, -12 V @ 0.2 A, +5 Vsb @ 2.0 A Color TFT LCD 17" 1280 x 1024 16.7 M 0.264 x 0.264 300 800 : 1 80 (left), 80 (right), 80 (up), 80 (down) 0 ~ 50 C Brightness Yes 50,000 hrs Analog Resistive Capacitive Surface Acoustic Wave Infrared Projected Capacitive Continuous 1024 x 1024 4096 x 4096 4096 x 4096 1024 x 768 80% 91.5% 91% 91% 91% RS-232 Interface RS-232 Interface RS-232 Interface RS-232 Interface RS-232 Interface +5 V @ 200 mA +5 V @ 100 mA +5 V @ 150 mA +5 V @ 150 mA +5 V @ 100 mA Supports Windows Supports both DOS and Windows only 35 million 225 million 50 million 100,000 hrs Unlimited
Processor System
Environmental Specifications
Power Supply
LCD Display
Touchscreen (Optional)
Online Download www.advantech.com/products
PPC-175T Dimensions
425.14
Unit: mm (inch)
99.5
12
442
427
345.14
362
347
CUT-OUT Dim.
Ordering Information
Part No. PPC-FP-A01E PPC-ARM-A03 PPC-155 STAND PPC-174 WL-MT PPC-175T-BARE-VE PPC-175T-BARE-TE PPC-175T-BARE-SE PPC-175T-BARE-PE PPC-175T-BAREE PPC-175T-BARE-CE 1702002605 1702002600 9898007100E 989KP15505E 989KP15504E 989KP15503E 989KP15502E 989KP15501E 989KP15500E Description USB Fingerprint Accessory Kit VESA Standard ARM for PPC series Stand kit for PPC-154/155/174/175T Series Wall mount kit for PPC-154/155/175T Series PPC-175T Bare BOM with infrared touchscreen PPC-175T Bare BOM with resistive touchscreen PPC-175T Bare BOM with SAW touchscreen PPC-175T Bare BOM with projected capacitive touchscreen Panel PC with 17" color TFT LCD display (resolution 1280 x 1024) PPC-175T Bare BOM with capacitive touchscreen POWER CABLE 90D 220V EUROPEAN 250V/6A 1.8M POWER Cable UL/CSA (USA) 180D 125V10A 1.83M 2.5" PATA to SATA HDD Converter Board Optical Disc Drive Bracket for PPC-155/175 (Bracket only, W/O ODD) Mini-PCI [Realtek] 802.1b/g Wireless Module for PPC-155/175 Mini-PCI [VIA] 802.1b/g Wireless Module for PPC-155/175 DVD-RW Module of PPC-155/175 Combo Module of PPC-155/175 CD-ROM Module of PPC-155/175
Feature Details
Protection
To meet the requirements of a public environment, the front panel PPC-175T complies with the IP65/NEMA 4 protection standard. Furthermore, the watchdog timer and power management features make the system secure and stable. The onboard hardware monitoring feature provides an automatic protection function, which prevents the CPU from becoming overheated.
Expansion
To extend functionality, the PPC-175T is designed with one expansion slot for PCI cards, four USB 2.0 (Univeral Serial Bus) ports, and one PCMCIA card bus (Type II x 1). With these expansion capabilities, the PPC-175T not only functions as an HMI, but also as a computing center on which to build your applications.
Easy Maintenance
Maintaining and replacing the LCD and touchscreen are made easier through the PPC-175T modular design. In order to replace a defective LCD or touchscreen, one merely needs to remove the front cover and LCD bracket instead of disassembling the whole system.
Touchscreen Options
Customers can choose from five optional types of standardized touchscreens: resistive, capacitive, infrared, SAW (Surface Acoustic Wave), and projected capacitive. Flexible options for the PPC-175T offer a more user-friendly interface for diverse environments.
Fully Integrated I/O
A B C D E
F
G
H
I
J
A. Line-in / Line-out / Mic-in B. IEEE 1394 x 2 C. USB 2.0 x 4 D. VGA port E. PS/2 mouse & keyboard
F. PCI slot x 1 G. 10/100 Base-T Ethernet x 2 H. RS-232 x 2, RS-232/422/485 x 1 I. Power switch J. AC Inlet
Panel PCs
All product specifications are subject to change without notice Last updated : 24-Mar-2009


▲Up To Search▲   

 
Price & Availability of PPC-175T-BARE-CE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X