Part Number Hot Search : 
V470M 171ED SFAF504 PA61A MC33363 TEA5582 74162 ULN20
Product Description
Full Text Search
 

To Download PL00250-WCG17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P-tec Corp. Tel:(800)688-0613 2405 Commerce Circle Tel:(719) 589 3122 Alamosa Co. 81101 Fax:(719) 589 3592 www.p-tec.net sales@p-tec.net
PL00250 Series SMD LED 1206 Package
Features
*Round Dome Lens Package 3.2 x 1.6 x 1.8mm *AlGaInP Ultra Bright Green Chip used *Narrow Viewing Angle *Low Current Requirements *High Light Output *Compatible with IR Solder-Process *Industry Standard Footprint *2000 or 1000 pcs per Reel *RoHS Compliant
Absolute Maximum Ratings at TA = 25C
Power Dissipation........................................................................ 78mW Reverse Voltage (<100A) ................................................................... 5.0V Max Forward Current ..................................................................... 30mA Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width).................................... 100mA Operating Temperature Range ............................................... -40C to +85C Storage Temperature Range ................................................. -40C to +85C Reflow Soldering Temperature....................................... 260C for 10 seconds
Electrical & Optical Characteristics at TA = 25C
Part Number Water Clear Lens PL00250-WCG17 Yellow-Green AlGaInP Emitting Color Chip Material Dominant Wave Length nm 570 Peak Wave Length nm 574 Viewing Angle 21/2 Deg 40 Forward Voltage @20mA (V) Typ 2.1 Max 2.6 Luminous Intensity @20mA (mcd) Min 110.0 Typ 330.0
Package Dimensions are in Millimeters. Tolerance is 0.25mm unless otherwise specified.
3.2 0.6 0.5 1.6 0.5
1 CATHODE MARK
CATHODE MARK
2
1
R0.8
1.60
2
1.8 0.25 1
Recommended Soldering Pad Layout
1.5
1.75
2.0
1.75
12-13-06 Rev 0 RS


▲Up To Search▲   

 
Price & Availability of PL00250-WCG17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X