Part Number Hot Search : 
D4503B CF603K32 AAT3175 1026FA FPI4040 EPL14P4 1SS146 G6853
Product Description
Full Text Search
 

To Download PCS5P23Z05B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 May 2007 rev 0.2 Timing-SafeTM Peak EMI reduction IC
PCS5P23Z05B/09B
General Features
* * * * Clock distribution with Timing-SafeTM Peak EMI Reduction Input frequency range: 20MHz - 50MHz Zero input - output propagation delay Low-skew outputs * Output-output skew less than 250pS * Device-device skew less than 700pS * * Less than 200pS cycle-to-cycle jitter Available in 16pin, 150mil SOIC, 4.4mm TSSOP (PCS5P23Z09B), and in 8pin, 150 mil SOIC, 4.4mm TSSOP Packages (PCS5P23Z05B) * * * * 3.3V Operation Industrial temperature range Advanced CMOS technology The First True Drop-in Solution
eight-pin version and accepts one reference input and drives out five low-skew clocks. All parts have on-chip PLLs that lock to an input clock on the CLKIN pin. The PLL feedback is on-chip and is obtained from the CLKOUT pad, internal to the device. Multiple PCS5P23Z05B/09B devices can accept the same input clock and distribute it. In this case, the skew between the outputs of the two devices is guaranteed to be less than 700pS. All outputs have less than 200pS of cycle-to-cycle jitter. The input and output propagation delay is guaranteed to be less than 350pS, and the output-to-output skew is guaranteed to be less than 250pS. Refer "Spread Spectrum Control and Input-Output Skew
Functional Description
PCS5P23Z05B/09B is a versatile, 3.3V zero-delay buffer designed to distribute high-speed Timing-SafeTM clocks with Peak EMI Reduction. PCS5P23Z09B accepts one reference input and drives out nine low-skew clocks. It is available in a 16pin Package. The PCS5P23Z05B is the
Table"
for
deviations
and
Input-Output
Skew for
PCS5P23Z05B and PCS5P23Z09B devices The PCS5P23Z05B and PCS5P23Z09B are available in two different packages, as shown in the ordering information table.
Block Diagram
CLKIN
PLL
CLKOUT CLKIN CLK1 CLK2 CLK3
PLL
MUX
CLKOUT CLKA1 CLKA2 CLKA3 CLKA4
PCS5P23Z05B
CLK4
S2 S1
Select Input Decoding
CLKB1 CLKB2 CLKB3
PCS5P23Z09B
CLKB4
PulseCore Semiconductor Corporation 1715 S. Bascom Ave Suite 200 Campbell, CA 95008 * Tel: 408-879-9077 * Fax: 408-879-9018 www.pulsecoresemi.com
Notice: The information in this document is subject to change without notice.
May 2007 rev 0.2
Spread Spectrum Frequency Generation
The clocks in digital systems are typically square waves with a 50% duty cycle and as frequencies increase the edge rates also get faster. Analysis shows that a square wave is composed of fundamental frequency and harmonics. The fundamental frequency and harmonics generate the energy peaks that become the source of EMI. Regulatory agencies test electronic equipment by measuring the amount of peak energy radiated from the equipment. In fact, the peak level allowed decreases as the frequency increases. The standard methods of reducing EMI are to use shielding, filtering, multi-layer
PCS5P23Z05B/09B
PCBs etc. These methods are expensive. Spread spectrum clocking reduces the peak energy by reducing the Q factor of the clock. This is done by slowly modulating the clock frequency. The PCS5P23Z05B/09B uses the center modulation spread spectrum technique in which the modulated output frequency varies above and below the reference frequency with a specified modulation rate. With center modulation, the average frequency is the same as the unmodulated frequency and there is no performance degradation
Timing-SafeTM technology
Timing-SafeTM technology is the ability to modulate a clock source with Spread Spectrum technology and maintain synchronization with any associated data path.
Pin Configuration ( 8 Pin Device )
CLKIN
1 8 7 6 5
CLKOUT CLK4 VDD CLK3
CLK1 2 CLK2 3 GND 4
PCS5P23Z05B
Pin Configuration ( 16 Pin Device )
CLKIN CLKA1 CLKA2 VDD
1 2 3 4
16 15 14
CLKOUT CLKA4 CLKA3 VDD GND CLKB4 CLKB3 S1
PCS5P23Z09B
13 12 11 10 9
GND 5 CLKB1 6 CLKB2 7 S2
8
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
2 of 14
May 2007 rev 0.2
Pin Description for PCS5P23Z05B Pin #
1 2 3 4 5 6 7 8
PCS5P23Z05B/09B
Pin Name
CLKIN CLK1 CLK2 CLK3 VDD CLK4
1 1,2 1 1
Description
Input reference frequency, 5V-tolerant input Buffered clock output Buffered clock output Ground Buffered clock output 3.3V supply Buffered clock output Buffered clock output, internal feedback on this pin
GND
1
CLKOUT
Notes: 1. Weak pull-down on these outputs. 2. This output is driven and has an internal feedback for the PLL. 3. All Buffered clock outputs are Timing-SafeTM.
Pin Description for PCS5P23Z09B Pin #
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Pin Name
CLKIN CLKA11 CLKA2 VDD GND CLKB1 CLKB2 S2 S1
2 2 1 1 1 1 1
Description
Input reference frequency, 5V tolerant input Buffered clock output Buffered clock output 3.3V supply Ground Buffered clock output Buffered clock output Select Input, bit 2 Select Input, bit 1 Buffered clock output Buffered clock output Ground 3.3V supply
CLKB3 CLKB4 GND VDD CLKA3 CLKA4
1 1 1,3
Buffered clock output Buffered clock output Buffered output, Internal feedback on this pin
CLKOUT
Notes: 1. Weak pull-down on all outputs. 2. Weak pull-up on these Inputs. 3. This output is driven and has an internal feedback for the PLL. 4. All Buffered clock outputs are Timing-SafeTM.
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
3 of 14
May 2007 rev 0.2
Spread Spectrum Control and Input-Output Skew Table
(Note: The values given in the table are for an input frequency of 32MHz)
PCS5P23Z05B/09B
Device
PCS5P23Z05B PCS5P23Z09B
Deviation
0.25 % 0.25 %
Input-Output Skew(TSKEW)
0.125 0.125
Note: TSKEW is measured in units of the Clock Period
Absolute Maximum Ratings Symbol
VDD TSTG Ts TJ TDV Storage temperature Max. Soldering Temperature (10 sec) Junction Temperature Static Discharge Voltage (As per JEDEC STD22- A114-B)
Parameter
Voltage on any pin with respect to Ground
Rating
-0.5 to +4.6 -65 to +125 260 150 2
Unit
V C C C KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect device reliability.
Operating Conditions for PCS5P23Z05B and PCS5P23Z09B Devices Parameter
VDD TA CL CIN Supply Voltage Operating Temperature (Ambient Temperature) Load Capacitance Input Capacitance
Description
Min
3.0 -40
Max
3.6 +85 30 7
Unit
V C pF pF
Electrical Characteristics for PCS5P23Z05B and PCS5P23Z09B Parameter
VIL VIH IIL IIH VOL VOH IDD Zo
Description
Input LOW Voltage Input LOW Current Input HIGH Current Output LOW Voltage2 Output HIGH Voltage Supply Current Output Impedance
2 1 1
Test Conditions
Min
2.0
Typ
Max
0.8
Unit
V V A A V V mA
Input HIGH Voltage
VIN = 0V VIN = VDD IOL = 8mA IOH = -8mA Unloaded outputs 2.4 15 23
50 100 0.4
Note: 1. CLKIN input has a threshold voltage of VDD/2 2. Parameter is guaranteed by design and characterization. Not 100% tested in production
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
4 of 14
May 2007 rev 0.2
Switching Characteristics for PCS5P23Z05B and PCS5P23Z09B Parameter
1/t1 t3 t4 t5 t6 t7 tJ tLOCK
PCS5P23Z05B/09B
Description
Output Frequency Duty Cycle = (t2 / t1) * 100 Output Rise Time1, 2 Output Fall Time1, 2 Output-to-output skew CLKOUT Rising Edge
2 2
Test Conditions
30pF load Measured at VDD/2 Measured between 0.8V and 2.0V Measured between 2.0V and 0.8V All outputs equally loaded Measured at VDD /2 Measured at VDD/2 on the CLKOUT pins of the device Loaded outputs Stable power supply, valid clock presented on CLKIN pin
Min
20 40
Typ
50
Max
50 60 2.5 2.5 250 350 700 200 1.0
Unit
MHz % nS nS pS pS pS pS mS
Delay, CLKIN Rising Edge to
2
Device-to-Device Skew 2 Cycle-to-cycle jitter 2 PLL Lock Time
2
Note: 1. The parameters are specified with loaded outputs. 2. Parameter is guaranteed by design and characterization. Not 100% tested in production
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
5 of 14
May 2007 rev 0.2
Switching Waveforms Duty Cycle Timing
t t 2 1.4 V 1.4 V 1
PCS5P23Z05B/09B
1.4 V
All Outputs Rise/Fall Time
OUTPUT 2.0V 0.8V t3 t4 2.0 V 0.8 V 3.3 V 0V
Output - Output Skew
1.4 V OUTPUT 1.4 V OUTPUT t 5
Input - Output Propagation Delay
V
INPUT
/2 DD V /2 DD
OUTPUT t 6
Device - Device Skew
CLKOUT, Device 1
VDD/2
V /2 DD
CLKOUT, Device 2 t 7
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
6 of 14
May 2007 rev 0.2
Input-Output Skew
Timing-SafeTM Output
PCS5P23Z05B/09B
Test Circuit
Input
+3.3V
TEST CIRCUIT VDD
TSKEW -
TSKEW+
+3.3V
0.1uF
CLKOUT OUTPUTS VDD LOAD
One clock cycle N=1
when spread spectrum is ON For example, TSKEW = 0.125 for an Input clock 32MHz, translates in to (1/32MHz) * 0.125=3.90nS
0.1uF
TSKEW represents input-output skew
GND
GND
A Typical example of Timing-SafeTM waveform
Input
Input
CLKOUT with SSOFF
Timing-SafeTM CLKOUT
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
7 of 14
May 2007 rev 0.2
Package Information 8-lead (150-mil) SOIC Package
PCS5P23Z05B/09B
E
H
D
A2
A
e B A 1
C L
D
Dimensions
Symbol Min
A1 A A2 B C D E e H L
Inches Max
0.010 0.069 0.059 0.020 0.010 0.004 0.053 0.049 0.012 0.007
Millimeters Min Max
0.10 1.35 1.25 0.31 0.18 4.90 BSC 3.91 BSC 1.27 BSC 6.00 BSC 0.41 0 1.27 8 0.25 1.75 1.50 0.51 0.25
0.193 BSC 0.154 BSC 0.050 BSC 0.236 BSC 0.016 0 0.050 8
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
8 of 14
May 2007 rev 0.2
8-lead TSSOP (4.40-MM Body)
PCS5P23Z05B/09B
H
E D A2 A e B A1 L C
Dimensions Symbol Min
A A1 A2 B c D E e H L 0.020 0 0.002 0.033 0.008 0.004 0.114 0.169 0.026 BSC 0.252 BSC 0.028 8 0.50 0
Inches Max
0.043 0.006 0.037 0.012 0.008 0.122 0.177 0.05 0.85 0.19 0.09 2.90 4.30
Millimeters Min Max
1.10 0.15 0.95 0.30 0.20 3.10 4.50 0.65 BSC 6.40 BSC 0.70 8
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
9 of 14
May 2007 rev 0.2
16-lead (150 Mil) Molded SOIC Package
PCS5P23Z05B/09B
8
1
PIN 1 ID
E
H
9 D
16 Seating Plane A e
B
h
A2
D
0.004
L
C
A1
Dimensions Symbol Min
A A1 A2 B C D E e H h L 0.228 0.010 0.016 0 0.053 0.004 0.049 0.013 0.008 0.386 0.150 0.050 BSC 0.244 0.016 0.035 8 5.80 0.25 0.40 0
Inches Max
0.069 0.010 0.059 0.022 0.012 0.394 0.157
Millimeters Min
1.35 0.10 1.25 0.33 0.19 9.80 3.80 1.27 BSC 6.20 0.41 0.89 8
Max
1.75 0.25 1.50 0.53 0.27 10.01 4.00
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
10 of 14
May 2007 rev 0.2
16-lead TSSOP (4.40-MM Body)
PCS5P23Z05B/09B
8
1
PIN 1 ID E H
9
16
A
Seating Plane L C
e D
A2
B
A1
D
Dimensions Symbol Min
A A1 A2 B C D E e H L 0.020 0 0.002 0.031 0.007 0.004 0.193 0.169 0.026 BSC 0.252 BSC 0.030 8 0.50 0
Inches Max
0.043 0.006 0.041 0.012 0.008 0.201 0.177 0.05 0.80 0.19 0.09 4.90 4.30
Millimeters Min Max
1.20 0.15 1.05 0.30 0.20 5.10 4.50 0.65 BSC 6.40 BSC 0.75 8
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
11 of 14
May 2007 rev 0.2
Ordering Codes Ordering Code
PCS5P23Z09BF-16-ST PCS5I23Z09BF-16-ST PCS5P23Z09BF-16-SR PCS5I23Z09BF-16-SR PCS5P23Z09BF-16-TT PCS5I23Z09BF-16-TT PCS5P23Z09BF-16-TR PCS5I23Z09BF-16-TR PCS5P23Z05BF-08-ST PCS5I23Z05BF-08-ST PCS5P23Z05BF-08-SR PCS5I23Z05BF-08-SR PCS5P23Z05BF-08-TT PCS5I23Z05BF-08-TT PCS5P23Z05BF-08-TR PCS5I23Z05BF-08-TR PCS5P23Z09BG-16-ST PCS5I23Z09BG-16-ST PCS5P23Z09BG-16-SR PCS5I23Z09BG-16-SR PCS5P23Z09BG-16-TT PCS5I23Z09BG-16-TT PCS5P23Z09BG-16-TR PCS5I23Z09BG-16-TR PCS5P23Z05BG-08-ST PCS5I23Z05BG-08-ST PCS5P23Z05BG-08-SR PCS5I23Z05BG-08-SR PCS5P23Z05BG-08-TT PCS5I23Z05BG-08-TT PCS5P23Z05BG-08-TR PCS5I23Z05BG-08-TR
PCS5P23Z05B/09B
Marking
5P23Z09BF 5I23Z09BF 5P23Z09BF 5I23Z09BF 5P23Z09BF 5I23Z09BF 5P23Z09BF 5I23Z09BF 5P23Z05BF 5I23Z05BF 5P23Z05BF 5I23Z05BF 5P23Z05BF 5I23Z05BF 5P23Z05BF 5I23Z05BF 5P23Z09BG 5I23Z09BG 5P23Z09BG 5I23Z09BG 5P23Z09BG 5I23Z09BG 5P23Z09BG 5I23Z09BG 5P23Z05BG 5I23Z05BG 5P23Z05BG 5I23Z05BG 5P23Z05BG I23Z05BG 5P23Z05BG 5I23Z05BG
Package Type
16-pin 150-mil SOIC-TUBE, Pb Free 16-pin 150-mil SOIC-TUBE, Pb Free 16-pin 150-mil SOIC-TAPE & REEL, Pb Free 16-pin 150-mil SOIC-TAPE & REEL, Pb Free 16-pin 4.4-mm TSSOP - TUBE, Pb Free 16-pin 4.4-mm TSSOP - TUBE, Pb Free 16-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free 16-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free 8-pin 150-mil SOIC-TUBE, Pb Free 8-pin 150-mil SOIC-TUBE, Pb Free 8-pin 150-mil SOIC-TAPE & REEL, Pb Free 8-pin 150-mil SOIC-TAPE & REEL, Pb Free 8-pin 4.4-mm TSSOP - TUBE, Pb Free 8-pin 4.4-mm TSSOP - TUBE, Pb Free 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free 16-pin 150-mil SOIC-TUBE, Green 16-pin 150-mil SOIC-TUBE, Green 16-pin 150-mil SOIC-TAPE & REEL, Green 16-pin 150-mil SOIC-TAPE & REEL, Green 16-pin 4.4-mm TSSOP - TUBE, Green 16-pin 4.4-mm TSSOP - TUBE, Green 16-pin 4.4-mm TSSOP - TAPE & REEL, Green 16-pin 4.4-mm TSSOP - TAPE & REEL, Green 8-pin 150-mil SOIC-TUBE, Green 8-pin 150-mil SOIC-TUBE, Green 8-pin 150-mil SOIC-TAPE & REEL, Green 8-pin 150-mil SOIC-TAPE & REEL, Green 8-pin 4.4-mm TSSOP - TUBE, Green 8-pin 4.4-mm TSSOP - TUBE, Green 8-pin 4.4-mm TSSOP - TAPE & REEL, Green 8-pin 4.4-mm TSSOP - TAPE & REEL, Green
Temperature
Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
12 of 14
May 2007 rev 0.2
Device Ordering Information
PCS5P23Z05B/09B
PCS5P23Z05
BF-08-TR
Tape & Reel, T = Tube or Tray
O = SOT S = SOIC T = TSSOP A = SSOP V = TVSOP B = BGA Q = QFN DEVICE PIN COUNT
U = MSOP E = TQFP L = LQFP U = MSOP P = PDIP D = QSOP X = SC-70
F = LEAD FREE AND RoHS COMPLIANT PART G = GREEN PACKAGE, LEAD FREE, and RoHS
PART NUMBER X= Automotive I= Industrial P or n/c = Commercial (-40C to +125C) (-40C to +85C) (0C to +70C) 1 = Reserved 2 = Non PLL based 3 = EMI Reduction 4 = DDR support products 5 = STD Zero Delay Buffer 6 = Power Management 7 = Power Management 8 = Power Management 9 = Hi Performance 0 = Reserved
PulseCore Semiconductor Mixed Signal Product
Licensed under US patent #5,488,627, #6,646,463 and #5,631,920.
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
13 of 14
May 2007 rev 0.2
PCS5P23Z05B/09B
PulseCore Semiconductor Corporation 1715 S. Bascom Ave Suite 200 Campbell, CA 95008 Tel: 408-879-9077 Fax: 408-879-9018 www.pulsecoresemi.com
Copyright PulseCore Semiconductor All Rights Reserved Preliminary Information Part Number: PCS5P23Z05B/09B Document Version: 0.2
Note: This product utilizes US Patent # 6,646,463 Impedance Emulator Patent issued to PulseCore Semiconductor, dated 11-11-2003 Timing-SafeTM US Patent Pending.
(c) Copyright 2006 PulseCore Semiconductor Corporation. All rights reserved. Our logo and name are trademarks or registered trademarks of PulseCore Semiconductor. All other brand and product names may be the trademarks of their respective companies. PulseCore reserves the right to make changes to this document and its products at any time without notice. PulseCore assumes no responsibility for any errors that may appear in this document. The data contained herein represents PulseCore's best data and/or estimates at the time of issuance. PulseCore reserves the right to change or correct this data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. PulseCore does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of PulseCore products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in PulseCore's Terms and Conditions of Sale (which are available from PulseCore). All sales of PulseCore products are made exclusively according to PulseCore's Terms and Conditions of Sale. The purchase of products from PulseCore does not convey a license under any patent rights, copyrights; mask works rights, trademarks, or any other intellectual property rights of PulseCore or third parties. PulseCore does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of PulseCore products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify PulseCore against all claims arising from such use.
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
14 of 14


▲Up To Search▲   

 
Price & Availability of PCS5P23Z05B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X