Part Number Hot Search : 
A5800582 1E104 ITR20005 STM1815T 37042 4VHC1G 01901 5RF28
Product Description
Full Text Search
 

To Download P115JP300C102A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 115
(R)
Commercial 3/4" (19.05mm) diameter, 2 watt variable resistor
* Fully enclosed construction * Four mounting styles * Long rotational life * Optional grounded or insulated rotor construction * Incorporated fixed resistor available * Available with nylon shaft * Interchangeable mounting with CTS series 110 preset potentiometers
Electrical and Mechanical Specifications
Resistance Range 1 ohm through 20K ohms (linear taper) Resistance Tolerance Available: 5%, 10%, 20% Power Rating, Watts Standard: 2 watts @ 55C, derated to no load @ 105C linear taper, control mounted on metal panel 4" x 4" x .050" (101.6mm x 101.6mm x 1.27mm) Voltage Rating Terminals to case (insulated types only) High pot test, one minute -- 900 VAC Operating maximum -- 500 VDC Across end terminals Determined by resistance value and wattage rating Resistance Taper Linear (3% independent linearity, standard) Taps None Incorporated Fixed Resistor A fixed resistor can be incorporated in the Series 115 at the end of CW or CCW rotation to a minimum of 15% of the total resistance value. The rotation is shortened by an amount proportional to the ratio of the fixed resistor to the total resistance value. Angle of Rotation 270 5 Adjustment of Resistance Standard: Cross slot provided in rotor for screwdriver adjustment. Special: Molded nylon, screwdriver-slotted shafts which are integral with rotor are available in many lengths in increments of 1/8" (3.2mm) up to a maximum of 2" (50.8mm). Available Mounting Types Printed circuit mounted: Twist tab mounted: Ear mounted: Rivet ear mounted: Type 115 Type P115 Type 116 Type 117
Terminal Information Grounded Construction -- The grounded construction is supplied without a center terminal and the contactor is connected to the case. This construction can be furnished with one end terminal at either end of the resistance element or with terminals at both ends of the element. Insulated Construction -- The contactor is insulated from the base and connected to the center terminal on the insulated construction. This construction can be supplied with the center terminal and one end terminal at either end of the resistance element or with the center terminal and terminals at both ends of the resistance element. Rotational Torque Turning Torque: 1/2 to 10 inch-ounces (36 - 720 g-cm) Stop Strength: 4 inch-pounds (4.6 Kg-cm) Technical Data Sheet 1448C Technical Data Sheet 1115
CTS CORPORATION / MANUFACTURER OF RELIABLE ELECTRONIC COMPONENTS
Type 115, P.C. Mounted
DIMENSION:
MM INCH
Type P115, Twist Tab Mounted
DIMENSION:
MM INCH
Type 116, Ear Mounted
DIMENSION:
MM INCH
Type 117, Rivet Ear Mounted
DIMENSION:
MM INCH
Ordering Information
115
SERIES MOUNTING DESIGNATION 115 P115 116 117 - PC MOUNT - TWIST TAB - EAR - RIVET EAR
G
P
MOUNTING STYLE BUSHING: T - TWIST TAB P - PC E - EAR R - RIVET EAR
3
00
SHAFT LENGTH 00 - NO SHAFT
C
103
RESISTANCE CODE EXAMPLES CODE 100 500 101 501 102 252 502 103 203 RESISTANCE 10 OHMS 50 100 500 1K 2.5K 5K 10K 20K
B
1
TAPER 1 - LINEAR
RESIST TOLERANCE A - 10% B - 20% D - 5%
TERMINAL STYLE J - INSULATED CONSTRUCTION G - GROUNDED CONSTRUCTION
LOCATING LUG 3 - NONE
SHAFT TRIM C - CROSS C - SLOT
Order From:
CTS CORPORATION, ELECTROCOMPONENTS / 1601 Mishawaka Street / Elkhart, Indiana 46514 North America Toll Free (888) 287-4690 / (219) 296-6700 / FAX: (219) 293-1240 http://www.ctscorp.com CTS COMPONENTS TAIWAN, LTD. / 7, Central 6th Road (Chung Liu Road) / P.O. Box 26-20 Kaohsiung Export Processing Zone / Kaohsiung, Taiwan, Rep. of China (07) 8216145 / FAX: (07) 8417642.8110040 2.5M-6-99I


▲Up To Search▲   

 
Price & Availability of P115JP300C102A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X