Part Number Hot Search : 
DBL102S GI851 NTC10 P6KE20A 1N4448W 2N4400 BC557 SI535
Product Description
Full Text Search
 

To Download OTS-1SDT2DAT-A1-FC-IC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optiva Standard, 1 SDI 270 Mbps and 2 Stereo AES/EBU Digital Audio
TM
OTS-1SD2DA
SDI Video and Digital Audio Transmission The OTS-1SD2DA provides for the digital transmission of 1 Channel of uncompressed SDI Video and 2 Channels of AES/EBU Audio, at absolute broadcast quality.
Video
System Design All units come in an insert card version. The cards can be inserted into our 16-slot, 19" rack-mountable card cage (OT-CC-16-100) or one of our smaller OptivaTM Desktop Card Racks (OT-DTCR Series). The OptivaTM Desktop Card Racks can handle one, two or four insert cards, creating compact, mountable, stand alone systems. The use of separate OT-DTCR enclosures allows for future flexibility and expansion as all cards are hot-swappable and can be used in any enclosure. Each one of our card housing units operate with an appropriate power supply. See "Accessories" for power supply specifications. OptivaTM Upgrade Path
S T A T U S A L E R T
2 AES/EBU In
S T A T U S A L E R T
2 AES/EBU Out
Each insert card comes with a label identifying the specific protocols handled, connector pin-out and other vital information. For optimal bandwidth allocation, each insert card can daisy-chain with an additional card in the same chassis. See "OptivaTM Upgrade Path".
Audio
SDI Video In ST, LC, SC or FC
SDI Video Out ST, LC, SC or FC
TM Optiv a
TM Optiv a
Data
VAD Transmission
VAD Transmission
OTS-1SD2DAT
OTS-1SD2DAR
Features * Uncompressed SDI Video and 2 AES/EBU channels over one fiber * TDM - Single Wavelength * Complies with SMPTE standards for Video and Audio transmission * Compatible with MDM-7000 Series for WDM and CWDM multiplexing * No EMI or RFI and no ground loops * Stand alone or rack-mount * Ideal for Broadcast/Studio and Professional AV applications
This system can be purchased without an optical port as an add-on to an existing OptivaTM system daisy-chain. (See "Non-Optical Version" below). The OptivaTM bandwidth requirement of this system is 361 Mbps. Versions Available* Wavelength (nm) & Fiber 1310 Multimode 1310 Singlemode 1310 Singlemode (D) 1550 Singlemode 1550 Singlemode (D) 1270-1610 SM (CWDM) Non-Optical Version Transmit** OTS-1SDT2DAT-A1-XX-IC OTS-1SDT2DAT-A2-XX-IC OTS-1SDT2DAT-A2D-XX-IC OTS-1SDT2DAT-A3-XX-IC OTS-1SDT2DAT-A3D-XX-IC OTS-1SDT2DAT-L4-XX-IC OTS-1SDT2DAT-NOC-IC Receive**
Optical Connector ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC N/A
Optical Budget (dB) 10 7 12 17 25 Varies N/A
Range*** (km) 3 10 20 40 60 20-70 N/A
Form Factor IC (1-slot) IC (1-slot) IC (1-slot) IC (1-slot) IC (1-slot) IC (1-slot) IC (1-slot)
OTS-1SDR2DAR-A1-XX-IC OTS-1SDR2DAR-A2-XX-IC OTS-1SDR2DAR-A2D-XX-IC OTS-1SDR2DAR-A3-XX-IC OTS-1SDR2DAR-A3D-XX-IC OTS-1SDR2DAR-L4-XX-IC OTS-1SDR2DAR-NOC-IC
* Contact Opticomm for other versions available. ** XX indicates the type of optical connector. Each of ST, FC, LC or SC are available. *** Chromatic dispersion and additional losses should be taken into account.
800-867-8426 * info@opticomm.com * www.opticomm.com * Contact Opticomm for custom requirements.
Opticomm reserves the right to change specifications without notice
SDI & HD-SDI
Video Standard Pathological Test Code Bit Rate Bit error rate Connector Audio Digital Format
SMPTE 259 RP-178 270 Mbps 10-14 BNC (IEC 60169-8)
OptivaTM Configurable Communication Platform Network Management SDI & HD-SDI Composite Video, Audio & Data
Connector
AES/EBU AES3-1992 (ANSI S4,40) SMPTE 276M Micro DB25
RGB/VGA/DVI Audio/FSK/Intercom Data (Ethernet/Serial/USB) CATV/RF & L-Band
General
Dimensions & Weight Operating temperature Storage temperature Humidity Operating voltage Consumption System Latency Local Monitoring Remote Monitoring Insert Card (IC): 6.3" L x 0.8" W x 4.0" H -20 C to +55 C -40 C to +85 C 0 to 95% non-condensing 9-12 VDC 1 Amp Max per Insert Card Less than 1ms LED Status Indication Compatible with OptivaViewTM SNMP Management Suite 11 oz
Optical Switching, Routing & Redundancy Passive Multiplexing Solutions Enclosures, Racks & Frames Power Supplies & Accessories
MADE IN THE USA
Sample Configuration


▲Up To Search▲   

 
Price & Availability of OTS-1SDT2DAT-A1-FC-IC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X