Part Number Hot Search : 
SB102 WF256 C0402C 00M16 31006 31006 TS972D LBS12202
Product Description
Full Text Search
 

To Download NTD6414AN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTD6414AN N-Channel Power MOSFET 100 V, 32 A, 37 mW
Features
* * * *
Low RDS(on) High Current Capability 100% Avalanche Tested These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS Compliant
http://onsemi.com
ID MAX (Note 1) 32 A
V(BR)DSS 100 V
RDS(on) MAX 37 mW @ 10 V
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Parameter Drain-to-Source Voltage Gate-to-Source Voltage - Continuous Continuous Drain Current RqJC Power Dissipation RqJC Pulsed Drain Current Steady State Steady State TC = 25C TC = 100C TC = 25C PD IDM TJ, Tstg IS EAS Symbol VDSS VGS ID Value 100 $20 32 22 100 117 -55 to +175 32 154 W Unit V V A
N-Channel D
G A C A mJ 12 4 1 3 S 4
tp = 10 ms
Operating and Storage Temperature Range Source Current (Body Diode) Single Pulse Drain-to-Source Avalanche Energy (VDD = 50 Vdc, VGS = 10 Vdc, IL(pk) = 32 A, L = 0.3 mH, RG = 25 W) Lead Temperature for Soldering Purposes, 1/8 from Case for 10 Seconds
TL
260
C
THERMAL RESISTANCE RATINGS
Parameter Junction-to-Case (Drain) Steady State Junction-to-Ambient (Note 1) Symbol RqJC RqJA Max 1.5 37 Unit C/W
DPAK CASE 369AA STYLE 2
3 IPAK CASE 369D STYLE 2
2
YWW 64 14ANG
1 Gate
2 Drain
3 Source
YWW 64 14ANG 1 Gate 2 Drain 3 Source Publication Order Number: NTD6414AN/D
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Surface mounted on FR4 board using 1 sq in pad size, (Cu Area 1.127 sq in [1 oz] including traces).
MARKING DIAGRAM & PIN ASSIGNMENTS
4 Drain 4 Drain
6414AN Y WW G
= Device Code = Year = Work Week = Pb-Free Package
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 5 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2009
November, 2009 - Rev. 0
1
NTD6414AN
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise noted)
Parameter OFF CHARACTERISTICS Drain-to-Source Breakdown Voltage Drain-to-Source Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-to-Source Leakage Current ON CHARACTERISTICS (Note 3) Gate Threshold Voltage Negative Threshold Temperature Coefficient Drain-to-Source On-Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Threshold Gate Charge Gate-to-Source Charge Gate-to-Drain Charge Plateau Voltage Gate Resistance SWITCHING CHARACTERISTICS (Note 4) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Forward Diode Voltage Reverse Recovery Time Charge Time Discharge Time Reverse Recovery Charge td(on) tr td(off) tf VSD tRR Ta Tb QRR VGS = 0 V, dIS/dt = 100 A/ms, IS = 32 A TJ = 25C TJ = 125C VGS = 10 V, VDD = 80 V, ID = 32 A, RG = 6.1 W 11 52 38 48 0.87 0.76 68 51 16 195 nC ns 1.2 V ns VGS(TH) VGS(TH)/TJ RDS(on) gFS CISS COSS CRSS QG(TOT) QG(TH) QGS QGD VGP RG VGS = 10 V, VDS = 80 V, ID = 32 A VGS = 0 V, f = 1.0 MHz, VDS = 25 V VGS = 10 V, ID = 32 A VGS = 5.0 V, ID = 10 A VGS = VDS, ID = 250 mA 2.0 8.3 30 18 1450 230 95 40 1.7 8.0 20 5.9 1.9 V W nC 37 4.0 V mV/C mW S pF V(BR)DSS V(BR)DSS/TJ IDSS IGSS VGS = 0 V, VDS = 100 V TJ = 25C TJ = 125C VGS = 0 V, ID = 250 mA 100 107 1.0 100 "100 nA V mV/C mA Symbol Test Condition Min Typ Max Unit
VDS = 0 V, VGS = "20 V
CHARGES, CAPACITANCES AND GATE RESISTANCE
DRAIN-SOURCE DIODE CHARACTERISTICS VGS = 0 V, IS = 32 A
2. Surface mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq [1 oz] including traces). 3. Pulse Test: Pulse Width 300 ms, Duty Cycle 2%. 4. Switching characteristics are independent of operating junction temperatures.
http://onsemi.com
2
NTD6414AN
TYPICAL CHARACTERISTICS
70 60 ID, DRAIN CURRENT (A) 50 40 30 20 5.0 V 10 0 0 1 2 3 4 4.5 V 5 5.5 V 70 6.5 V ID, DRAIN CURRENT (A) 60 50 40 30 20 10 0 TJ = -55C 2 3 4 5 6 7 8 VGS, GATE-TO-SOURCE VOLTAGE (V) TJ = 125C TJ = 25C VDS w 10 V
TJ = 25C
10 V
7.5 V
6.0 V
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
Figure 1. On-Region Characteristics
0.07 0.06 0.05 0.04 0.03 0.02 ID = 32 A TJ = 25C RDS(on), DRAIN-TO-SOURCE RESISTANCE (W) RDS(on), DRAIN-TO-SOURCE RESISTANCE (W) 0.10
Figure 2. Transfer Characteristics
VGS = 10 V 0.08 0.06 0.04 0.02 TJ = -55C 0.00 10 15 20 25 30 35 TJ = 175C TJ = 125C
TJ = 25C
5
6
7
8
9
10
VGS, GATE-TO-SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
Figure 3. On-Region versus Gate Voltage
Figure 4. On-Resistance versus Drain Current and Gate Voltage
10000
3 RDS(on), DRAIN-TO-SOURCE RESISTANCE (NORMALIZED) 2.5 2 ID = 32 A VGS = 10 V
VGS = 0 V TJ = 150C
IDSS, LEAKAGE (nA)
1000
1.5 1
100
TJ = 125C
0.5 -50
-25
0
25
50
75
100
125
150
175
10
10
20
30
40
50
60
70
80
90 100
Figure 5. On-Resistance Variation with Temperature
TJ, JUNCTION TEMPERATURE (C)
Figure 6. Drain-to-Source Leakage Current versus Voltage
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
http://onsemi.com
3
NTD6414AN
TYPICAL CHARACTERISTICS
10 8 6 4 2 0 ID = 32 A TJ = 25C 0 5 10 15 20 25 30 Qg, TOTAL GATE CHARGE (nC) 35 Qgs
VGS, GATE-TO-SOURCE VOLTAGE (V)
2400 C, CAPACITANCE (pF) 2000 1600 1200 800 400 0 Crss 0 Coss Ciss
TJ = 25C VGS = 0 V
QT VDS Qgd VGS
100 80 60 40 20 0 40
20 40 60 80 VDS, DRAIN-TO-SOURCE VOLTAGE (V)
100
Figure 7. Capacitance Variation
1000
Figure 8. Gate-to-Source Voltage and Drain-to-Source Voltage versus Total Charge
35 IS, SOURCE CURRENT (A) 30 25 20 15 10 5 0 0.4 0.5 0.6 0.7 0.8 VSD, SOURCE-TO-DRAIN VOLTAGE (V) 0.9 TJ = 25C VGS = 0 V
VDS = 80 V ID = 32 A VGS = 10 V tr tf td(off)
t, TIME (ns)
100
10
td(on)
1
1
10 RG, GATE RESISTANCE (W)
100
Figure 9. Resistive Switching Time Variation versus Gate Resistance
Figure 10. Diode Forward Voltage versus Current
100 AVALANCHE ENERGY (mJ) 10 ms ID, DRAIN CURRENT (A) 10 100 ms 1 ms VGS = 10 V SINGLE PULSE TC = 25C RDS(on) LIMIT THERMAL LIMIT PACKAGE LIMIT 1 10 100 VDS, DRAIN-TO-SOURCE VOLTAGE (V) 1000 10 ms dc
160 140 120 100 80 60 40 20 0 25 50 75 100 125 150 TJ, STARTING JUNCTION TEMPERATURE 175 ID = 32 A
1
0.1
Figure 11. Maximum Rated Forward Biased Safe Operating Area
Figure 12. Maximum Avalanche Energy versus Starting Junction Temperature
http://onsemi.com
4
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
2800
NTD6414AN
TYPICAL CHARACTERISTICS
10
1 D = 0.5 R(t) (C/W) 0.2 0.1 0.1 0.05 0.02 0.01 0.01 SINGLE PULSE 0.001 0.000001
0.00001
0.0001
0.001 0.01 t, PULSE TIME (s)
0.1
1
10
Figure 13. Thermal Response
ORDERING INFORMATION
Device NTD6414ANT4G NTD6414AN-1G Package DPAK (Pb-Free) IPAK (Pb-Free) Shipping 2500 / Tape & Reel 75 Units / Rail
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D.
http://onsemi.com
5
NTD6414AN
PACKAGE DIMENSIONS
DPAK CASE 369AA-01 ISSUE A
-T- B V R
4
SEATING PLANE
C E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.235 0.245 0.250 0.265 0.086 0.094 0.025 0.035 0.018 0.024 0.030 0.045 0.386 0.410 0.018 0.023 0.090 BSC 0.180 0.215 0.024 0.040 0.020 --- 0.035 0.050 0.155 --- MILLIMETERS MIN MAX 5.97 6.22 6.35 6.73 2.19 2.38 0.63 0.89 0.46 0.61 0.77 1.14 9.80 10.40 0.46 0.58 2.29 BSC 4.57 5.45 0.60 1.01 0.51 --- 0.89 1.27 3.93 ---
S
A
1 2 3
Z H U
F L D
2 PL
J
DIM A B C D E F H J L R S U V Z
0.13 (0.005)
M
T
STYLE 2: PIN 1. GATE 2. DRAIN 3. SOURCE 4. DRAIN
SOLDERING FOOTPRINT*
6.20 0.244 3.0 0.118
2.58 0.101
5.80 0.228
1.6 0.063
6.172 0.243
SCALE 3:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
6
NTD6414AN
PACKAGE DIMENSIONS
DPAK CASE 369D-01 ISSUE B
B V R
4
C E Z
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A B C D E F G H J K R S V Z INCHES MIN MAX 0.235 0.245 0.250 0.265 0.086 0.094 0.027 0.035 0.018 0.023 0.037 0.045 0.090 BSC 0.034 0.040 0.018 0.023 0.350 0.380 0.180 0.215 0.025 0.040 0.035 0.050 0.155 --- MILLIMETERS MIN MAX 5.97 6.35 6.35 6.73 2.19 2.38 0.69 0.88 0.46 0.58 0.94 1.14 2.29 BSC 0.87 1.01 0.46 0.58 8.89 9.65 4.45 5.45 0.63 1.01 0.89 1.27 3.93 ---
S -T-
SEATING PLANE
A
1 2 3
K
F D G
3 PL
J
H
M
0.13 (0.005)
T
STYLE 2: PIN 1. GATE 2. DRAIN 3. SOURCE 4. DRAIN
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
7
NTD6414AN/D


▲Up To Search▲   

 
Price & Availability of NTD6414AN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X