Part Number Hot Search : 
MA6014 HCF4010 8124E 45985 C16LF SAM9G R10N2 MAX984
Product Description
Full Text Search
 

To Download NP352-04808 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NP352 Series (Open Top) Fine Ball Grid Array (FBGA, 1.00mm Pitch)
Specifications
1,000MW min. at 100V DC Insulation Resistance: Dielectric Withstanding Voltage: 100V AC for 1 minute Contact Resistance: 100m W max. at 10mA/20mV max. Operating Temperature Range: -40C to +150C / -55C to +150C 15g per pin approx. Contact Force: 10,000 insertions minimun Mating Cycles:
Part Number (Details)
NP352 - 560
Series No. No. of Contact Pins Design Number
09 - * - *
Mark for Positioning Pins Contact Terminal Lengths and Form
Materials and Finish
Housing: Polyetherimide (PEI), glass-filled Polyethersulphone (PES), glass-filled Contacts: Beryllium Copper (BeCu) Plating: Gold over Nickel
Features
i Open top type sockets with "Tweezer Style Contacts" For FBGA packages i Secure package alignment due to self contacting structure without upper pressing force (ZIF) i Contacting structure to nip the sides of solder balls to lower damages of coplanarity of solder balls
Outline Base Socket Dimensions
A0.4
Yamaichi's 2-point Tweezer Contact
B0.4
IC Ball Socket Base A Contacts Socket Base B
Since the solder balls are touched by two contacts on each side, the solder ball damage can be minimized; additional features are low actuation force and compact socket size
D-36
Test & Burn-In
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
NP352 Series (Open Top) Fine Ball Grid Array (FBGA, 1.00mm Pitch)
Applicable Dimensions
Pin Count
48 48 48 256 345 352 360 388 400 400 432 436 468 456 480 484 484 513 552 560 560 648 660 676 677 680 696 724 764 768 788 792 829 836 1008 1064 1155 1206 1296 1296 1521 1521 1600 1600 1849 2116
IC Dimensions Grid Size
6x8 6x8 6x8 16 x 16 21 x 21 26 x 26 33 x 33 26 x 26 29 x 29 25 x 25 25 x 25 33 x 33 29 x 29 26 x 26 29 x 29 26 x 26 22 x 22 39 x 39 29 x 29 33 x 33 33 x 33 33 x 33 38 x 38 26 x 26 36 x 36 34 x 34 30 x 30 34 x 34 30 x 30 38 x 38 38 x 38 39 x 39 39 x 39 31 x 31 43 x 43 43 x 43 34 x 34 36 x 36 36 x 36 36 x 36 39 x 39 39 x 39 41 x 41 40 x 40 43 x 43 46 x 46
Part Number
NP352-04808 NP352-04811 NP352-04813 NP352-256-81-* NP352-34534 NP352-103 AC-29401 NP352-56009 AC-19416 NP352-66 AC-29556 NP352-40025 NP352-400-40 NP352-432-44 NP352-436-68 NP352-48031 AC-21938 NP352-456-66 NP352-48031 NP352-484-87-*-* NP352-484-98 NP352-152124 AC-21918 NP352-55212 NP352-56009 NP352-56009 AC-24855 NP352-64819 NP352-78832 AC-19367 NP352-676-103 NP352-1206-38AC-28934 NP352-115523.AC-22615 NP352-87-*-* AC-27191 NP352-724-95 NP352-87-1-1 AC-28845 NP352-76814 NP352-78832 NP352-152124 AC-25245 NP352-829-50 NP352-83615 NP352-1008-39 NP352-106426-* NP352-115523 NP352-1206-38 NP352-129636 NP352-1296-52 NP352-152124 NP352-1521-53 NP352-160018 NP352-1600-54-* NP352-1849-35 NP352-2116-71
Base Socket Body Size(mm) Dimensions A x B
10 x 11 10 x 14 11 x 14 17 x 17 23 x 23 27 x 27 35 x 35 27 x 27 31 x 31 27 x 27 27 x 27 35 x 35 31 x 31 27 x 27 31 x 31 31 x 31 23 x 23 40 x 40 31 x 31 35 x 35 35 x 35 35 x 35 40 x 40 27 x 27 37.5 x 37.5 35 x 35 31 x 31 35 x 35 31 x 31 40 x 40 40 x 40 40 x 40 40 x 40 33 x 33 45 x 45 45 x 45 35 x 35 37.5 x 37.5 37.5 x 37.5 37.5 x 37.5 40 x 40 40 x 40 42.5 x 42.5 45 x 45 45 x 45 47.5 x 47.5 24.4 x 28.0 24.4 x 28.0 24.4 x 28.0 39.0 x 39.0 62.0 x 62.0 47.0 x 47.0 62.0 x 62.0 62.0 x 62.0 62.0 x 62.0 62.0 x 62.0 62.0 x 62.0 62.0 x 62.0 62.0 x 62.0 62.0 x 62.0 62.0 x 62.0 47.0 x 47.0 62.0 x 62.0 62.0 x 62.0 62.0 x 62.0 62.0 x 62.0 62.0 x 62.0 62.0 x 62.0 62.0 x 62.0 47.0 x 47.0 55.8 x 55.8 62.0 x 62.0 47.0 x 47.0 62.0 x 62.0 47.0 x 47.0 62.0 x 62.0 62.0 x 62.0 62.0 x 62.0 62.0 x 62.0 62.0 x 62.0 74.0 x 74.0 74.0 x 74.0 62.0 x 62.0 55.8 x 55.8 62.0 x 62.0 74.0 x 74.0 62.0 x 62.0 74.0 x 74.0 74.0 x 74.0 74.0 x 74.0 74.0 x 74.0 74.0 x 74.0
BGA Layouts see page
Page 3 Page 3 Page 3 Page 3 Page 3 Page 3 Page 5 Page 3 Page 4 Page 3 Page 3 Page 5 Page 4 Page 3 Page 4 Page 4 Page 3 Page 7 Page 4 Page 5 Page 5 Page 5 Page 5 Page 4 Page 6 Page 6 Page 5 Page 6 Page 5 Page 7 Page 7 Page 7 Page 7 Page 5 Page 8 Page 8 Page 6 Page 6 Page 6 Page 6 Page 7 Page 7 Page 8 Page 8 Page 8 Page 8
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Test & Burn-In
D-37
NP352 Series (Open Top) Fine Ball Grid Array (FBGA, 1.00mm Pitch)
Grid Size 6 x 8
NP352-04808 Pin Count: 48 Body Size: 10x11 Base Socket Size: 24.4x28.0
NP352-04811 Pin Count: 48 Body Size: 10x14 Base Socket Size: 24.4x28.0
NP352-04813 Pin Count: 48 Body Size: 11x14 Base Socket Size: 24.4x28.0
Grid Size 16 x 16
Grid Size 21 x 21
Grid Size 22 x 22
NP352-256-81 Pin Count: 256 Body Size: 17x17 Base Socket Size: 39.0 x 39.0
NP352-34534 Pin Count: 345 Body Size: 23x23 Base Socket Size: 62.0x62.0
NP352-484-98 Pin Count: 484 Body Size: 23x23 Base Socket Size: 47.0x47.0
Grid Size 25 x 25
NP352-400-40 Pin Count: 400 Body Size: 27x27 Base Socket Size: 62.0 x 62.0
NP352-432-44 Pin Count: 432 Body Size: 27x27 Base Socket Size: 62.0 x 62.0
Grid Size 26 x 26
Continued
NP352-103 AC-29401 Pin Count: 352 Body Size: 27x27 Base Socket Size: 47.0x47.0
Test & Burn-In
NP352-66 AC-29556 Pin Count: 388 Body Size: 27x27 Base Socket Size: 47.0x47.0
NP352-456-66 Pin Count: 456 Body Size: 27x27 Base Socket Size: 62.0x62.0
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
NP352 Series (Open Top) Fine Ball Grid Array (FBGA, 1.00mm Pitch)
Grid Size 26 x 26
NP352-484-87 Pin Count: 484 Body Size: 31x31 Base Socket Size: 62.0x62.0
NP352-676-103 Pin Count: 676 Body Size: 27x27 Base Socket Size: 47.0x47.0
Grid Size 29 x 29
NP352-40025 Pin Count: 400 Body Size 31x31 Base Socket Size: 62.0x62.0
NP352-48031 AC-21938 Pin Count: 468 Body Size: 31x31 Base Socket Size: 62.0x62.0
NP352-48031 Pin Count: 480 Body Size: 31x31 Base Socket Size: 62.0x62.0
NP352-55212 Pin Count: 552 Body Size 31x31 Base Socket Size: 62.0x62.0
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Test & Burn-In
NP352 Series (Open Top) Fine Ball Grid Array (FBGA, 1.00mm Pitch)
Grid Size 30 x 30 Grid Size 31 x 31
NP352-87 AC-27191 Pin Count: 696 Body Size 31x31 Base Socket Size: 47.0x47.0
NP352-87-1-1 AC-28845 Pin Count: 764 Body Size: 31x31 Base Socket Size: 47.0x47.0
NP352-83615 Pin Count: 836 Body Size 33x33 Base Socket Size: 62.0x62.0
Grid Size 33 x 33
NP352-56009 AC-19416 Pin Count: 360 Body Size 35x35 Base Socket Size: 62.0x62.0
NP352-436-68 Pin Count: 436 Body Size 35x35 Base Socket Size: 62.0x62.0
NP352-56009 Pin Count: 560 Body Size 35x35 Base Socket Size: 62.0x62.0
NP352-56009 AC-24855 Pin Count: 560 Body Size 35x35 Base Socket Size: 62.0x62.0
Test & Burn-In
NP352-64819 Pin Count: 648 Body Size 35x35 Base Socket Size: 62.0x62.0
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
NP352 Series (Open Top) Fine Ball Grid Array (FBGA, 1.00mm Pitch)
Grid Size 34 x 34
NP352-115523 AC-22615 Pin Count: 680 Body Size 35x35 Base Socket Size: 62.0x62.0
NP352-724-95 Pin Count: 724 Body Size 35x35 Base Socket Size: 62.0x62.0
NP352-115523 Pin Count:1155 Body Size 35x35 Base Socket Size: 62.0x62.0
Grid Size 36 x 36
NP352-1206-38 AC-28934 Pin Count: 677 Body Size 37.5x37.5 Base Socket Size: 62.0x62.0
NP352-1206-38 Pin Count:1206 Body Size:37.5x37.5 Base Socket Size: 62.0x62.0
NP352-129636 Pin Count:1296 Body Size 37.5x37.5 Base Socket Size: 62.0x62.0
NP352-129652 Pin Count:1296 Body Size 37.5x37.5 Base Socket Size: 74.0x74.0
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Test & Burn-In
NP352 Series (Open Top) Fine Ball Grid Array (FBGA, 1.00mm Pitch)
Grid Size 38 x 38
NP352-78832 AC-19367 Pin Count: 660 Body Size 40x40 Base Socket Size: 62.0x62.0
NP352-76814 Pin Count: 768 Body Size: 40x40 Base Socket Size: 62.0x62.0
NP352-78832 Pin Count: 788 Body Size: 40x40 Base Socket Size: 62.0x62.0
Grid Size 39 x 39
NP352-152124 AC-21918 Pin Count: 513 Body Size: 40x40 Base Socket Size: 62.0x62.0
NP352-152124 AC-25245 Pin Count: 792 Body Size: 40x40 Base Socket Size: 62.0x62.0
NP352-829-50 Pin Count: 829 Body Size: 40x40 Base Socket Size: 62.0x62.0
NP352-152124 Pin Count: 1521 Body Size: 40x40 Base Socket Size: 62.0x62.0
NP352-1521-53 Pin Count: 1521 Body Size:40x40 Base Socket Size: 74.0x74.0
D-42
Test & Burn-In
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
NP352 Series (Open Top) Fine Ball Grid Array (FBGA, 1.00mm Pitch)
Grid Size 40 x 40 Grid Size 41 x 41
NP352-1600-54-* Pin Count: 1600 Body Size 45x45 Base Socket Size: 74.0x74.0
NP352-160018 Pin Count:1600 Body Size:42.5x42.5 Base Socket Size: 74.0x74.0
Grid Size 43 x 43
NP352-1008-39 Pin Count:1008 Body Size 45x45 Base Socket Size: 74.0x74.0
NP352-106426 Pin Count:1064 Body Size: 45x45 Base Socket Size: 74.0x74.0
NP352-1849-35 Pin Count:1849 Body Size:45x45 Base Socket Size: 74.0x74.0
Grid Size 46 x 46
NP352-2116-71 Pin Count:2116 Body Size 47.5x47.5 Base Socket Size: 74.0x74.0
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Test & Burn-In
D-43


▲Up To Search▲   

 
Price & Availability of NP352-04808

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X