Part Number Hot Search : 
0R12K 6BX68 TP506 9729K CD214 TP506 21200 855272
Product Description
Full Text Search
 

To Download MJ411 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
DESCRIPTION *High Collector-Emitter Sustaining Voltage: VCEO(SUS)= 300V(Min.) *Low Collector Saturation Voltage: VCE(sat)= 0.8V(Max)@ IC= 1A APPLICATIONS *Designed for medium to high voltage inverters, converters, regulators and switching circuits. ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB
B
MJ411
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Collector Current-Peak
VALUE 300 300
UNIT V
Base Current-Continuous
PC TJ Tstg
Collector Power Dissipation@TC=25 Junction Temperature
ww w
PARAMETER
scs .i
5 5 10 2 100 150 -65~200 MAX 0.75
.cn mi e
V V A A A W
Storage Temperature Range
THERMAL CHARACTERISTICS
SYMBOL Rth j-c UNIT /W
Thermal Resistance,Junction to Case
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP
MJ411
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 100mA; IB= 0
300
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 1A; IB= 0.1A
B
0.8
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 1A; IB= 0.1A
B
1.2
V
ICEO
Collector Cutoff Current
VCE=300V; IB= 0
0.25
mA
ICEX
Collector Cutoff Current
VCB=300V;VEB(off)=1.5V;TC=125
IEBO
Emitter Cutoff current
hFE-1
DC Current Gain
hFE-2
DC Current Gain
fT
Current-Gain--Bandwidth Product
w w
w.
sem isc
VEB= 5V; IC= 0 IC= 1A; VCE=5V IC= 2.5A; VCE=5V
.cn i
30 10 2.5
0.5
mA
5.0
mA
90
IC= 0.2A; VCE=10V; f=1.0MHz
MHz
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of MJ411

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X