Part Number Hot Search : 
VEC2307 VEC2307 16LT1 HT7750 ISPLSI HCT08 APTGT TLP3203
Product Description
Full Text Search
 

To Download MIL2510-00K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ROVE
NU MB ER * DA SH
00K 02K 04K 06K 08K 10K 12K 14K 16K 18K 20K 22K 24K 26K 28K 30K 32K 34K 36K 38K 40K 42K 44K 46K 48K 50K 52K 54K 56K 58K 60K 62K 64K 66K 68K 70K 72K 74K 76K 78K 80K 82K 84K 86K 88K 90K 92K 94K 96K 01F 02F 03F 04F 05F 06F 07F 08F 09F 01F 02F 03F 04F 05F 06F 07F 08F 09F 10F 11F 12F 13F 14F 15F 16F 17F 18F 19F 20F 21F 22F 23F 24F 25F 26F 27F 28F 01F 02F 03F 04F 05F 06F 07F 08F 09F 10F 11F 12F
Series
RF INDUCTORS
MIL2510
MI
L I TA R Y
D
A
PP
M83446/28- SERIES MIL2510 PHENOLIC CORE
0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 25 25 25 25 25 25 25 25 25 35 35 35 35 25 30 30 30 30 35 35 35 35 35 35 35 25 25 25 25 25 25 25 25 25 25 25 25 15 15 15 15 15 15 15 15 15 15 15 15 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 640.0 610.0 530.0 510.0 480.0 440.0 410.0 380.0 340.0 240.0 210.0 200.0 180.0 160.0 140.0 125.0 120.0 100.0 90.0 85.0 80.0 75.0 64.0 50.0 45.0 29.0 24.0 21.0 18.0 17.0 15.0 13.0 12.0 11.0 10.0 9.0 8.9 8.5 7.6 7.2 6.8 6.2 5.3 5.0 4.6 4.3 3.8 3.2 2.4 0.14 0.17 0.20 0.22 0.26 0.40 0.50 0.60 0.63
MI L
Unshielded Surface Mount Inductors
M83446/29- SERIES MIL2510 IRON CORE
0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 180.0 220.0 270.0 330.0 390.0 470.0 560.0 680.0 820.0 1000.0
Military QPL Approval M83446/28PhenolicCore M83446/29IronCore M83446/30FerriteCore Ordering Note Militarypartsmustbeorderedto theM83446/partnumber Physical Parameters Inches Millimeters A 0.235to0255 5.97to6.48 B 0.085to0.105 2.16to2.67 C 0.090to0.110 2.29to2.79 D 0.060to0.080 1.52to2.03 E 0.035to0.055 0.89to1.40 F 0.100(Ref.only) 2.54(Ref.only) G 0.059(Ref.only) 1.47(Ref.only) Dimensions"A"and"C"areoverterminals. Weight Max.(Grams) Phenolic:0.19 Iron&Ferrite:0.22 Operating Temperature Range Phenolic:-55Cto+125C Iron&Ferrite:-55Cto+105C Current Rating at 90C Ambient Phenolic:35CRise Iron&Ferrite:15CRise Maximum Power Dissipation at 90C Ambient Phenolic:0.145Watts Iron&Ferrite:0.062Watts Packaging Tape&reel(12mm):7"reel,750pieces max.;13"reel,2700piecesmax. Made In the U.S.A. Patent Protected PAGE
M83446/30- SERIES MIL2510 FERRITE CORE
0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 17.0 19.0 21.5 32.0 37.0 47.0 53.0 60.0 71.0 83.0 95.0 108.0
Parts listed above are QPL/MIL qualified *Complete part # must include series # PLUS the dash # For further surface finish information, refer to TECHNICAL section of this catalog.
32
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 * Phone 716-652-3600 * Fax 716-652-4814
# IN D ( UCT H) A 1 NC 0% E Q MI NI MU M TE ST FR EQ UE NC SR Y F MI (M NI Hz MU ) DC M (M Hz MA RES ) XI IST MU A CU M NC (O E R H MA RE NT MS X. (m RA ) A) TI NG
865 785 725 690 635 510 455 415 405 500 475 444 418 385 300 283 250 229 187 167 143 123 114 99 91 120 110 106 100 91 87 76 69 62 58 50 47 52 49 46 38 35 31 30 28 25 23 22 20 0.19 0.21 0.24 0.27 0.32 0.53 0.59 0.76 0.90 1.35 1.70 2.30 3.10 3.60 4.8 5.7 3.3 3.8 4.2 4.7 5.7 6.2 8.1 9.8 12.0 13.8 19.0 21.0
6/2007
DA SH


▲Up To Search▲   

 
Price & Availability of MIL2510-00K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X