Part Number Hot Search : 
SK3A5P0 43650 OP400GS BV55BE MMBD3004 SS411 MMBD3004 2322168
Product Description
Full Text Search
 

To Download MIC-3043 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIC-3043
4U CompactPCI(R) Enclosure with cPCI Power Supply and Removable HDD Bay (CT Bus or Non-CT Bus) Features
6-slot 6U CompactPCI(R) backplane Supports two hot-swappable SCSI/SATA or removable IDE HDD bays Built-in IDE slim-type CD-ROM AC cPCI 250 W + 250 W redundant (1+1) power supplies Supports hot-swappable fan modules PICMG 2.5 (CompactPCI Computer Telephony) compliance Built-in alarm module (MIC-3924L-AE)
RoHS
2002/95/EC
COMPLIANT
Introduction
The MIC-3043 is a 4U enclosure designed for mission-critical and high-reliability applications such as Networking, Telecommunication, Computer Telephony Integration, and Image Processing. It is equipped with a hot-swappable CompactPCI redundant power supply and hot-swappable fan modules to minimize MTTR (Mean-Time-to-Repair). The MIC-3043 supports IEEE 1101.11 rear I/O transition boards. Users can route I/O signals to the rear transition boards for simplified system cabling. Front boards pop in and out without any hardwiring. The MIC-3043 has two hot-swappable SCSI/SATA or removable IDE HDD bays and one slim CD-ROM as standard. The MIC-3043 has a high-quality backplane that supports impedance control and 64-bit / 66 MHz cards for full compatibility. The H.110 CT Bus complies with PICMG 2.5, which is an open architecture ideal for telecom solutions or development platforms.
Specifications
MIC-3043A MIC-3043B MIC-3043C MIC-3043D System x 1, Peripheral x 5, Rear transition x 6 (80 mm, IEEE1101.11 compliant) Yes Yes Yes Backplane 32-bit/33 MHz, 64-bit/66 MHz +3.3 V/+5 V (selectable) Cooling 2 (front: 193 CFM, rear: 61.3 CFM) 2 (IDE) 2 (IDE) 2 (SCSI) 2 (SATA) Drive Bay 1 1 1 1 Management Interface 2 (fan failure and system overheating) AC 100 ~ 240 V @ 50 ~ 60 Hz, full range (MIC-3043X-XX) AC cPCI 250 W redundant power module Power Supply +3.3 V +5 V +12 V -12 V Max. Load 36 A 50 A 10 A 1A Min. Load 0A 2.0 A 0A 0A MTBF Backplane Fan module Power supply Reliability 800,000 hours 50,000 hours @ 25 C 100,000 hours @ 70% Operating Non-Operating Temperature 0 ~ 45 C, (32 ~ 113 F) -20 ~ 60 C, (-4 ~ 140 F) Environment Humidity 10 ~ 95% @ 40 C, non-condensing Shock 10 G 30 G Vibration (5 ~ 500 Hz) 1.0 Grms* 2.0 G Dimensions (W x H x D) 440 x 177 x 320 mm (17.3" x 7" x 12.6") Physical Characteristics Weight 18 kg (39.7 lb ) PICMG 2.0 R3.0 CompactPCI Specification PICMG 2.1 R2.0 CompactPCI Hot Swap Specification PICMG 2.11 R3.0 Front-Access Power Connectors Specification Compliance PICMG 2.5 R1.0 CompactPCI Computer Telephony Specification (MIC-3043B is not compliant with PICMG 2.5) RoHS, CE, FCC, UL, CCC * Without SCSI/IDE/SATA HDD 6U Slot H.110 CT Bus Bus V (I/O) Fan 3.5" HDD Slim CD-ROM Alarm indicators Input Output
MIC-3043 Backplane Information
Physical Number 6 5 4 3 2 1 MIC-3811, CT Bus backplane (for MIC-3043A/C/D) MIC-3812, non-CT Bus backplane (for MIC-3043B) Function I/O slot System slot I/O slot I/O slot I/O slot I/O slot
Recommended Configurations
Enclosure MIC-3043AE MIC-3043A-BE MIC-3043BE MIC-3043B-BE MIC-3043CE MIC-3043C-BE MIC-3043DE MIC-3043D-BE CPU Board MIC-3369C-MxE, MIC-3358A-MxE MIC-3390E, MIC-3390-AE MIC-3392A-MxE, MIC-3392B-MxE MIC-3369C-MxE, MIC-3358A-MxE MIC-3390E, MIC-3390-AE MIC-3392A-MxE, MIC-3392B-MxE MIC-3369C-MxE, MIC-3358A-MxE MIC-3390E, MIC-3390-AE MIC-3392A-MxE, MIC-3392B-MxE MIC-3369C-MxE, MIC-3358A-MxE MIC-3390E, MIC-3390-AE MIC-3392A-MxE, MIC-3392B-MxE Rear I/O Board RIO-3309C-AE, RIO-3309S-A2E, RIO-3309S-A1E RIO-3310AE, RIO-3310S-A2E, RIO-3310S-A1E RIO-3309C-AE, RIO-3309S-A2E, RIO-3310S-A1E RIO-3310AE, RIO-3310S-A2E, RIO-3310S-A1E RIO-3309S-A1E RIO-3310S-A1E RIO-3309S-A1E, RIO-3309C-AE, RIO-3309S-A2E RIO-3310S-A1E, RIO-3310S-A2E, RIO-3310AE Included MIC-3924L-AE Optional MIC-3924A-BE MIC-3927AE Chassis Management Module
Ordering Information
Part Number PICMG 2.5 HDD Bay Media Support Chassis Management Module MIC-3043AE Yes IDE Slim CD-ROM MIC-3924L-AE MIC-3043A-BE Yes IDE Slim CD-ROM MIC-3924L-AE MIC-3043BE IDE Slim CD-ROM MIC-3924L-AE MIC-3043B-BE IDE Slim CD-ROM MIC-3924L-AE MIC-3043CE Yes SCSI Slim CD-ROM MIC-3924L-AE MIC-3043C-BE Yes SCSI Slim CD-ROM MIC-3924L-AE MIC-3043DE Yes SATA Slim CD-ROM MIC-3924L-AE MIC-3043D-BE Yes SATA Slim CD-ROM MIC-3924L-AE Note: Please contact your local distributor to order AC 500W + 250W (2+1) redundant power suppliers. cPCI Power Supply Hot-swap AC cPCI 250 W + 250 W Hot-swap AC cPCI 250 W + 250 W Hot-swap AC cPCI 250 W + 250 W Hot-swap AC cPCI 250 W + 250 W
Accessories
Part Number 1757000190G 1757000011 968A390022 MIC-3927CE Description One AC cPCI 250 W redundant power module (included) One DC cPCI 250 W redundant power module MIC-3924L-AE alarm module (included) MIC-3927 intelligent chassis management module (IPMI)
Built-in alarm module (MIC-3924L-AE)
Two hot-swappable SCSI/SATA or removable IDE HDD bays
One slim-type CD-ROM
Hot-swappable rear fan
Supports IEEE 1101.11 rear I/O transition boards
6-slot 6U cPCI backplane AC cPCI 500 W + 250 W redundant (2+1) power supplies
Hot-swappable 193-CFM fan module
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of MIC-3043

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X