Part Number Hot Search : 
FR151 PSEK6012 M2022 SM104 PSEK6012 5RF22 5RF22 PB101
Product Description
Full Text Search
 

To Download MIC-3042 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIC-3042
4U CompactPCI(R) Enclosure with cPCI Power Supply (CT Bus or PICMG 2.16) Features
8-slot 6U CompactPCI(R) backplane AC cPCI 500 W + 250 W redundant (2+1) power supplies PICMG 2.16 (CompactPCI Packet Switching Backplane) compliance PICMG 2.5 (CompactPCI Computer Telephony) compliance Built-in alarm module (MIC-3924L-AE)
RoHS
2002/95/EC
COMPLIANT
Introduction
The MIC-3042 is a 4U enclosure designed for standard cPCI power supplies. It is equipped with a cPCI 500 W redundant 2+1 power supply with hot-swap support. The system has 8 slots for CompactPCI boards and 6 slots for IEEE 1101.11 rear I/O transition boards. The MIC-3042 comes with a built-in high quality backplane that supports 64-bit / 66 MHz PCI cards. The standard configuration includes a H.110 CT Bus that complies with PICMG 2.5, which is the open architecture used to build telecom solutions.
Specifications
MIC-3042A MIC-3042B System x 1, Peripheral x 6, Switch x 1, Rear System x 1, Peripheral x 6, Media x 1, Rear 6U slot transition x 8 (80 mm, IEEE1101.11 compliant) transition x 7 (80 mm, IEEE1101.11 compliant) Blade Server Support Yes Bus Up to 64-bit/66 MHz PCI bus H.110 CT Bus Yes Yes V (I/O) +3.3 V/+5 V (selectable) Fan 2 (front: 193 CFM, rear: 61.3 CFM) Input AC 100 ~ 254 V @ 50 ~ 60 Hz, full range (MIC-3042X-A) Output AC cPCI 250 W redundant power module +3.3 V +5 V +12 V -12 V Max. Load 36 A 50 A 10 A 1A Min. Load 0A 2.0 A 0A 0A Operating Non-Operating Temperature 0 ~ 45 C (32 ~ 113 F) -20 ~ 60 C (-4 ~ 140 F) Humidity 20 ~ 90% @ 40 C, non-condensing 10 ~ 95% @ 40 C, non-condensing Shock 10 G 30 G Vibration (5 ~ 500 Hz) 1.0 Grms 2.0 G Dimensions (W x H x D) 440 x 177 x 320 mm (17.3" x 7" x 12.6") Weight 18 kg (39.7 lb) MTBF Backplane Fan module Power supply 800,000 hours 50,000 hours @ 25 C 100,000 hours @ 70% load MTTR 5 minutes PICMG 2.0 R3.0 CompactPCI Specification PICMG 2.1 R2.0 CompactPCI Hot Swap Specification PICMG 2.5 R1.0 CompactPCI Computer Telephony Specification PICMG 2.11 R3.0 Front-Access Power Connectors Specification PICMG 2.16 R1.0 CompactPCI Packet Switching Backplane Specification (MIC-3042B is not compliant with PICMG 2.16) RoHS, CE, FCC, UL, CCC
Backplane
Cooling
Power Supply
Environment
Physical Characteristics Reliability Serviceability
Compliance
MIC-3042 Backplane Information
Physical Number 8 7 6 5 4 3 2 1 Function Switch slot I/O slot I/O slot I/O slot I/O slot I/O slot I/O slot System slot Physical Number 8 7 6 5 4 3 2 1 Function I/O slot I/O slot I/O slot I/O slot I/O slot I/O slot System slot Media blade slot
MIC-3042A, PICMG 2.16 / CT backplane (for MIC-3042A series)
MIC-3042B, CT backplane (for MIC-3042B series)
Recommended Configurations
Enclosure MIC-3042AE MIC-3042A-AE CPU Board MIC-3369C-MxE MIC-3358A-MxE MIC-3390E, MIC-3390-AE MIC-3392A-MxE, MIC-3392B-MxE MIC-3369C-MxE MIC-3358A-MxE MIC-3390E, MIC-3390-AE MIC-3392A-MxE, MIC-3392B-MxE Rear I/O Board RIO-3309C-AE, RIO-3309S-A2E RIO-3309C-AE, RIO-3309S-A2E RIO-3310S-A2E RIO-3309C-AE, RIO-3309S-A2E RIO-3309C-AE, RIO-3309S-A2E RIO-3310S-A2E Chassis Management Module
Included MIC-3924L-AE
or
Optional MIC-3927CE
MIC-3042BE MIC-3042B-AE
Ordering Information
Part Number MIC-3042AE MIC-3042A-AE MIC-3042BE MIC-3042B-AE PICMG 2.16 PICMG 2.5 Yes Yes Yes Yes Yes Yes PCI Yes Yes Yes Yes Switch Board Support Yes Yes Media Blade Support Yes Yes Chassis Management Module MIC-3924L-AE MIC-3924L-AE MIC-3924L-AE MIC-3924L-AE cPCI Power Supply AC cPCI 500 W + 250 W redundant (2+1) AC cPCI 500 W + 250 W redundant (2+1)
Accessories
Part Number 1757000190G 968A390022 MIC-3927CE Description One AC cPCI 250 W redundant power module (included) MIC-3924L-AE alarm module (included) MIC-3927 intelligent chassis management module (IPMI)
LED board
Hot-swappable 193-CFM fan module
Built-in alarm board (MIC-3924L-AE) Hot-swappable rear fan
AC cPCI 500 W + 250 W redundant (2+1) power supplies
Supports IEEE 1101.11 rear I//O transition boards
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of MIC-3042

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X