Part Number Hot Search : 
LTC3832 2SD1423A 28F128 NCP12 MDQ100A LTV824M 74F524CW LT1170CK
Product Description
Full Text Search
 

To Download MIC-2353 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIC-2353/F
NEW Features
Front Accessible Dual LAN and COM port Supports 4 x USB 2.0
Half-size Celeron(R) M 600 CPU Module
Build in Intel Celeron M CPU with 512K L2 cache
Onboard 2.5" HDD & CompactFlash card support Onboard 256K Battery backup RAM
Introduction
MIC-2353 is x86 platform with Celeron M 600Mhz CPU and 1GB DDR RAM. It also comes with rich peripherals such as 2 x LAN, 4 x USB, and 2 x serial ports. The directed soldered CPU design makes it more reliable in harsh/ vibration environments, and different from general IPCs, the MIC-2353 series features a fanless design, promising application reliability. It's an ideal solution for transportation, traffic control, and test and measurement solutions.
Specifications
Standard SBC Functions
CPU BIOS Chipset 2nd Level Cache RAM IDE HDD Interface Onboard Intel(R) Celeron M(R) 600 MHz CPU Award 256KB Flash Intel 852GM Onboard 512 KB 1GB DDR RAM Handles up to 1 IDE HDD and CompactFlash card. Supports PIO mode 4 and Ultra DMA/33 mode MIC-2353: N/A MIC-2353F: Yes 1 x RS-232 (COM1) and 1 x RS-232/422/485 (COM2) 2 x Realtek RTL8100CL Fast Ethernet Controller Chip 10/100Base-T with RJ-45 connector 4 x USB 2.0 Can generate a system reset. Software enabled/ disabled. Time interval is from 1 to 63 seconds jumperless with run-time setup One 6-pin mini-DIN connector on the front panel MIC-2353: Yes MIC-2353F: N/A Provides one CompactFlash socket on the first IDE channel Onboard 256K SRAM 2.5" IDE MIC-2353: N/A MIC-2353F: Yes ( 3.5" slim type)
VGA Interface
Controller Display Memory Resolution Intel 852GM 8/ 16/ 32 MB frame buffer using system memory Up to 1600 x 1200 at 85Hz
General
Board Size Front Panel Size 185 x 122 mm MIC-2353: 213.8 x 51.6 mm MIC-2353F: 213.8 x 77.6 mm Operating Temperature 0~ 60 C (32~ 140 F) Storage Temperature -20~ 80 C (-4~ 176 F) Humidity 5~95% (non-condensing)
FDD Interface Serial Ports Ethernet USB Ports Watchdog Timer Keyboard/Mouse Port Parallel Port CompactFlash Battery Backup RAM
Ordering Information
MIC-2353 MIC-2353F Celeron M 600 CPU Card w/ VGA/LAN/USB Celeron M 600 CPU Card w/ FDD/VGA/LAN/USB
HDD/FDD
HDD FDD
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of MIC-2353

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X